Part Number Hot Search : 
AD1939 VN3205N3 22S1GD08 ST25W16 C1000 TS274CDT NCP5392Q ISL6608
Product Description
Full Text Search
 

To Download 2SC3907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3907 description with to-3p(i) package complement to type 2sa1516 applications audio and general purpose power amplifier applications recommend for 80w high fidelity audio frequency amplifier output stage pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 180 v v ceo collector-emitter voltage open base 180 v v ebo emitter-base voltage open collector 5 v i c collector current 12 a i b base current 1.2 a p c collector power dissipation t c =25 130 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3p(i)) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC3907 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =50ma; i b =0 180 v v cesat collector-emitter saturation voltage i c =8 a;i b =0.8 a 0.3 2.0 v v be base-emitter voltage i c =7a ; v ce =5v 1.0 1.5 v i cbo collector cut-off current v cb =180v; i e =0 5 a i ebo emitter cut-off current v eb =5v; i c =0 5 a h fe-1 dc current gain i c =1a ; v ce =5v 55 180 h fe-2 dc current gain i c =7a ; v ce =5v 35 f t transition frequency i c =1a ; v ce =5v 30 mhz c ob output capacitance i e =0; v cb =10v;f=1mhz 270 pf  h fe-1 classifications r o 55-110 90-180
savantic semiconductor product specification 3 silicon npn power transistors 2SC3907 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SC3907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X