Part Number Hot Search : 
020180MH UFR7005R DMP2305U DB3AM 32M16 1N4793 SBL1630 CPDF24V
Product Description
Full Text Search
 

To Download 2SB562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2SB562 0.9 w, -1 a, -25 v pnp plastic encapsulated transistor 01-june-2002 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features z low frequency power amplifier z complementary pair with 2sd468 absolute maximum ratings at ta = 25 c parameter symbol ratings unit collector to base voltage v cbo -25 v collector to emitter voltage v ceo -20 v emitter to base voltage v ebo -5 v collector current - continuous i c -1 a total power dissipation pc 0.9 w junction, storage temperature t j , t stg +150, -55 ~ +150 absolute maximum ratings and electr ical characteristics at ta = 25 c symbol min. typ. max. unit test conditions v (br)cbo -25 - - v i c =-10 a, i e = 0 v (br)ceo -20 - - v i c =-1 ma, i b = 0 v (br)ebo -5 - - v i e =-10 a, i c = 0 i cbo - - -1 a v cb =-20 v, i e = 0 i ebo - -1 a v eb =-4 v, i c = 0 v ce(sat) - - -0.5 v i c =-0.8a, i b =-0.08a v be - - -1 v v ce =-2v, i c =-0.5a h fe(1) 85 - 240 v ce =-2v, i c =-0.5a f t - 350 - mhz v ce = -2v, i c = -0.5 a cob - 38 - pf v cb =-10v,i e =0,f=1mhz classification of h fe(1) rank b c range 85 -170 120 - 240
elektronische bauelemente 2SB562 0.9 w, -1 a, -25 v pnp plastic encapsulated transistor 01-june-2002 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
elektronische bauelemente 2SB562 0.9 w, -1 a, -25 v pnp plastic encapsulated transistor 01-june-2002 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually.


▲Up To Search▲   

 
Price & Availability of 2SB562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X