Part Number Hot Search : 
MOB63DR NTE349 BY9400 NTE2079 SMBJ90CA DBC98C51 MBT555 39K2FKR3
Product Description
Full Text Search
 

To Download 0681830001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/02/2010 please check www.molex.com for latest part information part number: 0681830001 status: active description: 6.25 mm (.246") pitch, 24 pin dvi single link digital plug, transmitter documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-68183-001 (pdf) general product family i/o connectors series 68183 application wire-to-board component type plug, transmitter product name n/a type n/a physical boot color n/a circuits (loaded) 24 circuits (maximum) 24 durability (mating cycles max) 200 gender plug keying to mating part none lock to mating part no material - plating mating gold number of rows 3 orientation vertical pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type bag panel mount yes pitch - mating interface (in) 0.246 in pitch - mating interface (mm) 6.25 mm pitch - term. interface (in) 0.246 in pitch - term. interface (mm) 6.25 mm polarized to mating part yes polarized to pcb n/a ports 1 surface mount compatible (smc) no temperature range - operating 0c to +50c termination interface: style through hole waterproof / dustproof no wire insulation diameter n/a wire size awg n/a electrical current - maximum per contact 0.36a grounding to panel yes shielded no voltage - maximum 5.5v material info reference - drawing numbers product specification ps-68183-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 68183 series use with
sales drawing sd-68183-001 this document was generated on 04/02/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0681830001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X