Part Number Hot Search : 
TC74H B0922BT1 2SD1915 330M166 N6121 00DT1 FMMV2105 RJP4301
Product Description
Full Text Search
 

To Download 0015244455 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0015244455 status: active overview: disk_drive_power_connector description: 5.08mm (.200") pitch disk drive power connection system header, straddle mount, right angle, 4 circuits, lead-free, without pcb locator peg, black housing documents: 3d model product specification ps-8981-4sm* (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 8981 application wire-to-board overview disk_drive_power_connector product name disk drive power physical breakaway no circuits (loaded) 4 circuits (maximum) 4 color - resin black durability (mating cycles max) 25 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation right angle pcb locator no pcb retention yes packaging type tray pitch - mating interface (in) 0.200 in pitch - mating interface (mm) 5.08 mm plating min: mating (in) 101.6 plating min: mating (m) 2.54 plating min: termination (in) 101.6 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) n/a temperature range - operating -40c to +105c termination interface: style straddle mount series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 8981 series mates with 15244048 disk drive power connection system female crimp housing
electrical current - maximum per contact 6.5a voltage - maximum 250v material info old part number a-8981-4sm1-lf reference - drawing numbers product specification ps-8981-4sm* sales drawing sda-8981-4sm1 this document was generated on 05/24/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0015244455

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X