Part Number Hot Search : 
74LS72 CT1612DB NP0H3A3 FDMS7680 1207AP KMM53 A2201 74LS72
Product Description
Full Text Search
 

To Download ZXTN25012EFH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  issue 1 - june 2006 1 www.zetex.com ? zetex semiconductors plc 2006 ZXTN25012EFH 12v, sot23, npn medium power transistor summary bv ceo > 12v bv eco > 4.5v h fe > 500 i c(cont) = 6a v ce(sat) < 32mv @ 1a r ce(sat) = 23m  p d = 1.25w description advanced process capability and package design have been used to maximize the power handling and pe rformance of this small outline transistor. the compact size and ratings of this device make it ideally suited to applications where space is at a premium. features ? high power dissipation sot23 package  high peak current  very high gain  low saturation voltage  6v reverse blocking voltage applications  mosfet gate drivers  power switches  motor control dc fans  dc-dc converters ordering information device marking 1c3 device reel size (inches) tape width (mm) quantity per reel ZXTN25012EFHta 7 8 3,000 c e b c e b pinout - top view
ZXTN25012EFH issue 1 - june 2006 2 www.zetex.com ? zetex semiconductors plc 2006 absolute maximum ratings notes: (a) for a device surface mounted on 15mm x 15mm x 1.6mm fr 4 pcb with high coverage of single sided 1oz copper, in still air conditions. (b) mounted on 25mm x 25mm x 1.6mm fr4 pcb with a high coverage of single sided 2 oz copper in still air conditions. (c) mounted on 50mm x 50mm x 1.6mm fr4 pcb with a high coverage of single sided 2 oz copper in still air conditions. (d) as (c) above measured at t<5secs. parameter symbol limit unit collector-base voltage v cbo 20 v collector-emitter voltage v ceo 12 v emitter-collector voltage (reverse blocking) v eco 4.5 v emitter-base voltage v ebo 7v continuous collector current (c) i c 6a base current i b 1a peak pulse current i cm 15 a power dissipation at t amb =25c (a) linear derating factor p d 0.73 5.84 w mw/c power dissipation at t amb =25c (b) linear derating factor p d 1.05 8.4 w mw/c power dissipation at t amb =25c (c) linear derating factor p d 1.25 9.6 w mw/c power dissipation at t amb =25c (d) linear derating factor p d 1.81 14.5 w mw/c operating and storage temperature range t j , t stg - 55 to 150 c thermal resistance parameter symbol limit unit junction to ambient (a) r  ja 171 c/w junction to ambient (b) r  ja 119 c/w junction to ambient (c) r  ja 100 c/w junction to ambient (d) r  ja 69 c/w
ZXTN25012EFH issue 1 - june 2006 3 www.zetex.com ? zetex semiconductors plc 2006 characteristics
ZXTN25012EFH issue 1 - june 2006 4 www.zetex.com ? zetex semiconductors plc 2006 electrical characteristics (at t amb = 25c unless otherwise stated) parameter symbol min. typ. max. unit conditions collector-base breakdown voltage bv cbo 20 40 v i c = 100  a collector-emitter breakdown voltage (base open) bv ceo 12 17 v i c = 10ma (*) notes: (*) measured under pulsed conditions. pulse width  300  s; duty cycle  2%. emitter-base breakdown voltage bv ebo 78.3 vi e = 100  a emitter-collector breakdown voltage (reverse blocking) bv ecx 68.0 vi e = 100  a, r bc < 1k  or 0.25v > v bc > -0.25v emitter-collector breakdown voltage (base open) bv eco 4.5 5.5 v i e = 100  a, collector-base cut-off current i cbo <1 50 20 na  a v cb = 16v v cb = 16v, t amb = 100c emitter-base cut-off current i ebo <1 50 na v eb = 5.6v collector-emitter saturation voltage v ce(sat) 28 32 mv i c = 1a, i b = 100ma (*) 45 55 mv i c = 1a, i b = 10ma (*) 60 75 mv i c = 2a, i b = 40ma (*) 160 190 mv i c = 6a, i b = 120ma (*) base-emitter saturation voltage v be(sat) 920 1000 mv i c = 6a, i b = 120ma (*) base-emitter turn-on voltage v be(on) 800 900 mv i c = 6a, v ce = 2v (*) static forward current transfer ratio h fe 500 800 1500 i c = 10ma, v ce = 2v (*) 500 750 i c = 1a, v ce = 2v (*) 300 460 i c = 4a, v ce = 2v (*) 40 55 i c = 15a, v ce = 2v (*) transition frequency f t 260 mhz i c = 50ma, v ce = 10v f = 100mhz output capacitance c obo 25.6 35 pf v cb = 10v, f = 1mhz (*) delay time t d 70.9 ns v cc = 10v. i c = 1a, i b1 = i b2 = 10ma. rise time t r 69.8 ns storage time t s 233 ns fall time t f 71.6 ns
ZXTN25012EFH issue 1 - june 2006 5 www.zetex.com ? zetex semiconductors plc 2006 typical characteristics
ZXTN25012EFH issue 1 - june 2006 6 www.zetex.com ? zetex semiconductors plc 2006 for international sales offices visit www.zetex.com/offices zetex products are distributed worldwide. for details, see www.zetex.com/salesnetwork this publication is issued to provide outline information only whic h (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. the company reserves the right to alter without notice the specif ication, design, price or conditions of supply of any product or service. europe zetex gmbh streitfeldstra?e 19 d-81673 mnchen germany telefon: (49) 89 45 49 49 0 fax: (49) 89 45 49 49 49 europe.sales@zetex.com americas zetex inc 700 veterans memorial highway hauppauge, ny 11788 usa telephone: (1) 631 360 2222 fax: (1) 631 360 8222 usa.sales@zetex.com asia pacific zetex (asia ltd) 3701-04 metroplaza tower 1 hing fong road, kwai fong hong kong telephone: (852) 26100 611 fax: (852) 24250 494 asia.sales@zetex.com corporate headquarters zetex semiconductors plc zetex technology park, chadderton oldham, ol9 9ll united kingdom telephone: (44) 161 622 4444 fax: (44) 161 622 4446 hq@zetex.com package outline - sot23 note: controlling dimensions are in millimeters. ap proximate dimensions are provided in inches dim. millimeters inches dim. millimeters inches min. max. min. max. min. max. max. max. a 2.67 3.05 0.105 0.120 h 0.33 0.51 0.013 0.020 b 1.20 1.40 0.047 0.055 k 0.01 0.10 0.0004 0.004 c - 1.10 - 0.043 l 2.10 2.50 0.083 0.0985 d 0.37 0.53 0.015 0.021 m 0.45 0.64 0.018 0.025 f 0.085 0.15 0.0034 0.0059 n 0.95 nom 0.0375 nom g 1.90 nom 0.075 nom - - - - - l n h g a c f b m k d 3 leads


▲Up To Search▲   

 
Price & Availability of ZXTN25012EFH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X