Part Number Hot Search : 
1N5242 3DD4205D 18VDC MCH6001 SS8550T MVA6A D2W230CD TX005
Product Description
Full Text Search
 

To Download STA12D05F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sta series product datasheet www.superworld.com.sg 1 of 2 superworld electronics features ? industry standard smd package ? dual 1kvdc isolated outputs ? operating temp range ?40 o c to 85 o c ? internal input and output filtering ? cecc00802 re-flow (280 deg. c max.) ? 2 year warranty description the sta series is a reliable high performance solution for a wide range of applications. with ful ly isolated dual outputs, several grounding and polarity configurations are available to the user. the sta is fully encapsulated in a non-flammable plastic case (meeting ul 94v-0). the devices are fully compatible with cecc00802 to 280 deg. c sta product range model vin (nom) (vdc) vout (vdc) iout (ma) iin (rated load) (ma) eff. (%) sta03d03 f 3.3 3.3 140 354 79 s ta03d05 f 3.3 5 100 374 81 sta03d09 f 3.3 9 56 373 82 sta03d12 f 3.3 12 41 359 83 sta03d15 f 3.3 15 34 372 83 sta05d03 f 5 3.3 140 228 81 sta05d05 f 5 5 100 241 83 sta05d09 f 5 9 56 240 84 sta05d12 f 5 12 41 232 85 sta05d 15 f 5 15 34 237 86 sta09d03 f 9 3.3 140 127 81 sta09d05 f 9 5 100 131 85 sta09d09 f 9 9 56 132 85 sta09d12 f 9 12 41 127 86 sta09d15 f 9 15 34 132 86 sta12d03 f 12 3.3 140 93 83 sta12d05 f 12 5 100 97 86 sta12d09 f 12 9 56 98 86 sta12d12 f 12 12 41 94 87 sta12d15 f 12 15 34 98 87 sta15d03 f 15 3.3 140 75 82 sta15d05 f 15 5 56 43 86 sta15d09 f 15 9 41 57 86 sta15d12 f 15 12 34 63 87 sta15d15 f 15 15 34 78 87 mechanical specifications pin function 1 gnd 3 +vin 5 nc 7 0v 9 -vout 10 nc 12 +vout 14 nc 16 nc 18 nc all measurements are in mm tolerances = 0.25mm sta series C 1w dual output surface mount dc-dc converter sta05d05f
sta series product datasheet www.superworld.com.sg 2 of 2 sta input specifications parameter conditions min typical max units input current (no load) all models 20 ma voltage range 3.3 vin models 2.97 3.3 3.63 vdc 5 vin models 4.5 5 5.5 9 vin models 8.1 9 9.9 12 vin models 10.8 12 13.2 15 vin models 13.5 15 16.5 transient input voltage (1 sec max.) 3.3 & 5 vin models 7.5 vdc 9 vin models 12.5 12 vin models 18 15 vin models 21 reverse voltage protection 0.3 a sta output specifications parameter conditions min typical max units rated power all models 1.0 w voltage setpoint accuracy 3 % line regulation 1% change in vin 1.0 1.2 % load regulation 3.3vout & 5vout 10 15 % (10% load to rated load) 9,12 & 15 vout 6 10 % ripple & noise bw = dc to 20mhz all models 40 100 mvp-p surge voltage (1 sec max.) 3.3 vout models 4.9 vdc 5 vout models 7 9 vout models 11.5 12 vout models 15 15 vout models 18 temperature coefficient 0.02 %/ o c capacitive load 10 f short circuit protection 1 second sta general characteristics parameter conditions min typical max units temperature specification -40 85 o c storage -55 125 o c isolation isolation test voltage 1000 vdc resistance 10 g capacitance 25 100 pf leakage current 2 8.5 arms switching frequency 120 khz mttf (ta = 25 o c) mil-hdbk-217e 450000 hrs weight 2.4 g contact information superworld electronics (s) pte ltd 16 new industrial road #06-01 to 08 hudson technocentre singapore 536204 tel : (65) 6298 2866 fax : (65) 6298 8900 email : sales@superworld.com.sg refer to low power application note 1 for additiona l performance curves & data


▲Up To Search▲   

 
Price & Availability of STA12D05F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X