Part Number Hot Search : 
LT1765 SI4128DY 6020158 10010 SC304 SC310 RPM6933 D120D
Product Description
Full Text Search
 

To Download SMP1000G-KP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SMP1000G-KP prelim. 1/98 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. mechanical data dimensions in mm. p.i.n. photodiode description the SMP1000G-KP is a large silicon p.i.n. photodiode incorporated in a hermetic metal can package. the electrical terminations are via two leads of diameter 0.018" on a pitch centre diameter of 0.2". the photodiode is electrically isolated from the package, which has a separate earth lead. the larger photodiode active area provides greater sensitivity than the smp900 range of devices, with a corresponding reduction in speed. the photodiode structure has been optimised for high sensitivity, light measurement applications. the metal can, isolated photodiode and optional screening mesh ensure a rugged device with a high degree of immunity to conducted and radiated electrical interference. operating temperature range storage temperature range temperature coefficient of responsively temperature coefficient of dark current reverse breakdown voltage -40c to +70c -45c to +80c 0.35% per c x2 per 8c rise 60v absolute maximum ratings (t case = 25c unless otherwise stated) features ? high sensitivity ? photodiode isolated from package ? excellent linearity ? low noise ? wide spectral response ? integral optical filter option note 1 ? to8 hermetic metal can package ? emi screening mesh available note 1 contact semelab plc for filter options 1 3 2 ? 15.25 ? 14.0 ? 0.45 lead 10.16 20 nom. 5.5 to-8 pin 1 C anode pin 2 C cathode pin 3 C case
SMP1000G-KP prelim. 1/98 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. characteristic t est conditions. min. t yp. max. units responsiv ely activ e area dar k current breakdo wn v oltage capacitance rise time nep l at 900nm e = 0 dar k 1v re v erse e = 0 dar k 10v re v erse e = 0 dar k 10a re v erse e = 0 dar k 0v re v erse e = 0 dar k 20v re v erse 30v re v erse 50 w 900nm 0.45 0.55 76.85 8 9 16 38 60 80 800 735 150 16 28x10 -14 0.45 a/w mm 2 na v pf ns w/ ? hz chara cteristics (t amb =25c unless otherwise stated) d i r e c t i o n a l c h a r a c t e r i s t i c s 0 0 . 1 0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 a n g l e f r o m s e n s o r t o i l l u m i n a t i o n d i r e c t i o n a l c h a r a c t e r i s t i c s 0 0 . 2 0 . 4 0 . 6 0 . 8 1 0 0 . 2 0 . 4 0 . 6 0 . 8 1 n o r m a l i s e d i n c i d e n t p o w e r 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 a n g l e f r o m s e n s o r t o i l l u m i n a t i o n s p e c t r a l r e s p o n s e 0 2 0 4 0 6 0 8 0 1 0 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 1 2 0 0 w a v e l e n g t h ( n m ) relative responsivity (%) normalised incident power


▲Up To Search▲   

 
Price & Availability of SMP1000G-KP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X