Part Number Hot Search : 
1100A SR2N7 1N2806 1N2806 ESD24V CDRH74 X1624 MCP607I
Product Description
Full Text Search
 

To Download PCNET-FAST-MP-KT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary this document contains information on a product under development at advanced micro devices. the information is intended to help you evaluate this product. amd reserves the right to change or discontinue work on this proposed product without notice. publication# 22104 rev: a amendment/ 0 issue date: january 1998 pcnet- fast -mp-kt am79c971 based evaluation kit for pci systems distinctive characteristics n based on the 10/100 mbps pcnet- fast (am79c971) single-chip ethernet controller n implements a fully functional 10/100 mbps ethernet node using a peripheral component interconnect (pci)-based system n ethernet adapter card utilizing a high performance, low-cost, bus master architecture n software compatible with all pcnet family members n software drivers support all popular network operating systems n includes evaluation board, software driver diskettes, and supporting documentation general description the pcnet- fast evaluation kit is a design evaluation vehicle for the am79c971 pcnet- fast single-chip ethernet controller. the kit includes an evaluation board with the am79c971 ethernet controller and is designed for 10base_t or 100base_tx media. the evaluation board, when installed in a pci-based host system, provides a platform for demonstrating the high performance of the pcnet- fast device, the low manufac- turing cost of a pcnet- fast -based solution, and the over- all ease of design. the platform further allows the user to evaluate the network hardware and to develop software for an ethernet node based on the pcnet- fast device. in addition to the evaluation board, the kit comes with software diskettes, a hardware users manual, the pcnet family network driver installation guide , device data sheet, and the pcnet family technical manual . the software includes driver object codes for novell netware odi dos and os/2, microsoft windows nt, window for workgroups, lan manager, banyan vines client, ibm lan server, sco unix, artisoft lantastic/ ai, dec pathworks, and packet driver. also included are two utility programs, one for con?uration of the network adapter card and software drivers installation, and one for eeprom con?uration. no hardware jumpers are required for con?uration. the pci system bios automatically con?ures on power up, the i/o base address, interrupt channel, and dma chan- nel for the pcnet-fast-based ethernet adapter card. in addition, amd provides a low-level evaluation pro- gram to establish connections, and send and receive messages. the evaluation program allows the user to view and change the contents of the pcnet-fast reg- isters, the memory resident initialization block, and the data buffer descriptor rings. the program also allows the designer to establish loops for hardware probing. the pcnet family con?uration and installation utility program, aminstall, provides an easy user interface to view the con?uration of the pcnet-fast evaluation board. the utility program will automatically scan the sys- tem bus(es), which may include ida, vl, and pci to sa+, pcnet-isa ii, pcnet-32, pcnet-pci, pcnet-pci ii, and pcnet- fast devices. with the con?uration portion of the program, the utility will ?d and report to the user, the i/o address, irq channel and dma channel, assigned to the pcnet- fast device by the system bios. after con?ura- tion, the user may use the installation portion of the utility to install a selected driver by copying the appropriate driver from the amd diskette, and create or modify the config.sys, autoexec.bat, and protocol.ini or net.cfg ?es on the users system. the pcnet-fast evaluation board stores the unique ieee physical address in the serial eeprom. once powered up, the am79c971 device reads the nodes ieee physical address from the eeprom through the microwire interface protocol. for more details about the pcnet-fast ethernet controller also refer to the am79c971 pcnet-fast data sheet (pid #20550c) and the pcnet family technical manual (pid #18216). trademarks copyright ?1998 advanced micro devices, inc. all rights reserved. amd, the amd logo, and combinations thereof are trademarks of advanced micro devices, inc. clance, ?lan, isanet, lance, magic packet, and pcnet are trademarks of advanced micro devices, inc. product names used in this publication are for identi?ation purposes only and may be trademarks of their respective companies.


▲Up To Search▲   

 
Price & Availability of PCNET-FAST-MP-KT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X