Part Number Hot Search : 
2SC4403 BC847A XXXGX 1N4688 LTS367HR FS782 20100CT TPL10215
Product Description
Full Text Search
 

To Download P6SMBJ80A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 3 approve sheet part number: p6smbj series p6smbj series surface mount transient voltage suppressor voltage - 5.0 to 220 volts 600 watt peak power pulse rating peak power dissipation at t a =25c, t p =1ms(note 1,2 ,fig.1 ) peak forward surge current,8.3ms single half sine-wave superimposed on rated load (note 2,3) peak pulse current current on 10/1000s waveform(note 1,fig.3 ) operating and storage temperature range c notes: 1.non-repetitive current pulse, per fig. 3 and derated above t a = 25cper fig. 2 . 2.mounted on 5.0mm 2 ( .013mm thick) land areas. 3.measured on 8.3ms , single half sine-wave or equivalent square wave , duty cycle= 4 pulses per minutes maximum. features ? for surface mounted applications in order to optimize board space. ? low profile package ? built-in strain relief ? glass passivated junction ? excellent clamping capability ? low inductance ? fast response time: typically less than 1.0 ps from 0 volts to bv min ? typical ir less than 1a above 10v ? high temperature soldering : 250c/10 seconds at terminals. ? plastic package has underwriters laboratory flammability classification 94v-o mechanical data case: jedec do-214aa, molded plastic over passivated junction terminals: solder plated , solderable per mil-std-750, method 2026 polarity: color band denotes positive end ( cathode) except bidirectional. standard packageing: 12mm tape per (eia-481) weight: 0.003 ounces, 0.093 gram maximum ratings and characteristics rating at 25cambient temperature unless otherwise specified. resistive or inductive load, 60hz. for capacitive load derate current by 20%. symbol value units p ppm minimum 600 watts 100.0 amps t j , t stg -55 to +150 smb / do-214aa unit: inch ( mm ) .075 (1.91) .083 (2.11) .130 (3.30) .155 (3.94) .160 (4.06) .185 (4.70) .006 (.152) .012 (.305) .002(.051) .008(.203) .200 (5.08) .220 (5.59) .030 (0.76) .050 (1.27) .083 (2.13) .096 (2.44) 3.data sheet i fsm i ppm see table 1 amps
page . 4 approve sheet part number: p6smbj series r e b m u n t r a p g n i k r a m e d o c v rwm v br i @ t i r @v rwm v c @i pp e g a k c a p . n i m . x a m i t - i n u - i b - i n u - i b v v v a m a u a u v a r o s s e r p p u s e g a t l o v t n e i s n a r t w 0 0 6 ) c ( 0 . 5 j b m s 6 p d k d a 0 . 5 0 4 . 6 5 5 . 7 0 1 0 0 8 0 0 6 1 6 . 9 5 . 2 6 a a 4 1 2 - o d / b m s a ) c ( 0 . 5 j b m s 6 p e k e a 0 . 5 0 4 . 6 5 2 . 7 0 1 0 0 8 0 0 6 1 2 . 9 2 . 5 6 a a 4 1 2 - o d / b m s ) c ( 0 . 6 j b m s 6 p f k f a 0 . 6 7 6 . 6 5 4 . 8 0 1 0 0 8 0 0 6 1 4 . 1 1 6 . 2 5 a a 4 1 2 - o d / b m s a ) c ( 0 . 6 j b m s 6 p g k g a 0 . 6 7 6 . 6 7 6 . 7 0 1 0 0 8 0 0 6 1 3 . 0 1 3 . 8 5 a a 4 1 2 - o d / b m s ) c ( 5 . 6 j b m s 6 p h k h a 5 . 6 2 2 . 7 4 1 . 9 0 1 0 0 5 0 0 0 1 3 . 2 1 7 . 8 4 a a 4 1 2 - o d / b m s a ) c ( 5 . 6 j b m s 6 p k k k a 5 . 6 2 2 . 7 0 3 . 8 0 1 0 0 5 0 0 0 1 2 . 1 1 6 . 3 5 a a 4 1 2 - o d / b m s ) c ( 0 . 7 j b m s 6 p l k l a 0 . 7 8 7 . 7 6 8 . 9 0 1 0 0 2 0 0 4 3 . 3 1 1 . 5 4 a a 4 1 2 - o d / b m s a ) c ( 0 . 7 j b m s 6 p m k m a 0 . 7 8 7 . 7 5 9 . 8 0 1 0 0 2 0 0 4 0 . 2 1 0 . 0 5 a a 4 1 2 - o d / b m s ) c ( 5 . 7 j b m s 6 p n k n a 5 . 7 3 3 . 8 7 6 . 0 1 0 . 1 0 0 1 0 0 2 3 . 4 1 0 . 2 4 a a 4 1 2 - o d / b m s a ) c ( 5 . 7 j b m s 6 p p k p a 5 . 7 3 3 . 8 8 5 . 9 0 . 1 0 0 1 0 0 2 9 . 2 1 5 . 6 4 a a 4 1 2 - o d / b m s ) c ( 0 . 8 j b m s 6 p q k q a 0 . 8 9 8 . 8 0 3 . 1 1 0 . 1 0 5 0 0 1 0 . 5 1 0 . 0 4 a a 4 1 2 - o d / b m s a ) c ( 0 . 8 j b m s 6 p r k r a 0 . 8 9 8 . 8 3 2 . 0 1 0 . 1 0 5 0 0 1 6 . 3 1 1 . 4 4 a a 4 1 2 - o d / b m s ) c ( 5 . 8 j b m s 6 p s k s a 5 . 8 4 4 . 9 2 9 . 1 1 0 . 1 0 1 0 2 9 . 5 1 7 . 7 3 a a 4 1 2 - o d / b m s a ) c ( 5 . 8 j b m s 6 p t k t a 5 . 8 4 4 . 9 2 8 . 0 1 0 . 1 0 1 0 2 4 . 4 1 7 . 1 4 a a 4 1 2 - o d / b m s ) c ( 0 . 9 j b m s 6 p u k u a 0 . 9 0 . 0 1 6 . 2 1 0 . 1 5 0 1 9 . 6 1 5 . 5 3 a a 4 1 2 - o d / b m s a ) c ( 0 . 9 j b m s 6 p v k v a 0 . 9 0 . 0 1 5 . 1 1 0 . 1 5 0 1 4 . 5 1 0 . 9 3 a a 4 1 2 - o d / b m s ) c ( 0 1 j b m s 6 p w k w a 0 1 1 . 1 1 1 . 4 1 0 . 1 5 5 8 . 8 1 9 . 1 3 a a 4 1 2 - o d / b m s a ) c ( 0 1 j b m s 6 p x k x a 0 1 1 . 1 1 8 . 2 1 0 . 1 5 5 0 . 7 1 3 . 5 3 a a 4 1 2 - o d / b m s ) c ( 1 1 j b m s 6 p y k y a 1 1 2 . 2 1 4 . 5 1 0 . 1 5 5 1 . 0 2 9 . 9 2 a a 4 1 2 - o d / b m s a ) c ( 1 1 j b m s 6 p z k z a 1 1 2 . 2 1 0 . 4 1 0 . 1 5 5 2 . 8 1 0 . 3 3 a a 4 1 2 - o d / b m s ) c ( 2 1 j b m s 6 p d l d b 2 1 3 . 3 1 9 . 6 1 0 . 1 5 5 0 . 2 2 3 . 7 2 a a 4 1 2 - o d / b m s a ) c ( 2 1 j b m s 6 p e l e b 2 1 3 . 3 1 3 . 5 1 0 . 1 5 5 9 . 9 1 2 . 0 3 a a 4 1 2 - o d / b m s ) c ( 3 1 j b m s 6 p f l f b 3 1 4 . 4 1 2 . 8 1 0 . 1 5 5 8 . 3 2 2 . 5 2 a a 4 1 2 - o d / b m s a ) c ( 3 1 j b m s 6 p g l g b 3 1 4 . 4 1 5 . 6 1 0 . 1 5 5 5 . 1 2 9 . 7 2 a a 4 1 2 - o d / b m s ) c ( 4 1 j b m s 6 p h l h b 4 1 6 . 5 1 8 . 9 1 0 . 1 5 5 8 . 5 2 3 . 3 2 a a 4 1 2 - o d / b m s a ) c ( 4 1 j b m s 6 p k l k b 4 1 6 . 5 1 9 . 7 1 0 . 1 5 5 2 . 3 2 8 . 5 2 a a 4 1 2 - o d / b m s ) c ( 5 1 j b m s 6 p l l l b 5 1 7 . 6 1 1 . 1 2 0 . 1 5 5 9 . 6 2 3 . 2 2 a a 4 1 2 - o d / b m s a ) c ( 5 1 j b m s 6 p m l m b 5 1 7 . 6 1 2 . 9 1 0 . 1 5 5 4 . 4 2 0 . 4 2 a a 4 1 2 - o d / b m s ) c ( 6 1 j b m s 6 p n l n b 6 1 8 . 7 1 6 . 2 2 0 . 1 5 5 8 . 8 2 8 . 0 2 a a 4 1 2 - o d / b m s a ) c ( 6 1 j b m s 6 p p l p b 6 1 8 . 7 1 5 . 0 2 0 . 1 5 5 0 . 6 2 1 . 3 2 a a 4 1 2 - o d / b m s ) c ( 7 1 j b m s 6 p q l q b 7 1 9 . 8 1 9 . 3 2 0 . 1 5 5 5 . 0 3 7 . 9 1 a a 4 1 2 - o d / b m s a ) c ( 7 1 j b m s 6 p r l r b 7 1 9 . 8 1 7 . 1 2 0 . 1 5 5 6 . 7 2 7 . 1 2 a a 4 1 2 - o d / b m s ) c ( 8 1 j b m s 6 p s l s b 8 1 0 . 0 2 3 . 5 2 0 . 1 5 5 2 . 2 3 6 . 8 1 a a 4 1 2 - o d / b m s a ) c ( 8 1 j b m s 6 p t l t b 8 1 0 . 0 2 3 . 3 2 0 . 1 5 5 2 . 9 2 5 . 0 2 a a 4 1 2 - o d / b m s ) c ( 0 2 j b m s 6 p u l u b 0 2 2 . 2 2 1 . 8 2 0 . 1 5 5 8 . 5 3 7 . 6 1 a a 4 1 2 - o d / b m s a ) c ( 0 2 j b m s 6 p v l v b 0 2 2 . 2 2 5 . 5 2 0 . 1 5 5 4 . 2 3 5 . 8 1 a a 4 1 2 - o d / b m s ) c ( 2 2 j b m s 6 p w l w b 2 2 4 . 4 2 9 . 0 3 0 . 1 5 5 4 . 9 3 2 . 5 1 a a 4 1 2 - o d / b m s a ) c ( 2 2 j b m s 6 p x l x b 2 2 4 . 4 2 0 . 8 2 0 . 1 5 5 5 . 5 3 9 . 6 1 a a 4 1 2 - o d / b m s ) c ( 4 2 j b m s 6 p z l z b 4 2 7 . 6 2 8 . 3 3 0 . 1 5 5 0 . 3 4 0 . 4 1 a a 4 1 2 - o d / b m s a ) c ( 4 2 j b m s 6 p y l y b 4 2 7 . 6 2 7 . 0 3 0 . 1 5 5 9 . 8 3 4 . 5 1 a a 4 1 2 - o d / b m s ) c ( 6 2 j b m s 6 p d m d c 6 2 9 . 8 2 6 . 6 3 0 . 1 5 5 6 . 6 4 4 . 2 1 a a 4 1 2 - o d / b m s a ) c ( 6 2 j b m s 6 p e m e c 6 2 9 . 8 2 2 . 3 3 0 . 1 5 5 1 . 2 4 2 . 4 1 a a 4 1 2 - o d / b m s ) c ( 8 2 j b m s 6 p f m f c 8 2 1 . 1 3 4 . 9 3 0 . 1 5 5 0 . 0 5 0 . 2 1 a a 4 1 2 - o d / b m s a ) c ( 8 2 j b m s 6 p g m g c 8 2 1 . 1 3 8 . 5 3 0 . 1 5 5 4 . 5 4 2 . 3 1 a a 4 1 2 - o d / b m s ) c ( 0 3 j b m s 6 p h m h c 0 3 3 . 3 3 2 . 2 4 0 . 1 5 5 5 . 3 5 2 . 1 1 a a 4 1 2 - o d / b m s a ) c ( 0 3 j b m s 6 p k m k c 0 3 3 . 3 3 3 . 8 3 0 . 1 5 5 4 . 8 4 4 . 2 1 a a 4 1 2 - o d / b m s ) c ( 3 3 j b m s 6 p l m l c 3 3 7 . 6 3 5 . 6 4 0 . 1 5 5 0 . 9 5 2 . 0 1 a a 4 1 2 - o d / b m s a ) c ( 3 3 j b m s 6 p m m m c 3 3 7 . 6 3 2 . 2 4 0 . 1 5 5 3 . 3 5 3 . 1 1 a a 4 1 2 - o d / b m s ) c ( 6 3 j b m s 6 p n m n c 6 3 0 . 0 4 7 . 0 5 0 . 1 5 5 3 . 4 6 3 . 9 a a 4 1 2 - o d / b m s a ) c ( 6 3 j b m s 6 p p m p c 6 3 0 . 0 4 0 . 6 4 0 . 1 5 5 1 . 8 5 3 . 0 1 a a 4 1 2 - o d / b m s ) c ( 0 4 j b m s 6 p q m q c 0 4 4 . 4 4 3 . 6 5 0 . 1 5 5 4 . 1 7 4 . 8 a a 4 1 2 - o d / b m s a ) c ( 0 4 j b m s 6 p r m r c 0 4 4 . 4 4 1 . 1 5 0 . 1 5 5 5 . 4 6 3 . 9 a a 4 1 2 - o d / b m s
page . 5 approve sheet part number: p6smbj series r e b m u n t r a p g n i k r a m e d o c v rwm v br i @ t i r @v rwm v c @i pp e g a k c a p . n i m . x a m i t - i n u - i b - i n u - i b v v v a m a u a u v a r o s s e r p p u s e g a t l o v t n e i s n a r t w 0 0 6 ) c ( 3 4 j b m s 6 p s m s c 3 4 8 . 7 4 5 . 0 6 0 . 1 5 5 7 . 6 7 8 . 7 a a 4 1 2 - o d / b m s a ) c ( 3 4 j b m s 6 p t m t c 3 4 8 . 7 4 9 . 4 5 0 . 1 5 5 4 . 9 6 6 . 8 a a 4 1 2 - o d / b m s ) c ( 5 4 j b m s 6 p u m u c 5 4 0 . 0 5 3 . 3 6 0 . 1 5 5 3 . 0 8 5 . 7 a a 4 1 2 - o d / b m s a ) c ( 5 4 j b m s 6 p v m v c 5 4 0 . 0 5 5 . 7 5 0 . 1 5 5 7 . 2 7 3 . 8 a a 4 1 2 - o d / b m s ) c ( 8 4 j b m s 6 p w m w c 8 4 3 . 3 5 5 . 7 6 0 . 1 5 5 5 . 5 8 0 . 7 a a 4 1 2 - o d / b m s a ) c ( 8 4 j b m s 6 p x m x c 8 4 3 . 3 5 3 . 1 6 0 . 1 5 5 4 . 7 7 7 . 7 a a 4 1 2 - o d / b m s ) c ( 1 5 j b m s 6 p y m y c 1 5 7 . 6 5 8 . 1 7 0 . 1 5 5 1 . 1 9 6 . 6 a a 4 1 2 - o d / b m s a ) c ( 1 5 j b m s 6 p z m z c 1 5 7 . 6 5 2 . 5 6 0 . 1 5 5 4 . 2 8 3 . 7 a a 4 1 2 - o d / b m s ) c ( 4 5 j b m s 6 p d n d d 4 5 0 . 0 6 0 . 6 7 0 . 1 5 5 3 . 6 9 2 . 6 a a 4 1 2 - o d / b m s a ) c ( 4 5 j b m s 6 p e n e d 4 5 0 . 0 6 0 . 9 6 0 . 1 5 5 1 . 7 8 9 . 6 a a 4 1 2 - o d / b m s ) c ( 8 5 j b m s 6 p f n f d 8 5 4 . 4 6 6 . 1 8 0 . 1 5 5 3 0 1 8 . 5 a a 4 1 2 - o d / b m s a ) c ( 8 5 j b m s 6 p g n g d 8 5 4 . 4 6 1 . 4 7 0 . 1 5 5 6 . 3 9 4 . 6 a a 4 1 2 - o d / b m s ) c ( 0 6 j b m s 6 p h n h d 0 6 7 . 6 6 5 . 4 8 0 . 1 5 5 7 0 1 6 . 5 a a 4 1 2 - o d / b m s a ) c ( 0 6 j b m s 6 p k n k d 0 6 7 . 6 6 7 . 6 7 0 . 1 5 5 8 . 6 9 2 . 6 a a 4 1 2 - o d / b m s ) c ( 4 6 j b m s 6 p l n l d 4 6 1 . 1 7 1 . 0 9 0 . 1 5 5 4 1 1 3 . 5 a a 4 1 2 - o d / b m s a ) c ( 4 6 j b m s 6 p m n m d 4 6 1 . 1 7 8 . 1 8 0 . 1 5 5 3 0 1 8 . 5 a a 4 1 2 - o d / b m s ) c ( 0 7 j b m s 6 p n n n d 0 7 8 . 7 7 6 . 8 9 0 . 1 5 5 5 2 1 8 . 4 a a 4 1 2 - o d / b m s a ) c ( 0 7 j b m s 6 p p n p d 0 7 8 . 7 7 5 . 9 8 0 . 1 5 5 3 1 1 3 . 5 a a 4 1 2 - o d / b m s ) c ( 5 7 j b m s 6 p q n q d 5 7 3 . 3 8 7 . 5 0 1 0 . 1 5 5 4 3 1 5 . 4 a a 4 1 2 - o d / b m s a ) c ( 5 7 j b m s 6 p r n r d 5 7 3 . 3 8 8 . 5 9 0 . 1 5 5 1 2 1 9 . 4 a a 4 1 2 - o d / b m s ) c ( 8 7 j b m s 6 p s n s d 8 7 7 . 6 8 8 . 9 0 1 0 . 1 5 5 9 3 1 3 . 4 a a 4 1 2 - o d / b m s a ) c ( 8 7 j b m s 6 p t n t d 8 7 7 . 6 8 7 . 9 9 0 . 1 5 5 6 2 1 7 . 4 a a 4 1 2 - o d / b m s ) c ( 5 8 j b m s 6 p u n u d 5 8 4 . 4 9 2 . 9 1 1 0 . 1 5 5 1 5 1 9 . 3 a a 4 1 2 - o d / b m s a ) c ( 5 8 j b m s 6 p v n v d 5 8 4 . 4 9 2 . 8 0 1 0 . 1 5 5 7 3 1 4 . 4 a a 4 1 2 - o d / b m s ) c ( 0 9 j b m s 6 p w n w d 0 9 0 0 1 5 . 6 2 1 0 . 1 5 5 0 6 1 8 . 3 a a 4 1 2 - o d / b m s a ) c ( 0 9 j b m s 6 p x n x d 0 9 0 0 1 5 . 5 1 1 0 . 1 5 5 6 4 1 1 . 4 a a 4 1 2 - o d / b m s ) c ( 0 0 1 j b m s 6 p z n z d 0 0 1 1 1 1 0 . 1 4 1 0 . 1 5 5 9 7 1 4 . 3 a a 4 1 2 - o d / b m s a ) c ( 0 0 1 j b m s 6 p y n y d 0 0 1 1 1 1 0 . 8 2 1 0 . 1 5 5 2 6 1 7 . 3 a a 4 1 2 - o d / b m s ) c ( 0 1 1 j b m s 6 p d p d e 0 1 1 2 2 1 5 . 4 5 1 0 . 1 5 5 6 9 1 0 . 3 a a 4 1 2 - o d / b m s a ) c ( 0 1 1 j b m s 6 p e p e e 0 1 1 2 2 1 5 . 0 4 1 0 . 1 5 5 7 7 1 4 . 3 a a 4 1 2 - o d / b m s ) c ( 0 2 1 j b m s 6 p f p f e 0 2 1 3 3 1 0 . 9 6 1 0 . 1 5 5 4 1 2 8 . 2 a a 4 1 2 - o d / b m s a ) c ( 0 2 1 j b m s 6 p g p g e 0 2 1 3 3 1 0 . 3 5 1 0 . 1 5 5 3 9 1 1 . 3 a a 4 1 2 - o d / b m s ) c ( 0 3 1 j b m s 6 p h p h e 0 3 1 4 4 1 5 . 2 8 1 0 . 1 5 5 1 3 2 6 . 2 a a 4 1 2 - o d / b m s a ) c ( 0 3 1 j b m s 6 p k p k e 0 3 1 4 4 1 5 . 5 6 1 0 . 1 5 5 9 0 2 9 . 2 a a 4 1 2 - o d / b m s ) c ( 0 5 1 j b m s 6 p l p l e 0 5 1 7 6 1 5 . 1 1 2 0 . 1 5 5 8 6 2 2 . 2 a a 4 1 2 - o d / b m s a ) c ( 0 5 1 j b m s 6 p m p m e 0 5 1 7 6 1 5 . 2 9 1 0 . 1 5 5 3 4 2 5 . 2 a a 4 1 2 - o d / b m s ) c ( 0 6 1 j b m s 6 p n p n e 0 6 1 8 7 1 0 . 6 2 2 0 . 1 5 5 7 8 2 1 . 2 a a 4 1 2 - o d / b m s a ) c ( 0 6 1 j b m s 6 p p p p e 0 6 1 8 7 1 0 . 5 0 2 0 . 1 5 5 9 5 2 3 . 2 a a 4 1 2 - o d / b m s ) c ( 0 7 1 j b m s 6 p q p q e 0 7 1 9 8 1 5 . 9 3 2 0 . 1 5 5 4 0 3 0 . 2 a a 4 1 2 - o d / b m s a ) c ( 0 7 1 j b m s 6 p r p r e 0 7 1 9 8 1 5 . 7 1 2 0 . 1 5 5 5 7 2 2 . 2 a a 4 1 2 - o d / b m s ) c ( 0 8 1 j b m s 6 p s p s e 0 8 1 8 9 1 8 . 3 5 2 0 . 1 5 5 2 2 3 9 . 1 a a 4 1 2 - o d / b m s a ) c ( 0 8 1 j b m s 6 p t p t e 0 8 1 8 9 1 4 . 0 3 2 0 . 1 5 5 2 9 2 1 . 2 a a 4 1 2 - o d / b m s ) c ( 0 9 1 j b m s 6 p u p u e 0 9 1 9 0 2 9 . 7 6 2 0 . 1 5 5 0 4 3 8 . 1 a a 4 1 2 - o d / b m s a ) c ( 0 9 1 j b m s 6 p v p v e 0 9 1 9 0 2 2 . 3 4 2 0 . 1 5 5 8 0 3 0 . 2 a a 4 1 2 - o d / b m s ) c ( 0 0 2 j b m s 6 p w p w e 0 0 2 0 2 2 0 . 2 8 2 0 . 1 5 5 8 5 3 7 . 1 a a 4 1 2 - o d / b m s a ) c ( 0 0 2 j b m s 6 p x p x e 0 0 2 0 2 2 0 . 6 5 2 0 . 1 5 5 4 2 3 9 . 1 a a 4 1 2 - o d / b m s ) c ( 0 1 2 j b m s 6 p y p y e 0 1 2 1 3 2 1 . 6 9 2 0 . 1 5 5 6 7 3 6 . 1 a a 4 1 2 - o d / b m s a ) c ( 0 1 2 j b m s 6 p z p z e 0 1 2 1 3 2 8 . 8 6 2 0 . 1 5 5 0 4 3 8 . 1 a a 4 1 2 - o d / b m s ) c ( 0 2 2 j b m s 6 p d q d f 0 2 2 2 4 2 2 . 0 1 3 0 . 1 5 5 4 9 3 5 . 1 a a 4 1 2 - o d / b m s a ) c ( 0 2 2 j b m s 6 p e q e f 0 2 2 2 4 2 6 . 1 8 2 0 . 1 5 5 6 5 3 7 . 1 a a 4 1 2 - o d / b m s
page . 6 approve sheet part number: p6smbj series 100 10 1.0 0.1 0.1us 1.0ms 10ms td sec ,pulse width, figure 1-peak pulse power rating curve p , peak pulse power, kw ppm peak pulse power (p ) or current(i ) derating in percentage% pp pp 100 75 50 25 0 125 150 175 200 25 50 75 100 0 1.0us 10us 100us ta , ambient temperatuer, c figure2 derating curve v( ), breakdown voltage, volts br figure 4typical capacitance cj,capacitance,pf i , peak pulse current-% ppm t, time,ms figure 3-pulse waveform 01.02.0 3.0 4.0 0 50 100 150 ta=25 c pulse width (td) is defined as the point where the peak current decays to 50% of ipp tf=10 u sec 10/1000 u sec waveform as defined bye r.e.a. peak value ippm half value-ipp 2 e-kt td t , lead temperature, c l fig.5-maximum non-repetitive peak foward surge current unidirectional 1.0 2.0 5.0 10 20 50 100 200 measured at zero bias measured at stand-off voltahe(v ) mw tj=25 c f=1.0mhz vsig=50mvp-p mounted on 5.0mm copper land areas i ,peak forware surge current, amperes fsm 100 20 40 60 80 200 400 600 800 1,000 2,000 4,000 6,000 10 200 100 50 10 1 5 10 50 100 t=tmax 8.3ms single half since-wave jedec method jj non-repetitve pulse wavefom shown in flgure3 ta=25 c


▲Up To Search▲   

 
Price & Availability of P6SMBJ80A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X