Part Number Hot Search : 
AOP610L 40006 ASA2812S 74HCT27D MA568 A6393 A6393 LM358
Product Description
Full Text Search
 

To Download HDSP-201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10 mm (0.40 inch) seven segment displays technical data features ? industry standard size ? industry standard pinout 7.6 mm (0.3 inch) dip single 15.24 mm (0.6 inch) dip dual leads on 2.54 mm (0.1 inch) centers ? choice of colors red, algaas red, high efficiency red, orange, yellow, green ? excellent appearance evenly lighted segments mitered corners on segments gray package gives optimum contrast 50 viewing angle ? design flexibility common anode or common cathode single and dual digits right hand decimal point 1. overflow character ? categorized for luminous intensity yellow and green categorized for color use of like categories yields a uniform display ? high light output ? high peak current ? excellent for long digit string multiplexing hdsp-f00x series hdsp-f15x series hdsp-f20x series hdsp-f30x series hdsp-f40x series hdsp-f50x series hdsp-g00x series hdsp-g15x series hdsp-g20x series hdsp-g30x series hdsp-g40x series hdsp-g50x series ? intensity and color selection option ? sunlight viewable algaas algaas red red [1] her orange yellow green package hdsp- hdsp- hdsp- hdsp- hdsp- hdsp- description drawing f001 f151 f201 f401 f301 f501 common anode right hand decimal a f003 f153 f203 f403 f303 f503 common cathode right hand decimal b f007 f157 f207 f407 f307 f507 common anode 1. overflow c f008 f158 f208 f408 f308 f508 common cathode 1. overflow d g001 g151 g201 g401 g301 g501 two digit common anode right hand decimal e g003 g153 g203 g403 g303 g503 two digit common cathode right hand decimal f devices note: 1. these displays are recommended for high ambient light operation. please refer to the hdsp-f10x data sheet for low current operation.
2 description the 10 mm (0.40 inch) led seven segment displays are agilents most space-efficient character size. they are designed for viewing distances up to 4.5 metres (15 feet). these devices use an industry standard size package and pinout. the dual numeric, single numeric, and 1. overflow devices feature a right hand decimal point. all devices are available as either common anode or common cathode. typical applications include instruments, point of sale terminals, and appliances. package dimensions
3 function pin e f 1 e cathode no. 1 e anode no. 1 2 d cathode no. 1 d anode no. 1 3 c cathode no. 1 c anode no. 1 4 dp cathode no. 1 dp anode no. 1 5 e cathode no. 2 e anode no. 2 6 d cathode no. 2 d anode no. 2 7 g cathode no. 2 g anode no. 2 8 c cathode no. 2 c anode no. 2 9 cp cathode no. 2 dp anode no. 2 10 b cathode no. 2 b anode no. 2 11 a cathode no. 2 a anode no. 2 12 f cathode no. 2 f anode no. 2 13 digit no. 2 anode digit no. 2 cathode 14 digit no. 1 anode digit no. 1 cathode 15 b cathode no. 1 b anode no. 1 16 a cathode no. 1 a anode no. 1 17 g cathode no. 1 g anode no. 1 18 f cathode no. 1 f anode no. 1 function pin a b c d 1 anode [1] cathode [2] anode [1] cathode [2] 2 cathode f anode f cathode plus anode plus 3 cathode g anode g cathode minus anode minus 4 cathode e anode e nc nc 5 cathode d anode d nc nc 6 anode [1] cathode [2] anode [1] cathode [2] 7 cathode dp anode dp cathode dp anode dp 8 cathode c anode c cathode c anode c 9 cathode b anode b cathode b anode b 10 cathode a anode a nc nc notes: 1. redundant anodes 2. redundant cathodes internal circuit diagram hole pattern for pcb layout to achieve uniform 0.450 in. digit to digit pitch. for hdsp-fxxx to hdsp-gxxx.
4 electrical/optical characteristics at t a = 25 c absolute maximum ratings red algaas red her/orange yellow green hdsp- hdsp- hdsp- hdsp- hdsp- f00x/g00x f15x/g15x f20x/g20x/ f30x/g30x f50x/g50x description series series g40x series series series units average power per segment or dp 82 96 105 80 105 mw peak forward current per 150 [1] 160 [3] 90 [7] 60 [7] 90 [9] ma segment or dp dc forward current per 25 [2] 40 [4] 30 [6] 20 [8] 30 [10] ma segment or dp operating temperature range -40 to +100 -20 to +100 [11] -40 to +100 c storage temperature range -55 to +100 c reverse voltage per 3.0 v segment or dp lead solder temperature for 3 seconds (1.59 mm [0.63 in.] 260 c below seating plane) notes: 1. see figure 1 to establish pulsed conditions. 2. derate above 80 c at 0.63 ma/ c. 3. see figure 2 to establish pulsed conditions. 4. derate above 46 c at 0.54 ma/ c. 5. see figure 7 to establish pulsed conditions. 6. derate above 53 c at 0.45 ma/ c. 7. see figure 8 to establish pulsed conditions. 8. derate above 81 c at 0.52 ma/ c. 9. see figure 9 to establish pulsed conditions. 10. derate above 39 c at 0.37 ma/ c. 11. for operation below -20 c, contact your local agilent components sales office or an authorized distributor. device series parameter symbol min. typ. max. units test conditions luminous intensity/segment [1,2] i v 650 1200 m cd i f = 20 ma (digit average) forward voltage/segment or dp v f 1.6 2.0 v i f = 20 ma hdsp- peak wavelength l peak 655 nm f00x/ g00x dominant wavelength [3] l d 640 nm reverse voltage/segment or dp [4] v r 3.0 12 v i f = 100 m a temperature coefficient of d v f / c -2 mv/ c v f /segment or dp thermal resistance led r q j-pin 320 c/w/seg junction-to-pin red
5 device series parameter symbol min. typ. max. units test conditions luminous intensity/segment [1,2,5] i v 7.5 15.0 mcd i f = 20 ma (digit average) forward voltage/segment or dp v f 1.8 2.2 v i f = 20 ma hdsp- peak wavelength l peak 645 nm f15x/ g15x dominant wavelength [3] l d 637 nm reverse voltage/segment or dp [4] v r 3.0 15 v i r = 100 m a temperature coefficient of d v f / c -2 mv/ c v f /segment or dp thermal resistance led r q j-pin 320 c/w/seg junction-to-pin algaas red device series parameter symbol min. typ. max. units test conditions luminous intensity/segment [1,2] i v 420 1200 m cd i f = 5 ma (digit average) forward voltage/segment or dp v f 2.0 2.5 v i f = 20 ma hdsp- peak wavelength l peak 635 nm f20x/ g20x dominant wavelength [3] l d 626 nm reverse voltage/segment or dp [4] v r 3.0 30 v i r = 100 m a temperature coefficient of d v f / c -2 mv/ c v f /segment or dp thermal resistance led r q j-pin 320 c/w/seg junction-to-pin high efficiency red
6 orange yellow device series parameter symbol min. typ. max. units test conditions luminous intensity/segment [1,2] 290 800 m cd i f = 5 ma (digit average) i v forward voltage/segment or dp v f 2.2 2.5 v i f = 20 ma hdsp- peak wavelength l peak 583 nm f30x / g30x dominant wavelength [3,6] l d 581.5 586 592.5 nm reverse voltage/segment or dp [4] v r 3.0 40 v i r = 100 m a temperature coefficient of d v f / c -2 mv/ c v f /segment or dp thermal resistance led r q j-pin 320 c/w/seg junction-to-pin device series parameter symbol min. typ. max. units test conditions luminous intensity/segment [1,2] i v 420 1200 m cd i f = 5 ma (digit average) forward voltage/segment or dp v f 2.0 2.5 v i f = 20 ma peak wavelength l peak 600 nm dominant wavelength [3] l d 603 nm reverse voltage/segment or dp [4] v r 3.0 30 v i r = 100 m a temperature coefficient of d v f / c -2 mv/ c v f /segment or dp thermal resistance led rl\q j-pin 320 c/w/seg junction-to-pin hdsp- f40x/ g40x
7 high performance green notes: 1. case temperature of device immediately prior to the intensity measurement is 25 c. 2. the digits are categorized for luminous intensity. the intensity category is designated by a letter on the side of the package. 3. the dominant wavelength, l d , is derived from the cie chromaticity diagram and is that single wavelength which defines the color of the device. 4. typical specification for reference only. do not exceed absolute maximum ratings. 5. for low current operation, the algaas hdsp-f10x, g10x series displays are recommended. they are tested at 1 ma dc/segment and are pin for pin compatible with the hdsp-f15x/g15x series. 6. the yellow (hdsp-f30x/g30x) series and green (hdsp-f50x/g50x) series displays are categorized for dominant wavelength. the category is designated by a number adjacent to the luminous intensity category letter. device test series parameter symbol min. typ. max. units conditions luminous intensity/segment [1,2] i v 1030 3500 m cd i f = 10 ma (digit average) forward voltage/segment or dp v f 2.1 2.5 v i f = 10 ma hdsp- peak wavelength l peak 566 nm f50x / g50x dominant wavelength [3,6] l d 571 577 nm reverse voltage/segment or dp [4] v r 3.0 50 v i r = 100 m a temperature coefficient of d v f / c -2 mv/ c v f /segment or dp thermal resistance led r q j-pin 320 c/w/seg junction-to-pin
8 figure 1. maximum tolerable peak current vs. pulse duration C red. figure 5. relative luminous intensity vs. dc forward current. figure 6. relative efficiency (luminous intensity per unit current) vs. peak current. red, algaas red figure 2. maximum tolerable peak current vs. pulse duration C algaas red. figure 3. maximum allowable dc current vs. ambient temperature. figure 4. forward current vs. forward voltage.
9 her, orange, yellow, green figure 7. maximum tolerable peak current vs. pulse duration C her, orange. figure 8. maximum tolerable peak current vs. pulse duration C yellow. figure 11. forward current vs. forward voltage characteristics. figure 12. relative luminous intensity vs. dc forward current. figure 9. maximum tolerable peak current vs. pulse duration C green. figure 10. maximum allowable dc current vs. ambient temperature.
figure 13. relative efficiency (luminous intensity per unit current) vs. peak current. contrast enhancement for information on contrast enhancement please see application note 1015. soldering/cleaning cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family (methylene chloride, trichloro- ethylene, carbon tetrachloride, etc.) are not recommended for cleaning led parts. all of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic led parts. for further information on soldering leds please refer to application note 1027.
www.semiconductor.agilent.com data subject to change. copyright ? 1999 agilent technologies, inc. obsoletes 5952-3428 (11/90) 5963-7393e (11/99)


▲Up To Search▲   

 
Price & Availability of HDSP-201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X