Part Number Hot Search : 
0EVKI 1SAM7 PS11001 384196 14400 GC3030 SKY77404 SKY77404
Product Description
Full Text Search
 

To Download FU-695PDF-V620MXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tz7-01- 307a ( 1 / 6 ) october 5 , 2001 approved approved charged k . masuda s pecification of wavelength monitor integrated dfb-ld module module type: fu- 695pdf-v620mxx 8ch for 50ghz spacing, 350ghz range thermally wavelength tunable a b c d x date approved 9.oct. ? 01 t.nambara mitsubishi electric corporation * mitsubishi electric corp. reserves the right to change product design and specification without notice. preliminary
tz7-01- 307a ( 2 / 6 ) mitsubishi (optical devices) fu-6 95 pdf -v620mxx wavelength monitor integrated 1.55 m m dfb-ld module with polarization maintaining fiber pigtail (wavelength selected , digital application) description module type fu-6 95 pdf -v620mxx is a wavelength monitor integrated 1.55 m m dfb-ld module with polarization maintaining optical fiber. this module is suitable to a cw light source for external modulator for use in 2.5gb/s and 10gb/s digital optical communication systems. this module can be prepared in accordance with itu- t recommendation wavelength channel plan for dense-wdm transmission. features l multi quantum wells (mqw) dfb laser diode module l emission wavelength is in 1.55 m m band l polarization maintaining optical fiber pig-tail l built-in optical isolator l built-in thermal electric cooler l butterfly package l with 2 photodiode s for wavelength monitor and optical output power monitor l 350ghz range thermally wavelength tunable application high speed transmission systems (~10gb/s) dense-wdm systems absolute maximum ratings ( tld=tset) parameter symbol conditions rating unit optical output power pf cw 24 mw forward current if cw 150 ma laser diode reverse voltage vrl - 2 v reverse voltage vrd - 20 v photodiode forward current ifd - 2 ma cooler current ipe - 3.5 a thermo- electric cooler (note) cooler voltage vpe - 5 v operating case temperature tc - -20 ~ 70 c storage temperature tstg - -40 ~ 70 c note) even if the thermo-electric cooler (tec) is operated within the rated conditions, uncontrolled current loading or operation without heatsink may easily damage the module by exceeding the storage temperature range. thermistor resistance should be properly monitored by the feedback circuit during tec operation to avoid the catastrophic damage. preliminary
tz7-01- 307a ( 3 / 6 ) mitsubishi (optical devices) fu-6 95 pdf -v620mxx wavelength monitor integrated 1.55 m m dfb-ld module with polarization maintaining fiber pigtail (wavelength selected , digital application) electrical/optical characteristics (tld=tset 1, tset2, tset3, tset4, tset5, test6, test7 or tset8 , tc=25 c unless otherwise noted) parameter symbol test conditions limits unit min. typ. max. threshold current ith cw - 10 25 ma operating current iop cw, pf=20mw - - 130 ma operating voltage vop cw, pf=20mw - - 2 v light-emission central wavelength l c 1 to 8 cw, pf= 2 0mw , tld=tset1 to 8 (note 1) nm wavelength drift after 15 years d l c cw, pf=20mw, apc, atc, afc (note 2) - 3 0 - 3 0 pm laser operating temperature tset 1 to 8 - -30 - 35 c spectral line width d f cw, pf=20mw - - 20 mhz side mode suppression ratio sr cw, pf=20mw 33 40 - db polarization extinction ratio ex cw, pf= 2 0mw 20 25 - db relative intensity noise nr cw, pf=20mw, 0.5~3ghz - -155 -145 db/hz tracking error (note 3 ) er tc=-20~70 c, apc, atc - - 0.5 db differential efficiency h cw, pf=20mw 0.1 5 - - mw/ ma power m onitor current i p m cw, pf=20mw, vrd=5v 35 - 700 m a wavelength monitor current i w m cw, pf=20mw, vrd=5v 10 - 1000 m a wavelength discriminator slope (note 4) ds cw, pf=20mw, vrd=5v - 0.15 - m a/ ghz tc=25c 35 - - optical isolation iso tc=-20~70 c 23 - - db dark current (pd) id vrd=5v, tc=-20~70 c - - 0.1 m a capacitance (pd) ct vrd=5v, f=1mhz - - 30 pf note 1) see table 1. note 2) includes case temperature variation and aging. note 3) er=max|10 log( pf / pf@25c)| note 4) see figure 1. figure 1. wavelength discriminator curv e wavelength monitor output wavelength cr =500ghz(nom) fsr =1600ghz(nom) i 1 @ 90 % i 2 @ 10 % i peak @100% iwm l c notes: ds=(i 1 -i 2 )/ cr fsr: free spectrum range cr: capture range preliminary
tz7-01- 307a ( 4 / 6 ) mitsubishi (optical devices) fu-6 95 pdf -v620mxx wavelength monitor integrated 1.55 m m dfb-ld module with polarization maintaining fiber pigtail (wavelength selected , digital application) thermal characteristics (tc=-20~70c) parameter symbol test conditions limits unit min. typ. max. thermistor resistance rth tld=25 c 9.5 10 10.5 k w b constant of rth b - - 3950 - k cooling capacity d t pf=20mw, tc=70 c 100 - - c cooler current ipe pf=20mw, tc=70 c, tld=tset 1 - - 3 a cooler voltage vpe pf=20mw, tc=70 c, tld=tset 1 - - 4 v fiber pigtail specifications parameter limits unit type pm (note 5 ) - mode field diameter 1 0.5 1 m m cladding diameter 125 3 m m secondary coating outer diameter 0.9 0.1 mm polarization axis slow axis - connector fc/pc - optical return loss of connector 40 (min) db note 5 ) pmf - sumitomo panda fiber (pm-155) documentation fiber output power vs. laser forward current at tld=tset 8 and tc=-20,25,70 c threshold current ( ith) at tld=tset8 and tc=25 c laser forward current ( iop) at pf=20mw , tld=tset8 and tc=25 c laser forward voltage ( vop) at pf= 2 0mw , tld=tset8 and tc=25 c laser operating temperature (tset 1 and tset8 ) at l c (note 6 ) power m onitor current (i p m 1 ) at pf=20mw , tld=tset1 and tc=25 c power m onitor current (i p m 8 ) at pf=20mw , tld=tset8 and tc=25 c wavelength monitor current (iwm1) at pf=20mw, l c, tld=tset1 and tc=25 c wavelength monitor current (iwm8) at pf=20mw, l c, tld=tset8 and tc=25 c thermistor resistance (rth 1 ) at tld=tset1 and tc=25 c thermistor resistance (rth 8 ) at tld=tset8 and tc=25 c cooler current ( ipe) at pf=20mw , tld=tset1 and tc=70c cooler voltage ( vpe) at pf= 2 0mw , tld=tset1 and tc=70c note 6 ) tset is attached as a reference data. rth should be used in order to tune the wavelength to the specified value accurately. preliminary
tz7-01- 307a ( 5 / 6 ) mitsubishi (optical devices) fu-6 95 pdf -v620mxx wavelength monitor integrated 1.55 m m dfb-ld module with polarization maintaining fiber pigtail (wavelength selected , digital application) table 1. (unit: nm) type number l c 1 l c 2 l c 3 l c 4 l c 5 l c 6 l c 7 l c 8 fu-695pdf-v620m 0 6 1528.38 1528.77 1529.16 1529.55 1529.94 1530.33 1530.72 1531.12 fu-695pdf-v620m10 1529.94 1530.33 1530.72 1531.12 1531.51 1531.90 1532.29 1532.68 fu-695pdf-v620m 14 1531.51 1531.90 1532.29 1532.68 1533.07 1533.47 1533.86 1534.25 fu-695pdf-v620m 18 1533.07 1533.47 1533.86 1534.25 1534.64 1535.04 1535.43 1535.82 fu-695pdf-v620m 22 1534.64 1535.04 1535.43 1535.82 1536.22 1536.61 1537.00 1537.40 fu-695pdf-v620m 26 1536.22 1536.61 1537.00 1537.40 1537.79 1538.19 1538.58 1538.98 fu-695pdf-v620m 30 1537.79 1538.19 1538.58 1538.98 1539.37 1539.77 1540.16 1540.56 fu-695pdf-v620m 34 1539.37 1539.77 1540.16 1540.56 1540.95 1541.35 1541.75 1542.14 fu-695pdf-v620m 38 1540.95 1541.35 1541.75 1542.14 1542.54 1542.94 1543.33 1543.73 fu-695pdf-v620m 42 1542.54 1542.94 1543.33 1543.73 1544.13 1544.53 1544.92 1545.32 fu-695pdf-v620m 46 1544.13 1544.53 1544.92 1545.32 1545.72 1546.12 1546.52 1546.92 fu-695pdf-v620m 50 1545.72 1546.12 1546.52 1546.92 1547.32 1547.72 1548.11 1548.51 fu-695pdf-v620m 54 1547.32 1547.72 1548.11 1548.51 1548.91 1549.32 1549.72 1550.12 fu-695pdf-v620m 58 1548.91 1549.32 1549.72 1550.12 1550.52 1550.92 1551.32 1551.72 fu-695pdf-v620m 62 1550.52 1550.92 1551.32 1551.72 1552.12 1552.52 1552.93 1553.33 fu-695pdf-v620m 66 1552.12 1552.52 1552.93 1553.33 1553.73 1554.13 1554.54 1554.94 fu-695pdf-v620m 70 1553.73 1554.13 1554.54 1554.94 1555.34 1555.75 1556.15 1556.55 fu-695pdf-v620m 74 1555.34 1555.75 1556.15 1556.55 1556.96 1557.36 1557.77 1558.17 fu-695pdf-v620m 78 1556.96 1557.36 1557.77 1558.17 1558.58 1558.98 1559.39 1559.79 fu-695pdf-v620m 82 1558.58 1558.98 1559.39 1559.79 1560.20 1560.61 1561.01 1561.42 fu-695pdf-v620m 86 1560.20 1560.61 1561.01 1561.42 1561.83 1562.23 1562.64 1563.05 fu-695pdf-v620m 90 1561.83 1562.23 1562.64 1563.05 1563.45 1563.86 1564.27 1564.68 all wavelengths are referred to vacuum. preliminary
tz7-01- 307a ( 6 / 6 ) mitsuishi (optical devices) fu-6 95 pdf -v620mxx wavelength monitor integrated 1.55 m m df-ld module with polarization maintaining fier pigtail (wavelength selected , digital application) outline diagram (unit : mm) fu-695pdf -v620mxx thermistor pin 1 pd1 ld case pin 14 pin 8 pin 7 thermo cooler pd2 pin function 1 thermistor 2 thermistor 3 ld cathode 4 power monitor pd1 anode 5 power monitor pd1 cathode 6 cooler anode 7 cooler cathode 8 wavelength monitor pd2 cathode 9 wavelength monitor pd2 anode 10 nc 11 ld anode 12 ld cathode 13 ld anode 14 gnd preliminary tentative


▲Up To Search▲   

 
Price & Availability of FU-695PDF-V620MXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X