Part Number Hot Search : 
FBR2501 TK10417M MV5074C 160432 T83C51 HFU37H TK10417M LTC17
Product Description
Full Text Search
 

To Download FMA1127DA-24S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  touch pad touch detected finger contact detected zin impendance change detection principle of touch detection touch pad system model impedance status zref zref zin fujitsu fma1127 fma1127 touch sensor controller description  features  ? patented full-digital architecture ? supports 12 input channels (40qfn and 30ssop) or 9 input channels (32qfn and 24ssop) or 6 input channels (24qfn and 20ssop) ? programmable registers to characterize applications ?i 2 c interface with the host mcu ? configurable automatic impedance calibration (aic? ) ? two types of interrupts (gint for general purpose and tint for touch detection) ? 8-bit resolution of touch strength data (256 steps) ? three different modes for adjacent pattern interference suppression (apis?) ? configurable dio pins as direct touch outputs, extended gpios, or external interrupt inputs. ? beep generation for tactile feeling ? idle and sleep modes for power saving ? de-bounced touch outputs the fma1127 is a low-power, compact, flexible touch sensor controller that converts capacitance generated between the human body and a conductive touch pad to digital data without any analog signal processing. it includes touch sensor technology that compares reference and sensor input impedances to detect touch, all in digital domain. its programmability increases design flexibility and gives better performance and stability for a broad range of applications. the fma1127?s automatic impedance calibration (aic?) function can be easily configured to support different sensitivities for individual channels independently as well as to change values of parameters such as calibration intervals. aic may also be temporarily paused and resumed by a host mcu. among the many features of the fma1127 touch sensor controller, is the adjacent pattern interference suppression (apis?) which acts as a filter to eliminate adjacent key or pattern interference. the fma1127 also gives touch-strength output in addition to touch on/off output. there are a number of general-purpose dios depending on the package type that can be configured and programmed to meet customers? specific needs. this gives customers greater flexibility and value. the fma1127 comes in various package types to support different numbers of input channels and dios. the fma1127 touch sensor controller is developed and owned by atlab inc., south korea, and is distributed by fujitsu microelectronics america, inc.
touch sensor controller ordering information  number of number of product code package type package dimensions pin pitch sensor inputs digital outputs fma1127da-40n 40qfn 5mm x 5mm x 0.85mm 0.4mm 12 12 fma1127da-32n 32qfn 4mm x 4mm x 0.85mm 0.4mm 9 8 fma1127da-24n 24qfn 4mm x 4mm x 0.85mm 0.5mm 6 3 fma1127da-30s 30ssop 12.7mm x 10.3mm x 2.5mm 0.8mm 12 6 FMA1127DA-24S 24ssop 8.2mm x 7.8mm x 2.0mm 0.65mm 9 3 fma1127da-20s 20ssop 6.5mm x 6.4mm x 1.85mm 0.65mm 6 2 applications  ? portable devices such as pdas, cellular phones, mp3 players, remote controllers, and other integrated input ? home appliances and consumer electronic products ? computer input devices such as mice and keyboards specifications  ? wide voltage range of 2.5v to 5.5v ? current < 0.15ma ? response time as fast as 0.2msec ? recommended operating temperature: -35c to +85c ? no ground is required for touch pad ? water resistant ?i 2 c interface ? flexibility to choose digital i/o from 12/8/6/3/2 each and sensor inputs 12/9/6 each based on package ? automatically adjusts sensor sensitivity to cope with various operating environments ? no external clock source is required ? supports idle and sleep/suspension modes for power saving ? extra esd protection (8kv for chip/contact and 15kv for system/air) ? rohs compliant (lead-free package) fujitsu microelectronics america, inc. corporate headquarters 1250 e. arques avenue, m/s 333, sunnyvale, ca 94085-5401 tel: (800) 866-8608 fax: (408) 737-5999 e-mail: inquiry@fma.fujitsu.com web site: http://us.fujitsu.com/micro ? 2009 fujitsu microelectronics america, inc. all company and product names are trademarks or registered trademarks of their respective owners. printed in the u.s.a. tsc-fs-21348-02/2009


▲Up To Search▲   

 
Price & Availability of FMA1127DA-24S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X