Part Number Hot Search : 
68HC90 H2324S C1005CH1 3EZ33 E001056 14600 P0402FC MC74VHC1
Product Description
Full Text Search
 

To Download EMV-160ADA101MF55G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount aluminum electrolytic capacitors standard, 85 c cat. no. e1001e @ from 5.2l height @ suitable to t for downsized equipment @ solvent-proof type (see precautions and guidelines) @ pb-free design ? specifications ? dimensions [mm] downsized low profile 105 c mv mvk mva mvs (at 20 c , 120hz) (at 20 c after 2 minutes) (at 20 c ,120hz) (at 120hz) category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (tan e ) low temperature characteristics (max. impedance ratio) endurance shelf life items - 40 to +85 c 4 to 63v dc p 20% (m) i=0.01cv or 3 m a, whichever is greater. where, i : max. leakage current ( m a), c : nominal capacitance ( m f), v : rated voltage (v) rated voltage (v dc ) b55 tan e (max.) d55 to f60 h63 to ja0 rated voltage (v dc ) z( - 25 c )/z(+20 c ) b55 z( - 40 c )/z(+20 c ) d55 to f60 h63 to ja0 the following specifications shall be satisfied when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours (b55 size 1000 hours) at 85 c . capacitance change [p 20% of the initial value d.f. (tan e ) [ 200% of the initial specified value leakage current [ the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20 c after exposing them for 500 hours at 85 c without voltage applied. case code b55 d55 to ja0 capacitance change [p 20% of the initial value [p 15% of the initial value d.f. (tan e ) [ 200% of the initial specified value [ 150% of the initial specified value leakage current [ the initial specified value [ the initial specified value characteristics 4v 0.42 0.42 - 4v 7 17 15 - 6.3v 0.27 0.24 0.40 6.3v 4 10 10 10 10v 0.23 0.20 0.30 10v 3 8 8 8 16v 0.19 0.16 0.26 16v 2 6 6 6 25v 0.16 0.14 0.16 25v 2 4 4 4 35v 0.14 0.12 0.14 35v 2 3 3 3 50v 0.12 0.10 0.12 50v 2 3 3 3 63v - 0.12 0.12 63v 2 - 3 3 note : l p 0.5 for h63 to ja0 f d p 0.5 l p 0.3 (note) 0.3max. a p 0.2 w c p 0.2 b p 0.2 p ? part numbering system ? marking 7h 100 6.3v ex)6.3v100 m f 10 h16 ex)16v10 m f b55 d55 to ja0 size code b55 d55 & d60 e55 & e60 f55 & f60 h63 ha0 ja0 d 3 4 5 6.3 8 8 10 l 5.2 *5.2 *5.2 *5.2 6.3 10.0 10.0 a 3.3 4.3 5.3 6.6 8.3 8.3 10.3 b 3.3 4.3 5.3 6.6 8.3 8.3 10.3 c 3.7 5.1 5.9 7.2 9.0 9.0 11.0 w 0.45 to 0.75 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 p 0.8 1.0 1.4 1.9 2.3 3.1 4.5 * : l=5.7 for d60, e60 and f60. @ terminal code : a supplement code size code capacitance tolerance code capacitance code (ex. 4.7 m f:4r7,10 m f:100) taping code terminal code voltage code (ex. 6.3v:6r3,10v:100,50v:500) series code category e m v - a a a a d a a a a a a a g m 134 2678910 51213 11 16 17 18 15 14 please refer to "a guide to global code (surface mount type)" (1/2)
surface mount aluminum electrolytic capacitors standard, 85 c cat. no. e1001e ? standard ratings wv (v dc ) cap ( m f) size code tan e rated ripple current (marms/ 85 c ,120hz) part no. 4 22 b55 0.42 14 emv-4r0ada220mb55g 33 d55 0.42 23 emv-4r0ada330md55g 47 d55 0.42 27 emv-4r0ada470md55g 68 e55 0.42 38 emv-4r0ada680me55g 100 e55 0.42 46 emv-4r0ada101me55g 220 f55 0.42 74 emv-4r0ada221mf55g 6.3 15 b55 0.27 14.5 emv-6r3ada150mb55g 22 b55 0.27 17.5 emv-6r3ada220mb55g 22 d55 0.24 23 emv-6r3ada220md55g 47 e55 0.24 38 emv-6r3ada470me55g 100 f55 0.24 60 emv-6r3ada101mf55g 330 h63 0.40 190 emv-6r3ada331mh63g 470 ha0 0.40 265 emv-6r3ada471mha0g 1000 ja0 0.40 400 emv-6r3ada102mja0g 10 10 b55 0.23 12.8 emv-100ada100mb55g 15 d55 0.20 20 emv-100ada150md55g 33 e55 0.20 35 emv-100ada330me55g 68 f55 0.20 54 emv-100ada680mf55g 100 f60 0.20 70 emv-100ada101mf60g 220 h63 0.30 175 emv-100ada221mh63g 16 6.8 b55 0.19 11.6 emv-160ada6r8mb55g 10 b55 0.19 14 emv-160ada100mb55g 10 d55 0.16 17 emv-160ada100md55g 15 e55 0.16 26 emv-160ada150me55g 22 e55 0.16 32 emv-160ada220me55g 47 f55 0.16 50 emv-160ada470mf55g 68 f60 0.16 78 emv-160ada680mf60g 220 ha0 0.26 215 emv-160ada221mha0g 330 ha0 0.26 270 emv-160ada331mha0g 470 ja0 0.26 330 emv-160ada471mja0g 25 4.7 b55 0.16 10.5 emv-250ada4r7mb55g 6.8 d55 0.14 16 emv-250ada6r8md55g 33 f55 0.14 45 emv-250ada330mf55g 47 f60 0.14 65 emv-250ada470mf60g 68 h63 0.16 115 emv-250ada680mh63g 100 h63 0.16 145 emv-250ada101mh63g 330 ja0 0.16 305 emv-250ada331mja0g 35 2.2 b55 0.14 7.7 emv-350ada2r2mb55g 3.3 b55 0.14 9.4 emv-350ada3r3mb55g 4.7 d55 0.12 15 emv-350ada4r7md55g 6.8 e55 0.12 20 emv-350ada6r8me55g 10 e55 0.12 25 emv-350ada100me55g 15 f55 0.12 33 emv-350ada150mf55g 22 f55 0.12 40 emv-350ada220mf55g 33 f60 0.12 55 emv-350ada330mf60g 47 h63 0.14 105 emv-350ada470mh63g 68 ha0 0.14 157 emv-350ada680mha0g 100 ha0 0.14 175 emv-350ada101mha0g 220 ja0 0.14 265 emv-350ada221mja0g wv (v dc ) cap ( m f) size code tan e rated ripple current (marms/ 85 c ,120hz) part no. 50 0.10 b55 0.12 1.0 emv-500adar10mb55g 0.10 d55 0.10 1.3 emv-500adar10md55g 0.15 b55 0.12 2.0 emv-500adar15mb55g 0.15 d55 0.10 2.0 emv-500adar15md55g 0.22 b55 0.12 2.0 emv-500adar22mb55g 0.22 d55 0.10 2.9 emv-500adar22md55g 0.33 b55 0.12 3.0 emv-500adar33mb55g 0.33 d55 0.10 3.5 emv-500adar33md55g 0.47 b55 0.12 3.8 emv-500adar47mb55g 0.47 d55 0.10 4.2 emv-500adar47md55g 0.68 b55 0.12 4.6 emv-500adar68mb55g 0.68 d55 0.10 5.1 emv-500adar68md55g 1.0 b55 0.12 5.6 emv-500ada1r0mb55g 1.0 d55 0.10 6.2 emv-500ada1r0md55g 1.5 b55 0.12 6.9 emv-500ada1r5mb55g 1.5 d55 0.10 7.5 emv-500ada1r5md55g 2.2 b55 0.12 8.3 emv-500ada2r2mb55g 2.2 d55 0.10 10 emv-500ada2r2md55g 3.3 d55 0.10 14 emv-500ada3r3md55g 4.7 e55 0.10 19 emv-500ada4r7me55g 6.8 f55 0.10 24 emv-500ada6r8mf55g 10 f55 0.10 29 emv-500ada100mf55g 15 f60 0.10 32 emv-500ada150mf60g 22 f60 0.10 45 emv-500ada220mf60g 33 h63 0.12 95 emv-500ada330mh63g 47 ha0 0.12 140 emv-500ada470mha0g 68 ja0 0.12 170 emv-500ada680mja0g 100 ja0 0.12 195 emv-500ada101mja0g 63 0.10 d55 0.12 1.3 emv-630adar10md55g 0.15 d55 0.12 2.0 emv-630adar15md55g 0.22 d55 0.12 2.9 emv-630adar22md55g 0.33 d55 0.12 3.5 emv-630adar33md55g 0.47 d55 0.12 4.2 emv-630adar47md55g 0.68 d55 0.12 5.1 emv-630adar68md55g 1.0 d60 0.12 7.0 emv-630ada1r0md60g 1.5 d60 0.12 8.4 emv-630ada1r5md60g 2.2 d60 0.12 10 emv-630ada2r2md60g 3.3 d60 0.12 13 emv-630ada3r3md60g 4.7 f60 0.12 18.5 emv-630ada4r7mf60g 6.8 f60 0.12 21 emv-630ada6r8mf60g 10 ha0 0.12 46 emv-630ada100mha0g 15 ha0 0.12 52 emv-630ada150mha0g 22 ha0 0.12 69 emv-630ada220mha0g 33 ha0 0.12 85 emv-630ada330mha0g 47 ha0 0.12 101 emv-630ada470mha0g 68 ja0 0.12 125 emv-630ada680mja0g (2/2)


▲Up To Search▲   

 
Price & Availability of EMV-160ADA101MF55G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X