Part Number Hot Search : 
M6823TA 6754ML SWF13N50 1DF0AKR CMBZ52XX BGE884 D2W202LG AN486
Product Description
Full Text Search
 

To Download DTD113ZK09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/3 www.rohm.com c 2009 rohm co., ltd. all rights reserved. 2009.05 - rev.c abbreviated symbol: g21 abbreviated symbol: g21 (1) gnd (2) in (3) out rohm : umt3 eiaj : sc-70 (1) gnd (2) in (3) out rohm : smt3 eiaj : sc-59 dtd113zk dtd113zu ( 2 ) ( 1 ) 2.8 1.6 0.4 ( 3 ) 2.9 1.9 0.95 0.95 0.8 0.15 0.3min. 1.1 0.2 0.15 0.1min. 0.9 0.7 1.25 2.1 0.3 ( 3 ) 0.65 ( 2 ) 2.0 1.3 ( 1 ) 0.65 each lead has same dimensions each lead has same dimensions 500ma / 50v digital transistors (with built-in resistors) dtd113zk / dtd113zu ? applications ? dimensions (unit : mm) inverter, interface, driver ? features 1) built-in bias resistors en able theconfiguration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) the bias resistors consist of thin-film resistors negative biasing of the input. they also have the advantage of almost completely eliminat ing parasitic effects. 3) only the on/off conditions need to be set for operation, making the device design easy. ? structure npn epitaxial planar silicon transistor (resistor built-in type) ? packaging specifications smt3 dtd113zk part no. dtd113zu t146 3000 ? umt3 t106 3000 ? package packaging type code basic ordering unit (pieces) taping taping ? equivalent circuit r 1 r 2 in r 1 =1.0k , r 2 =10k gnd out in gnd out
2/3 www.rohm.com c 2009 rohm co., ltd. all rights reserved. 2009.05 - rev.c data sheet dtd113zk/dtd113zu ? absolute maximum ratings (ta=25 ? c) parameter symbol v cc 50 ? 5 to +10 500 200 150 ? 55 to +150 dtd113zu dtd113zk v v in v ma mw i c p d tj tstg unit c c limits supply voltage output current power dissipation junction temperature storage temperature input voltage ? electrical characteristics (ta=25 ? c) parameter symbol v i(off) v i(on) v o(on) i i i o(off) r 1 g i r 2 /r 1 f t min. ? 1.5 ? ? ? 0.7 82 8 ? ? ? 0.1 ? ? 1 ? 10 200 0.3 ? 0.3 7.2 0.5 1.3 ? 12 ? v v cc = 5v, i o = 100 a v o = 0.3v, i o = 20ma i o /i i = 50ma/2.5ma v i = 5v v cc = 50v, v i = 0v v o = 5v, i o = 50ma v ce = 10v, i e = ? 50ma, f = 100mhz v ma a k ? ?? ? mhz typ. max. unit conditions input voltage output voltage input current output current dc current gain input resistance resistance ratio transition frequency characteristics of built-in transistor ? ?
3/3 www.rohm.com c 2009 rohm co., ltd. all rights reserved. 2009.05 - rev.c data sheet dtd113zk/dtd113zu ? electrical characteristic curves input voltage : v i (on) ( v) v o = 0.3v 500 1m 2m 5m 10m 20m 50m 100m 200m 500m 2 1 500m 200m 100m 100 50 20 10 5 output current : i o ( a) fig.1 input voltage vs. output current (on characteristics) ta= ? 40 c 25 c 100 c output current : io ( a) v cc = 5v 0.5 1.0 1.5 2.0 2.5 3.0 0 10m 5m 2m 1m 50 200 100 50 20 10 5 1 2 input voltage : v i (off) ( v) fig.2 output current vs. input voltage (off characteristics) ta = 100 c 25 c ? 40 c v o = 5v dc current gain : g i 1k 500 200 100 50 20 10 5 2 1 1m 2m 5m 10m 20m 50m 500m 100m 200m 500 ta = 100 c 25 c ? 40 c output current : i o ( a) fig. 3 dc current gain vs. output curren t output voltage : v o (on) ( v) output current : i o ( a) fig.4 output voltage vs. output current l o /l i = 20 500 1m 2m 5m 10m 20m 50m 500m 100m 200m 1 500m 200m 100m 50m 20m 10m 5m 2m 1m 25 c ? 40 c ta = 100 c
r0039 a www.rohm.com ? 2009 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redundancy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of DTD113ZK09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X