Part Number Hot Search : 
0S172 LB1813M 20B5T FJY4010R 1N6408 0S172 2SK3301 107M0
Product Description
Full Text Search
 

To Download DTC144ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DTC144ECA digital transistors features ? built-in bias resistors enable the co nfiguration of an inverter circuit without connecting exte rnal input resistors ? the bias resistors consist of th in-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings @ 25 symbol parameter min typ max unit v cc supply voltage --- 50 --- v v in input voltage -10 --- 40 v i o output current --- 100 --- ma p d power dissipation --- 200 --- mw t j junction temperature --- 150 --- t stg storage temperature -55 --- 150 electrical characteristics @ 25 symbol parameter min typ max unit v i(off) --- --- 0.5 v v i(on) input voltage (v cc =5v, i o =100 a) (v o =0.3v, i o =2ma) 3.0 --- --- v v o(on) output voltage (i o /i i =10ma/0.5ma) --- --- 0.3 v i i input current (v i =5v) --- --- 0.18 ma i o(off) output current (v cc =50v, v i =0) --- --- 0.5 a g i dc current gain (v o =5v, i o =5ma) 68 --- --- r 1 input resistance 32.9 47 61.1 k r 2 /r 1 resistance ratio 0.8 1.0 1.2 f t transition frequency (v ce =10v, i e =5ma, f=100mhz) --- 250 --- mhz  
omponents 20736 marilla street chatsworth    !"# $
% !"# mcc www. mccsemi .com revision: 1 2005/06/29 npn sot-23 suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 inches mm .031 .800 .035 .900 .037 .950 .037 .950 k 3 1 2 1. in 2. gnd 3. out tm micro commercial components
DTC144ECA mcc www. mccsemi .com revision: 1 2005/06/29 tm micro commercial components


▲Up To Search▲   

 
Price & Availability of DTC144ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X