Part Number Hot Search : 
ST1510 R2M10V22 D1031 CH125 LT323 LF2249 AD5539SQ VM800B
Product Description
Full Text Search
 

To Download DTC144ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification digital transistor DTC144ECA document number: bl/ssdtc132 www.galaxycn.com rev.a 1 features z built-in bias resistor enable the conf iguration of an inverter circui t without connecting external input resistors. pb lead -free z the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. z only the on/off conditions need to be set for operation, sot-23 making device design easy. applications z the npn style digital transistor. ordering information type no. marking package code DTC144ECA 26 sot-23 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage 50 v v ceo collector-emitter voltage 50 v v ebo emitter-base voltage 5 v i c collector current -continuous 100 ma p c collector dissipation 200 mw t j, t stg junction and storage temperature -55~150 electrical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification digital transistor DTC144ECA document number: bl/ssdtc132 www.galaxycn.com rev.a 2 parameter symbol test conditions min typ max unit input voltage v i(off) v i(on) v cc =5v,i o =100 a v o =0.3v,i o =2ma - 3 - - 0.5 - v output voltage v o(on) i o /i i =10ma/0.5ma, - - 0.3 v input current i i v i =5v - - 0.18 ma output current i o(off) v cc =50v,v i =0v - - 0.5 a dc current gain g i v o =5v,i o =5ma 68 - - input resistor (r 1 ) tolerance r 1 - 32.9 47 61.1 k ? resistance ratio r 2 /r 1 - 0.8 1 1.2 - gain-bandwidth product f t v ce =10v,i e =-5ma, f=100mhz - 250 - mhz package outline plastic surface mounted package sot-23 sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm g k h j e d c b a soldering footprint
bl galaxy electrical production specification digital transistor DTC144ECA document number: bl/ssdtc132 www.galaxycn.com rev.a 3 unit : mm package information device package shipping DTC144ECA sot-23 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of DTC144ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X