Part Number Hot Search : 
SG109 CYW2315 GUF10 TP868C12 PDTA114 C1473 C5001 8NBFJ
Product Description
Full Text Search
 

To Download DTC143ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DTC143ECA digital transistor (npn) features 1) built-in bias resistors enable the configurati on of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the inpu t. they also have the advantage of almost completely eliminating parasitic effects. 3) only the on/off conditions need to be set for operation, making device design easy. pin connenctions and marking sot-23 addreviated symbol: 23 absolute maximum ratings(ta= 25 ) limits (dtc143e ca ) parameter symbol unit supply voltage v cc 50 v input voltage v in -10~+30 v i o 100 output current i c(max) 100 ma power dissipation pd 200 mw junction temperature t j 150 storage temperature tstg -55~150 electrical characteristics (ta=25 ) parameter s ymbol min. typ max. unit conditions v i(off) 0.5 v cc =5v ,i o =100a input voltage v i(on) 3 v v o =0.3v ,i o =20 ma output voltage v o(on) 0.3 v i o /i i =10ma/0.5ma input current i i 1.8 ma v i =5v output current i o(off) 0.5 a v cc =50v ,v i =0 dc current gain g i 2 0 v o =5v ,i o =10ma input resistance r 1 3.29 4.7 6.11 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t 250 mhz v o =10v ,i o =5ma,f=100mhz l e a d(p b)- f r ee p b weitron http://ww w .weitron.com.tw 1/ 3 08 -jun-07
typical characteristics weitron http://ww w .weitron.com.tw 2 / 3 08 -jun-07 dtc143e c a
dtc143e c a weitron http://www.weitron.com.tw 3/3 08-jun-07 sot -23 outline dimensions unit:mm a b d e g m l h j t op view dim a b c d e g h j k l m min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076 max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25 k c


▲Up To Search▲   

 
Price & Availability of DTC143ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X