Part Number Hot Search : 
LDO53 00203 TA821 00203 REF19 AD813 00203 225709
Product Description
Full Text Search
 

To Download DDTC114TE-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30315 rev. 5 - 2 1 of 4 ddtc (r1- only seri es) e www.diodes.co m ? diodes incorporated ddtc (r1-only ser ies) e npn pre-biased sm all sig nal sot- 523 surface mo unt transisto r epitaxial planar die construction complementary pnp types av ailable ( ddta ) built-in biasing resistor, r1 only lead free /rohs co mpliant (note 2) features maximum ratings @ t a = 25 c unless otherwise s pecified mechanical data case: sot-523 case material: molded pl astic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminals: solderable per mil-std-202 , method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). terminal connections: see diagram marking: date code and marking code (see diagrams & page 2) weight: 0.002 grams (approx.) ordering information (see page 2) t c u d o r p w e n b r 1 s c h e m a t i c d i a g r a m e c p/n r1 (nom) marking ddtc113te ddtc123te ddtc143te ddtc114te ddtc124te ddtc144te ddtc115te ddtc125te 1k w 2.2k w 4.7k w 10k w 22k w 47k w 100k w 200k w n01 n03 n07 n12 n16 n19 n23 n25 characteristic symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5 v collector current i c (max) 100 ma power dissipation p d 150 mw thermal resistance, j unction to ambient air (note 1) r q ja 833 c/w operating and storage and temperature range t j , t stg -55 to +150 c sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d ? ? 0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50 a 0 8 ? all dimensions in m m n ote: 1. mounted on fr4 pc board with recommended pad lay out at http :// www .diodes.com/ datasheets /ap02001. pdf . 2. no purposefully added lead a m j l d b c h k g t o p v i e w c e b n
ds30315 rev. 5 - 2 2 of 4 ddtc (r1- only series) e www.diodes.co m characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 50 ? ? v i c = 50 m a collector-emitter breakdown voltage bv ceo 50 ? ? v i c = 1ma emitter-base breakdown voltage bv ebo 5 ? ? v i e = 50 m a collector cutoff current i cbo ? ? 0.5 m a v cb = 50v emitter cutoff current i ebo ? ? 0.5 m a v eb = 4v collector-emitter saturation voltage v ce(sat) ? ? 0.3 v i c/ i b = 10ma/1ma ddtc113te i c/ i b = 5ma/0.5ma ddtc123te i c/ i b = 2.5ma/.25ma ddtc143te i c/ i b = 1ma/.1ma ddtc114te i c/ i b = 5ma/0.5ma ddtc124te i c/ i b = 2.5ma/.25ma ddtc144te i c/ i b = 1ma/0.1ma ddtc115te i c/ i b = .5ma/.05ma ddtc125te dc current trans fer ratio h fe 100 250 600 ? i c = 1ma, v ce = 5v input resistor (r 1 ) tolerance d r 1 -30 ? +30 % ? gain-bandwidth product* f t ? 250 ? mhz v ce = 10v, i e = -5m a, f = 100mhz electri cal character isti cs @ t a = 25 c unless otherwise s pecified t c u d o r p w e n * transistor - for referenc e only xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september x x x y m marking i nformat ion orderi ng inform ation device packaging shipping ddtc113te-7-f sot-523 3000/tape & reel ddtc123te-7-f sot-523 3000/tape & reel ddtc143te-7-f sot-523 3000/tape & reel DDTC114TE-7-F sot-523 3000/tape & reel ddtc124te-7-f sot-523 3000/tape & reel ddtc144te-7-f sot-523 3000/tape & reel ddtc115te-7-f sot-523 3000/tape & reel ddtc125te-7-f sot-523 3000/tape & reel month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w date code key notes: 3. for packaging details, go to our website at http: //www.diodes.com/datasheets/ap02007.pdf . (note 3)
ds30315 rev. 5 - 2 3 of 4 ddtc (r1- only series) e www.diodes.co m t c u d o r p w e n 1 1 10 0 10 20 30 40 50 i , co llec t or c urr ent (ma ) c fig. 6 in put v olt age vs. c ollec tor c urren t v = 0.2 o v , i n p u t v o l t a g e ( v ) i n -25c 25c 75 c 0 .0 1 0 .1 1 1 0 1 0 0 0 1 2 3 4 8 9 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c v , in p u t v o l t a g e ( v ) in f ig . 5 c o lle ct o r c u rr e n t v s. i n p u t v o ltag e -2 5 c 5 6 7 75 c 25 c 0 .0 0 1 0 1 2 3 4 0 2 0 3 0 c , c a p a c i t a n c e ( p f ) o b v , r e v e r s e b i a s v o lt a g e ( v ) r f i g . 4 o u t p u t c a p a c i t a n c e 1 0 5 1 5 2 5 i = 0 m a e 10 1000 100 1 1 10 100 h , d c c u r r e n t g a i n ( n o r m a l i z e d ) f e i , col lect or c urre nt (ma) c fig. 3 dc c urren t gain v = 10 ce 75 c -25 c 25 c 0. 00 1 0. 01 0. 1 1 0 10 20 30 40 50 v , m a x i m u m c o l l e c t o r v o l t a g e ( v ) c e ( s a t ) i , c o ll e c t o r c u r r e n t ( m a ) c f ig . 2 v vs . i ce (s a t) c i / i = 1 0 c b -2 5 c 75 c 25 c -5 0 0 5 0 1 0 0 1 5 0 2 5 0 2 0 0 1 5 0 5 0 1 0 0 0 t , a m b ie n t t e m p e r a t u r e ( c ) a f ig . 1 d e ra ti n g c u rv e p , p o w e r d i s s i p a t i o n ( m i l l i w a t t s ) d typical curves - ddtc114te
ds30315 rev. 5 - 2 4 of 4 ddtc (r1- only seri es) e www.diodes.co m ? diodes incorporated i m p o r t a n t n o t i c e d i o d e s , i n c . a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o r r e c t i o n s , m o d i f i c a t i o n s , e n h a n c e - m e n t s , i m p r o v e m e n t s , o r o t h e r c h a n g e s . d i o d e s , i n c . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t t h e p r o d u c t s l o c a t e d o n o u r w e b s i t e a t w w w . d i o d e s . c o m a r e n o t r e c o m m e n d e d f o r u s e i n l i f e s u p p o r t s y s t e m s w h e r e a f a i l u r e o r m a l f u n c t i o n o f t h e c o m p o n e n t m a y d i r e c t l y t h r e a t e n l i f e o r c a u s e i n j u r y w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of DDTC114TE-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X