ds30325 rev. 2 - 1 1 of 3 ddta (r1 = r2 series) ua ddta (r1 = r2 series) ua pnp pre-biased sm all sig nal sot- 323 surface mo unt transisto r epitaxial planar die construction complementary npn types available ( ddtc ) built-i n biasing resistors, r1 = r2 characteristic symbol value unit supply voltage, (3) to (1) v cc -50 v input voltage, (2) to (1) ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua v in +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 v output current d dta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua i o -100 -100 -50 -30 -30 -20 ma output current all i c (max) -100 ma power dissipation p d 200 mw thermal resistance, j unction to ambient air (note 1) r q ja 625 c/w operating and storage and temperature range t j , t stg -55 to +150 c features maximum ratings @ t a = 25 c unless otherwise s pecified a m j l f d b c h k g i n g n d o u t mechanical data case: sot-323, molded p lastic case material - ul flammability rating 94v-0 moisture sensitivity: level 1 per j-std-020 a terminals: solderable per mil-s td-202 , method 208 terminal connections: see diagram marking: date code and marking code (see diagrams & page 2) weight: 0. 006 grams (approx.) ordering informati on (see page 2) t c u d o r p w e n i n i n r 1 r 2 g n d s c h e m a t i c d i a g r a m o u t g n d o u t p/n r1, r2 (nom) marking ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua 2.2k w 4.7k w 10k w 22k w 47k w 100k w p04 p08 p13 p17 p20 p24 sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18 a 0 8 all dimensions in m m note: 1. mounted on fr4 pc board with recommended pad layout at http :// www .diodes.com/ datasheets /ap02001. pdf .
ds30325 rev. 2 - 1 2 of 3 ddta (r1 = r2 series) ua characteristic symbol min typ max unit test condition input voltage v l(off) - 0.5 -1.1 ? v v cc = 5v, i o = 100 m a v l(on) ? -1.9 -3 v o = 0.3v, i o = 20ma, ddta123eua v o = 0.3v, i o = 20ma, ddta143eua v o = 0.3v, i o = 10ma, ddta114eua v o = 0.3v, i o = 5ma, ddta124eua v o = 0.3v, i o = 2ma, ddta144eua v o = 0.3v, i o = 1ma, ddta115eua output voltage v o(on) ? -0.1 -0.3 v i o /i l =10ma/0.5ma, ddta123eua i o /i l =10ma/0.5ma, ddta143eua i o /i l =10ma/0.5ma, ddta114eua i o /i l =10ma/0.5ma, ddta124eua i o /i l =10ma/0.5ma, ddta144eua i o /i l =5ma/0.25ma, ddta115eua input current ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua i l ? ? -3.8 -1.8 -.88 -.36 -.18 -.15 ma v i = -5v output current i o(off) ? ? 0.5 m a v cc = -50v, v i = 0v dc current gain ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua g l -20 -20 -30 -56 -68 -82 ? ? ? v o = -5v, i o = -20ma v o = -5v, i o = -10ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma input resistor (r 1 ) tolerance d r 1 -30 ? +30 % ? resistance ratio r 2 /r 1 0.8 1 1.2 ? ? gain-bandwidth product* f t ? 250 ? mhz v ce = -10v, i e = 5m a, f = 100mhz electri cal character isti cs @ t a = 25 c unless otherwise s pecified t c u d o r p w e n * transistor - for referenc e only month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w date code key xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xx x y m marking i nformat ion notes: 2. for packaging details, go to our website at http://www.diodes.com/datas heets/ap02007.pdf. device packaging shipping ddta123eua-7 sot-323 3000/tape & reel DDTA143EUA-7 sot-323 3000/tape & reel ddta114eua-7 sot-323 3000/tape & reel ddta124eua-7 sot-323 3000/tape & reel ddta144eua-7 sot-323 3000/tape & reel ddta115eua-7 sot-323 3000/tape & reel orderi ng inform ation (note 2)
ds30325 rev. 2 - 1 3 of 3 ddta (r1 = r2 series) ua t c u d o r p w e n 1 1 10 0 10 20 30 40 50 i , co llec t or c urr ent (ma ) c fig. 6 in put v olt age vs. c ollec tor c urren t v = 0.2 o v , i n p u t v o l t a g e ( v ) i n -25c 25c 75 c 0 .0 1 0 .1 1 1 0 1 0 0 0 1 2 3 4 8 9 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c v , in p u t v o l t a g e ( v ) in f ig . 5 c o lle ct o r c u rr e n t v s. i n p u t v o ltag e 75 c -2 5 c 5 6 7 25 c v = 5 v o 0 2 4 6 1 0 0 2 0 3 0 c , c a p a c i t a n c e ( p f ) o b v , r e v e r s e b i a s v o lt a g e ( v ) r f i g . 4 o u t p u t c a p a c i t a n c e 1 2 1 0 5 1 5 2 5 8 i = 0 m a e 10 1000 100 1 1 10 100 h f e , d c c u r r e n t g a i n ( n o r m a l i z e d ) i , collec t or cur rent (ma) c fig. 3 dc curre nt gain v = 10 ce 75 c -25 c 25 c 0. 00 1 0. 01 0. 1 1 0 10 20 30 40 50 v , m a x i m u m c o l l e c t o r v o l t a g e ( v ) c e ( s a t ) i , c o ll e c t o r c u r r e n t ( m a ) c f ig . 2 v vs . i ce (s a t) c i / i = 1 0 c b -2 5 c 75 c 25 c -5 0 0 5 0 1 0 0 1 5 0 2 5 0 2 0 0 1 5 0 5 0 1 0 0 0 t , a m b ie n t t e m p e r a t u r e ( c ) a f ig . 1 d e ra ti n g c u rv e p , p o w e r d i s s i p a t i o n ( m i l l i w a t t s ) d typical curves - ddta143eua
|