Part Number Hot Search : 
KRMC08 TA8304F TDA74 A1205 ON2429 P120C SB240 TPSMB36
Product Description
Full Text Search
 

To Download BZW03SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzw03c... vishay semiconductors rev. 3, 12-mar-01 1 (4) www.vishay.com document number 85603 silicon zdiodes and transient voltage suppressors features  glass passivated junction  hermetically sealed package  clamping time in picoseconds applications voltage regulators and transient suppression circuits 94 9588 order instruction type ordering code remarks bzw03c6v8 bzw03c6v8tap ammopack absolute maximum ratings t j = 25  c parameter test conditions type symbol value unit power dissi p ation l=10 mm, t l =25  c p v 6.0 w power dissipation t amb =45  c p v 1.85 w repetitive peak reverse power dissipation p zrm 20 w non repetitive peak surge power dissipation t p =100  s, t j =25  c p zsm 1000 w junction temperature t j 175  c storage temperature range t stg 65...+175  c maximum thermal resistance t j = 25  c parameter test conditions symbol value unit junction ambient l=25 mm, t l =constant r thja 30 k/w junction ambient on pc board with spacing 37.5 mm r thja 70 k/w electrical characteristics t j = 25  c parameter test conditions type symbol min typ max unit forward voltage i f =1a v f 1.2 v
bzw03c... vishay semiconductors rev. 3, 12-mar-01 2 (4) www.vishay.com document number 85509 type v z r zj and tk vz at i z i r at v r bzw03c... v v v   %/k %/k ma  a v min. typ. max. typ. max. min. max. max. 7v5 7.0 7.5 7.9 0.7 1.5 0 0.07 175 1500 5.6 8v2 7.7 8.2 8.7 0.8 1.5 0.03 0.08 150 1200 6.2 9v1 8.5 9.1 9.6 0.9 2.0 0.03 0.08 150 10 6.8 10 9.4 10.0 10.6 1.0 2.0 0.05 0.09 125 20 7.5 11 10.4 11.0 11.6 1.1 2.5 0.05 0.10 125 15 8.2 12 11.4 12.0 12.7 1.1 2.5 0.05 0.10 100 10 9.1 13 12.4 13.0 14.1 1.2 2.5 0.05 0.10 100 4 10 15 13.8 15.0 15.6 1.2 2.5 0.05 0.10 75 2 11 16 15.3 16.0 17.1 1.3 2.5 0.06 0.11 75 2 12 18 16.8 18.0 19.1 1.3 2.5 0.06 0.11 65 2 13 20 18.8 20.0 21.2 1.5 3.0 0.06 0.11 65 2 15 22 20.8 22.0 23.3 1.6 3.5 0.06 0.11 50 2 16 24 22.8 24.0 25.6 1.8 3.5 0.06 0.11 50 2 18 27 25.1 27.0 28.9 2.5 5.0 0.06 0.11 50 2 20 30 28 30 32 4 8 0.06 0.11 40 2 22 33 31 33 35 5 10 0.06 0.11 40 2 24 36 34 36 38 6 11 0.06 0.11 30 2 27 39 37 39 41 7 14 0.06 0.11 30 2 30 43 40 43 46 10 20 0.07 0.12 30 2 33 47 44 47 50 12 25 0.07 0.12 25 2 36 51 48 51 54 14 27 0.07 0.12 25 2 39 56 52 56 60 18 35 0.07 0.12 20 2 43 62 58 62 66 20 42 0.08 0.13 20 2 47 68 64 68 72 22 44 0.08 0.13 20 2 51 75 70 75 79 25 45 0.08 0.13 20 2 56 82 77 82 87 30 65 0.08 0.13 15 2 62 91 85 91 96 40 75 0.09 0.13 15 2 68 100 94 100 106 45 90 0.09 0.13 12 2 75 110 104 110 116 65 125 0.09 0.13 12 2 82 120 114 120 127 90 170 0.09 0.13 10 2 91 130 124 130 141 100 190 0.09 0.13 10 2 100 150 138 150 156 150 330 0.09 0.13 8 2 110 160 153 160 171 180 350 0.09 0.13 8 2 120 180 168 180 191 210 430 0.09 0.13 5 2 130 200 188 200 212 250 500 0.09 0.13 5 2 150 220 208 220 233 350 700 0.09 0.13 5 2 160 240 228 240 256 450 900 0.09 0.13 5 2 180 270 251 270 289 600 1200 0.09 0.13 5 2 200 1) standoff reverse voltage = recommended supply voltage 2) exp. falling pulse, t p = 500  s down to 37%
bzw03c... vishay semiconductors rev. 3, 12-mar-01 3 (4) www.vishay.com document number 85603 characteristics (t j = 25  c unless otherwise specified) 37.5 50 3 2 50 7 94 9087 figure 1. epoxy glass hard tissue, board thickness 1.5 mm, r thja  70 k/w 0 0 2 4 6 8 95 9608 40 80 120 160 p total power dissipation ( w ) tot t amb ambient temperature ( ? ? ? ?? ? ? ???????? ??? ??? ???? ?? ?? ????? ? ????? ???? ?????????? ?? ?????? ????????? ? ?? ?? ? ? M ?? ? ?M ? ??????? ?????? ? ? ? ? ? ? ??????? ??????? ? ? ? ? ? ? ? ????? ? ??????? ?????? ?? ??????? ??????? ?? ? ? ? ? ? ? ? ???????????? ???? ???? ??? ? ???? ?????? ? ? ? ? ? ?M? ?????????? ? ? ? ? ? ? ? ? ????? ??? ???????? ???? ???? ?????????? ?? ???? ?????? ????????? ?? ? ??????? ?????????????? ? ? ? ? ??? ? ? ? ???????? ????? ???? ?? M ?????? ? ?? ? ????????? ???????? ????????? ?? ??? ????????????? ? ?? ?M ?? ?M ??
bzw03c... vishay semiconductors rev. 3, 12-mar-01 4 (4) www.vishay.com document number 85509 ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( odss ). the montreal protocol ( 1987 ) and its london amendments ( 1990 ) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2 . class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency ( epa ) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c ( transitional substances ) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay-semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay-semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 ( 0 ) 7131 67 2831, fax number: 49 ( 0 ) 7131 67 2423


▲Up To Search▲   

 
Price & Availability of BZW03SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X