Part Number Hot Search : 
GP15A SMB26 LM431 TQ045 1MD03 4423CN GP422 AN2986
Product Description
Full Text Search
 

To Download ATMEGA165PA-AUR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? high performance, low power avr ? 8-bit microcontroller ? advanced risc architecture ? 130 powerful instructions ? most single clock cycle execution ? 32 x 8 general purpose working registers ? fully static operation ? up to 16 mips throughput at 16 mhz ? on-chip 2-cycle multiplier ? high endurance non-volatile memory segments ? 16k bytes of in-system self-p rogrammable flash program memory ? 512 bytes eeprom ? 1k bytes internal sram ? write/erase cycles: 10,000 flash/1 00,000 eeprom ? data retention: 20 years at 85c/100 years at 25 c (1) ? optional boot code section with independent lock bits in-system programming by on-chip boot program true read-while-w rite operation ? programming lock for software security ? jtag (ieee std. 1149.1 compliant) interface ? boundary-scan capabilities a ccording to the jtag standard ? extensive on-chip debug support ? programming of flas h, eeprom, fuses, and lock bits through the jtag interface ? peripheral features ? two 8-bit timer/counte rs with separate prescaler and compare mode ? one 16-bit timer/counter with separate prescaler, compare mode, and capture mode ? real time counter with separate oscillator ?four pwm channels ? 8-channel, 10-bit adc ? programmable serial usart ? master/slave spi serial interface ? universal serial interface with start condition detector ? programmable watchdog timer with separate on-chip oscillator ? on-chip analog comparator ? interrupt and wake-up on pin change ? special microcontroller features ? power-on reset and programmable brown-out detection ? internal calibrated oscillator ? external and internal interrupt sources ? five sleep modes: idle, adc noise re duction, power-save, power-down, and standby ? i/o and packages ? 54 programmable i/o lines ? 64-lead tqfp, 64-pad qfn/mlf and 64-pad drqfn ? speed grade: ? atmega165pa: 0 - 16 mhz @ 1.8 - 5.5v ? temperature range: ? -40c to 85 c industrial ? ultra-low power consumption ? active mode: 1 mhz, 1.8v: 215 a 32 khz, 1.8v: 8 a (including oscillator) ? power-down mode: 0.1 a at 1.8v ? power-save mode: 0.6 a at 1.8v (including 32 khz rtc) 8-bit microcontroller with 16k bytes in-system programmable flash atmega165pa preliminary summary rev 8298as?avr?03/10
2 8298as?avr?03/10 atmega165pa 1. pin configurations 1.1 pinout - tqfp and qfn/mlf figure 1-1. 64a (tqfp)and 64m1 (qfn/mlf) pinout atmega165pa note: the large center pad underneath the qfn/mlf packages is made of metal and internally connected to gnd. it should be sol- dered or glued to the board to ensure good mechanical stability. if the center pad is left unconnected, the package might loose n from the board. 64 63 62 47 46 48 45 44 43 42 41 40 39 38 37 36 35 33 34 2 3 1 4 5 6 7 8 9 10 11 12 13 14 16 15 17 61 60 18 59 20 58 19 21 57 22 56 23 55 24 54 25 53 26 52 27 51 29 28 50 49 32 31 30 pc0 vcc gnd pf0 (adc0) pf7 (adc7/tdi) pf1 (adc1) pf2 (adc2) pf3 (adc3) pf4 (adc4/tck) pf5 (adc5/tms) pf6 (adc6/tdo) aref gnd avcc (rxd/pcint0) pe0 (txd/pcint1) pe1 dnc (xck/ain0/pcint2) pe2 (ain1/pcint3) pe3 (usck/scl/pcint4) pe4 (di/sda/pcint5) pe5 (do/pcint6) pe6 (clko/pcint7) pe7 (ss/pcint8) pb0 (sck/pcint9) pb1 (mosi/pcint10) pb2 (miso/pcint11) pb3 (oc0a/pcint12) pb4 (oc2a/pcint15) pb7 (t1) pg3 (oc1b/pcint14) pb6 (t0) pg4 (oc1a/pcint13) pb5 pc1 pg0 pd7 pc2 pc3 pc4 pc5 pc6 pc7 pa7 pg2 pa6 pa5 pa4 pa3 pa0 pa1 pa2 pg1 pd6 pd5 pd4 pd3 pd2 (int0) pd1 (icp1) pd0 (tosc1) xtal1 (tosc2) xtal2 reset/pg5 gnd vcc index corner
3 8298as?avr?03/10 atmega165pa 2. overview the atmega165pa is a low-power cmos 8-bit microcontroller based on the avr enhanced risc architecture. by execut- ing powerful instructions in a single clock cycle, the atmega165pa achieves throughputs approaching 1 mips per mhz allowing the system designer to optimize power consumption versus processing speed. 2.1 block diagram figure 2-1. block diagram program counter internal oscillator watchdog timer stack pointer program flash mcu control register sram general purpose registers instruction register timer/ counters instruction decoder data dir. reg. portb data dir. reg. porte data dir. reg. porta data dir. reg. portd data register portb data register porte data register porta data register portd timing and control oscillator interrupt unit eeprom spi usart status register z y x alu portb drivers porte drivers porta drivers portf drivers portd drivers portc drivers pb0 - pb7 pe0 - pe7 pa0 - pa7 pf0 - pf7 vcc gnd aref xtal1 xtal2 control lines + - analog comparator pc0 - pc7 8-bit data bus reset avcc calib. osc data dir. reg. portc data register portc on-chip debug jtag tap programming logic boundary- scan data dir. reg. portf data register portf adc pd0 - pd7 data dir. reg. portg data reg. portg portg drivers pg0 - pg4 universal serial interface avr cpu
4 8298as?avr?03/10 atmega165pa the avr core combines a rich instruction set with 32 general purpose working registers. all the 32 registers are directly connected to the arithmetic logic unit (alu), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. the resulting architecture is more code efficient while achiev ing throughputs up to ten times faster than con- ventional cisc microcontrollers. the atmega165pa provides the following featur es: 16k bytes of in-system programmable flash with read-while-write capabilities, 512 bytes eeprom, 1k byte sram, 53 general pur- pose i/o lines, 32 general purpose working registers, a jtag interface for boundary-scan, on- chip debugging support and programming, three flexible timer/counters with compare modes, internal and external interrupts, a serial prog rammable usart, universa l serial interface with start condition detector, an 8-channel, 10-bit adc, a programmable watchdog timer with inter- nal oscillator, an spi serial port, and five software selectable power saving modes. the idle mode stops the cpu while allowing the sram, timer/counters, spi port, and interrupt system to continue functioning. the power-down mode saves the register contents but freezes the oscillator, disabling all other chip functions unt il the next interrupt or hardware reset. in power- save mode, the asynchronous timer continues to run, allowing the user to maintain a timer base while the rest of the device is sleeping. the adc noise reduction mode stops the cpu and all i/o modules except asynchronous timer and adc, to minimize switching noise during adc con- versions. in standby mode , the crystal/resonator oscillator is running while the rest of the device is sleeping. this allows very fast star t-up combined with low- power consumption. the device is manufactured using atmel?s high density non-volatile memory technology. the on-chip isp flash allows the program memory to be reprogrammed in-system through an spi serial interface, by a conventional non-volatile memory programmer, or by an on-chip boot pro- gram running on the avr core. the boot program can use any interface to download the application program in the applic ation flash memory. software in the boot flash section will continue to run while the application flash se ction is updated, providing true read-while-write operation. by combining an 8-bit risc cpu with in-system self-programmable flash on a monolithic chip, the atmel atmega165pa is a powerful microcontroller that provides a highly flexible and cost effective solution to many embedded control applications. the atmega165pa avr is supported with a full su ite of program and system development tools including: c compilers, macro as semblers, program debugger/simu lators, in-circu it emulators, and evaluation kits.
5 8298as?avr?03/10 atmega165pa 2.2 pin descriptions 2.2.1 vcc digital supply voltage. 2.2.2 gnd ground. 2.2.3 port a (pa7:pa0) port a is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port a output buffers have symmetrical drive characteristics with both high sink and source capability. as inputs, port a pi ns that are externally pulled low will source current if the pull-up resistors are activated. the port a pins are tri-stated when a reset condition becomes active, even if the clock is not running. port a also serves the functions of various special features of the atmega165pa as listed on ?alternate functions of port b? on page 69 . 2.2.4 port b (pb7:pb0) port b is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port b output buffers have symmetrical drive characteristics with both high sink and source capability. as inputs, port b pi ns that are externally pulled low will source current if the pull-up resistors are activated. the port b pins are tri-stated when a reset condition becomes active, even if the clock is not running. port b has better driving capabilities than the other ports. port b also serves the functions of various special features of the atmega165pa as listed on ?alternate functions of port b? on page 69 . 2.2.5 port c (pc7:pc0) port c is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port c output buffers have symmetrical drive c haracteristics with bot h high sink and source capability. as inputs, port c pi ns that are externally pulled lo w will source current if the pull-up resistors are activated. the port c pins are tri-stated when a reset condition becomes active, even if the clock is not running. port c also serves the functions of specia l features of the atmega165pa as listed on ?alternate functions of port d? on page 72 . 2.2.6 port d (pd7:pd0) port d is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port d output buffers have symmetrical drive c haracteristics with bot h high sink and source capability. as inputs, port d pi ns that are externally pulled lo w will source current if the pull-up resistors are activated. the port d pins are tri-stated when a reset condition becomes active, even if the clock is not running. port d also serves the functions of various special features of the atmega165pa as listed on ?alternate functions of port d? on page 72 . 2.2.7 port e (pe7:pe0) port e is an 8-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port e output buffers have symmetrical drive characteristics with both high sink and source
6 8298as?avr?03/10 atmega165pa capability. as inputs, port e pi ns that are externally pulled low will source current if the pull-up resistors are activated. the port e pins are tri-stated when a reset condition becomes active, even if the clock is not running. port e also serves the functions of various special features of the atmega165pa as listed on ?alternate functions of port e? on page 73 . 2.2.8 port f (pf7:pf0) port f serves as the analog inputs to the a/d converter. port f also serves as an 8-bit bi-directional i/o port, if the a/d converter is not used. port pins can provide internal pull-up resistors (selected for each bit). the port f output buffers have sym- metrical drive characteristics with both high sink and source capa bility. as inputs, port f pins that are externally pulled low will source current if the pull-up resistors are ac tivated. the port f pins are tri-stated when a reset condition becomes active, even if the clock is not running. if the jtag interface is enabled, the pull-up resistors on pins pf7( tdi), pf5(tms), and pf4(tck) will be activated even if a reset occurs. port f also serves the functions of the jtag interface, see ?alternate functions of port f? on page 75 . 2.2.9 port g (pg5:pg0) port g is a 6-bit bi-directional i/o port with internal pull-up resistors (selected for each bit). the port g output buffers have symmetrical drive characteristics with both high sink and source capability. as inputs, port g pins that are extern ally pulled low will sour ce current if the pull-up resistors are activated. the port g pins are tri-stated when a reset condition becomes active, even if the clock is not running. port g also serves the functions of various special features of the atmega165pa as listed on page 77 . 2.2.10 reset reset input. a low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock is not running. the minimum pulse length is given in table 27-3 on page 298 . shorter pulses are not guaranteed to generate a reset. 2.2.11 xtal1 input to the inverting oscillato r amplifier and input to the in ternal clock operating circuit. 2.2.12 xtal2 output from the invert ing oscillator amplifier. 2.2.13 avcc avcc is the supply voltage pin for port f and the a/d converter. it should be externally con- nected to v cc , even if the adc is not used. if the adc is used, it should be connected to v cc through a low-pass filter. 2.2.14 aref this is the analog reference pin for the a/d converter.
7 8298as?avr?03/10 atmega165pa 3. resources a comprehensive set of development tools, app lication notes and datasheets are available for download on http:// www.atmel.com/avr. 4. data retention note: 1. reliability qualification results show that the pr ojected data retention failure rate is much less than 1 ppm over 20 years at 85c or 100 years at 25c.
8 8298as?avr?03/10 atmega165pa 5. register summary address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page (0xff) reserved ? ? ? ? ? ? ? ? (0xfe) reserved ? ? ? ? ? ? ? ? (0xfd) reserved ? ? ? ? ? ? ? ? (0xfc) reserved ? ? ? ? ? ? ? ? (0xfb) reserved ? ? ? ? ? ? ? ? (0xfa) reserved ? ? ? ? ? ? ? ? (0xf9) reserved ? ? ? ? ? ? ? ? (0xf8) reserved ? ? ? ? ? ? ? ? (0xf7) reserved ? ? ? ? ? ? ? ? (0xf6) reserved ? ? ? ? ? ? ? ? (0xf5) reserved ? ? ? ? ? ? ? ? (0xf4) reserved ? ? ? ? ? ? ? ? (0xf3) reserved ? ? ? ? ? ? ? ? (0xf2) reserved ? ? ? ? ? ? ? ? (0xf1) reserved ? ? ? ? ? ? ? ? (0xf0) reserved ? ? ? ? ? ? ? ? (0xef) reserved ? ? ? ? ? ? ? ? (0xee) reserved ? ? ? ? ? ? ? ? (0xed) reserved ? ? ? ? ? ? ? ? (0xec) reserved ? ? ? ? ? ? ? ? (0xeb) reserved ? ? ? ? ? ? ? ? (0xea) reserved ? ? ? ? ? ? ? ? (0xe9) reserved ? ? ? ? ? ? ? ? (0xe8) reserved ? ? ? ? ? ? ? ? (0xe7) reserved ? ? ? ? ? ? ? ? (0xe6) reserved ? ? ? ? ? ? ? ? (0xe5) reserved ? ? ? ? ? ? ? ? (0xe4) reserved ? ? ? ? ? ? ? ? (0xe3) reserved ? ? ? ? ? ? ? ? (0xe2) reserved ? ? ? ? ? ? ? ? (0xe1) reserved ? ? ? ? ? ? ? ? (0xe0) reserved ? ? ? ? ? ? ? ? (0xdf) reserved ? ? ? ? ? ? ? ? (0xde) reserved ? ? ? ? ? ? ? ? (0xdd) reserved ? ? ? ? ? ? ? ? (0xdc) reserved ? ? ? ? ? ? ? ? (0xdb) reserved ? ? ? ? ? ? ? ? (0xda) reserved ? ? ? ? ? ? ? ? (0xd9) reserved ? ? ? ? ? ? ? ? (0xd8) reserved ? ? ? ? ? ? ? ? (0xd7) reserved ? ? ? ? ? ? ? ? (0xd6) reserved ? ? ? ? ? ? ? ? (0xd5) reserved ? ? ? ? ? ? ? ? (0xd4) reserved ? ? ? ? ? ? ? ? (0xd3) reserved ? ? ? ? ? ? ? ? (0xd2) reserved ? ? ? ? ? ? ? ? (0xd1) reserved ? ? ? ? ? ? ? ? (0xd0) reserved ? ? ? ? ? ? ? ? (0xcf) reserved ? ? ? ? ? ? ? ? (0xce) reserved ? ? ? ? ? ? ? ? (0xcd) reserved ? ? ? ? ? ? ? ? (0xcc) reserved ? ? ? ? ? ? ? ? (0xcb) reserved ? ? ? ? ? ? ? ? (0xca) reserved ? ? ? ? ? ? ? ? (0xc9) reserved ? ? ? ? ? ? ? ? (0xc8) reserved ? ? ? ? ? ? ? ? (0xc7) reserved ? ? ? ? ? ? ? ? (0xc6) udr0 usart0 i/o data register 181 (0xc5) ubrr0h usart0 baud rate register high 185 (0xc4) ubrr0l usart0 baud rate register low 185 (0xc3) reserved ? ? ? ? ? ? ? ? (0xc2) ucsr0c ? umsel0 upm01 upm00 usbs0 ucsz01 ucsz00 ucpol0 183 (0xc1) ucsr0b rxcie0 txcie0 udrie0 rxen0 txen0 ucsz02 rxb80 txb80 182 (0xc0) ucsr0a rxc0 txc0 udre0 fe0 dor0 upe0 u2x0 mpcm0 181
9 8298as?avr?03/10 atmega165pa (0xbf) reserved ? ? ? ? ? ? ? ? (0xbe) reserved ? ? ? ? ? ? ? ? (0xbd) reserved ? ? ? ? ? ? ? ? (0xbc) reserved ? ? ? ? ? ? ? ? (0xbb) reserved ? ? ? ? ? ? ? ? (0xba) usidr usi data register 194 (0xb9) usisr usisif usioif usipf usidc usicnt3 usicnt2 usicnt1 usicnt0 194 (0xb8) usicr usisie usioie usiwm1 usiwm0 usics1 usics0 usiclk usitc 195 (0xb7) reserved ? ? ? ? ? ? ? (0xb6) assr ? ? ? exclk as2 tcn2ub ocr2ub tcr2ub 145 (0xb5) reserved ? ? ? ? ? ? ? ? (0xb4) reserved ? ? ? ? ? ? ? ? (0xb3) ocr2a timer/counter2 output compare register a 144 (0xb2) tcnt2 timer/counter2 (8-bit) 144 (0xb1) reserved ? ? ? ? ? ? ? ? (0xb0) tccr2a foc2a wgm20 com2a1 com2a0 wgm21 cs22 cs21 cs20 142 (0xaf) reserved ? ? ? ? ? ? ? ? (0xae) reserved ? ? ? ? ? ? ? ? (0xad) reserved ? ? ? ? ? ? ? ? (0xac) reserved ? ? ? ? ? ? ? ? (0xab) reserved ? ? ? ? ? ? ? ? (0xaa) reserved ? ? ? ? ? ? ? ? (0xa9) reserved ? ? ? ? ? ? ? ? (0xa8) reserved ? ? ? ? ? ? ? ? (0xa7) reserved ? ? ? ? ? ? ? ? (0xa6) reserved ? ? ? ? ? ? ? ? (0xa5) reserved ? ? ? ? ? ? ? ? (0xa4) reserved ? ? ? ? ? ? ? ? (0xa3) reserved ? ? ? ? ? ? ? ? (0xa2) reserved ? ? ? ? ? ? ? ? (0xa1) reserved ? ? ? ? ? ? ? ? (0xa0) reserved ? ? ? ? ? ? ? ? (0x9f) reserved ? ? ? ? ? ? ? ? (0x9e) reserved ? ? ? ? ? ? ? ? (0x9d) reserved ? ? ? ? ? ? ? ? (0x9c) reserved ? ? ? ? ? ? ? ? (0x9b) reserved ? ? ? ? ? ? ? ? (0x9a) reserved ? ? ? ? ? ? ? ? (0x99) reserved ? ? ? ? ? ? ? ? (0x98) reserved ? ? ? ? ? ? ? ? (0x97) reserved ? ? ? ? ? ? ? ? (0x96) reserved ? ? ? ? ? ? ? ? (0x95) reserved ? ? ? ? ? ? ? ? (0x94) reserved ? ? ? ? ? ? ? ? (0x93) reserved ? ? ? ? ? ? ? ? (0x92) reserved ? ? ? ? ? ? ? ? (0x91) reserved ? ? ? ? ? ? ? ? (0x90) reserved ? ? ? ? ? ? ? ? (0x8f) reserved ? ? ? ? ? ? ? ? (0x8e) reserved ? ? ? ? ? ? ? ? (0x8d) reserved ? ? ? ? ? ? ? ? (0x8c) reserved ? ? ? ? ? ? ? ? (0x8b) ocr1bh timer/counter1 - output compare register b high byte 122 (0x8a) ocr1bl timer/counter1 - output compare register b low byte 122 (0x89) ocr1ah timer/counter1 - output compare register a high byte 122 (0x88) ocr1al timer/counter1 - output compare register a low byte 122 (0x87) icr1h timer/counter1 - input capture register high byte 123 (0x86) icr1l timer/counter1 - input capture register low byte 123 (0x85) tcnt1h timer/counter1 - counter register high byte 122 (0x84) tcnt1l timer/counter1 - counter register low byte 122 (0x83) reserved ? ? ? ? ? ? ? ? (0x82) tccr1c foc1a foc1b ? ? ? ? ? ?121 (0x81) tccr1b icnc1 ices1 ? wgm13 wgm12 cs12 cs11 cs10 120 (0x80) tccr1a com1a1 com1a0 com1b1 com1b0 ? ?wgm11wgm10118 (0x7f) didr1 ? ? ? ? ? ?ain1dain0d201 (0x7e) didr0 adc7d adc6d adc5d adc4d adc3d adc2d adc1d adc0d 219 address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page
10 8298as?avr?03/10 atmega165pa (0x7d) reserved ? ? ? ? ? ? ? ? (0x7c) admux refs1 refs0 adlar mux4 mux3 mux2 mux1 mux0 215 (0x7b) adcsrb ?acme ? ? ? adts2 adts1 adts0 200, 219 (0x7a) adcsra aden adsc adate adif adie adps2 adps1 adps0 217 (0x79) adch adc data register high byte 218 (0x78) adcl adc data register low byte 218 (0x77) reserved ? ? ? ? ? ? ? ? (0x76) reserved ? ? ? ? ? ? ? ? (0x75) reserved ? ? ? ? ? ? ? ? (0x74) reserved ? ? ? ? ? ? ? ? (0x73) reserved ? ? ? ? ? ? ? ? (0x72) reserved ? ? ? ? ? ? ? ? (0x71) reserved ? ? ? ? ? ? ? ? (0x70) timsk2 ? ? ? ? ? ? ocie2a toie2 145 (0x6f) timsk1 ? ?icie1 ? ? ocie1b ocie1a toie1 123 (0x6e) timsk0 ? ? ? ? ? ? ocie0a toie0 95 (0x6d) reserved ? ? ? ? ? ? ? ? (0x6c) pcmsk1 pcint15 pcint14 pcint13 p cint12 pcint11 pcint10 pcint9 pcint8 59 (0x6b) pcmsk0 pcint7 pcint6 pcint5 pc int4 pcint3 pcint2 pcint1 pcint0 60 (0x6a) reserved ? ? ? ? ? ? ? ? (0x69) eicra ? ? ? ? ? ?isc01isc0058 (0x68) reserved ? ? ? ? ? ? ? ? (0x67) reserved ? ? ? ? ? ? ? ? (0x66) osccal oscillator calibration register 34 (0x65) reserved ? ? ? ? ? ? ? ? (0x64) prr ? ? ? ? prtim1 prspi prusart0 pradc 41 (0x63) reserved ? ? ? ? ? ? ? ? (0x62) reserved ? ? ? ? ? ? ? ? (0x61) clkpr clkpce ? ? ? clkps3 clkps2 clkps1 clkps0 34 (0x60) wdtcr ? ? ? wdce wde wdp2 wdp1 wdp0 50 0x3f (0x5f) sreg i t h s v n z c 9 0x3e (0x5e) sph ? ? ? ? ? sp10 sp9 sp8 12 0x3d (0x5d) spl sp7 sp6 sp5 sp4 sp3 sp2 sp1 sp0 12 0x3c (0x5c) reserved 0x3b (0x5b) reserved 0x3a (0x5a) reserved 0x39 (0x59) reserved 0x38 (0x58) reserved 0x37 (0x57) spmcsr spmie rwwsb ? rwwsre blbset pgwrt pgers spmen 261 0x36 (0x56) reserved ? ? ? ? ? ? ? ? 0x35 (0x55) mcucr jtd ? ?pud ? ? ivsel ivce 56, 79, 246 0x34 (0x54) mcusr ? ? ? jtrf wdrf borf extrf porf 246 0x33 (0x53) smcr ? ? ? ? sm2 sm1 sm0 se 41 0x32 (0x52) reserved ? ? ? ? ? ? ? ? 0x31 (0x51) ocdr idrd/ocdr7 ocdr6 ocdr5 ocdr4 ocdr3 ocdr2 ocdr1 ocdr0 226 0x30 (0x50) acsr acd acbg aco aci acie acic acis1 acis0 200 0x2f (0x4f) reserved ? ? ? ? ? ? ? ? 0x2e (0x4e) spdr spi data register 156 0x2d (0x4d) spsr spif wcol ? ? ? ? ?spi2x155 0x2c (0x4c) spcr spie spe dord mstr cpol cpha spr1 spr0 154 0x2b (0x4b) gpior2 general purpose i/o register 2 25 0x2a (0x4a) gpior1 general purpose i/o register 1 25 0x29 (0x49) reserved ? ? ? ? ? ? ? ? 0x28 (0x48) reserved ? ? ? ? ? ? ? ? 0x27 (0x47) ocr0a timer/counter0 output compare register a 95 0x26 (0x46) tcnt0 timer/counter0 (8 bit) 95 0x25 (0x45) reserved ? ? ? ? ? ? ? ? 0x24 (0x44) tccr0a foc0a wgm00 com0a1 com0a0 wgm01 cs02 cs01 cs00 93 0x23 (0x43) gtccr tsm ? ? ? ? ? psr2 psr10 127, 146 0x22 (0x42) eearh ? ? ? ? ? ? ? eear8 24 0x21 (0x41) eearl eeprom address register low byte 24 0x20 (0x40) eedr eeprom data register 24 0x1f (0x3f) eecr ? ? ? ? eerie eemwe eewe eere 24 0x1e (0x3e) gpior0 general purpose i/o register 0 25 0x1d (0x3d) eimsk ? ?pcie1pcie0 ? ? ?int058 0x1c (0x3c) eifr ? ?pcif1pcif0 ? ? ? intf0 59 address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page
11 8298as?avr?03/10 atmega165pa note: 1. for compatibility with future devices, reserved bits s hould be written to zero if accessed. reserved i/o memory addresse s should never be written. 2. i/o registers within the address range 0x00 - 0x1f are directly bit-accessible using the sbi and cbi instructions. in these registers, the value of single bits can be ch ecked by using the sbis and sbic instructions. 3. some of the status flags are cleared by writing a logical o ne to them. note that, unlike most other avrs, the cbi and sbi instructions will only operate on the specif ied bit, and can therefore be used on regi sters containing such status flags. the cbi and sbi instructions work wit h registers 0x00 to 0x1f only. 4. when using the i/o specific commands in and out, the i/o addresses 0x00 - 0x3f must be used. when addressing i/o registers as data space using ld and st instructions, 0x 20 must be added to these addresses. the atmega165pa is a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in opcode for the in and out instructions. for the ext ended i/o space from 0x60 - 0xff in sr am, only the st/sts/std and ld/lds/ldd instructions can be used. 0x1b (0x3b) reserved ? ? ? ? ? ? ? ? 0x1a (0x3a) reserved ? ? ? ? ? ? ? ? 0x19 (0x39) reserved ? ? ? ? ? ? ? ? 0x18 (0x38) reserved ? ? ? ? ? ? ? ? 0x17 (0x37) tifr2 ? ? ? ? ? ? ocf2a tov2 145 0x16 (0x36) tifr1 ? ?icf1 ? ? ocf1b ocf1a tov1 124 0x15 (0x35) tifr0 ? ? ? ? ? ? ocf0a tov0 96 0x14 (0x34) portg ? ? portg5portg4portg3portg2portg1portg0 81 0x13 (0x33) ddrg ? ? ddg5 ddg4 ddg3 ddg2 ddg1 ddg0 81 0x12 (0x32) ping ? ? ping5 ping4 ping3 ping2 ping1 ping0 81 0x11 (0x31) portf portf7 portf6 portf5 portf4 portf3 portf2 portf1 portf0 81 0x10 (0x30) ddrf ddf7 ddf6 ddf5 ddf4 ddf3 ddf2 ddf1 ddf0 81 0x0f (0x2f) pinf pinf7 pinf6 pinf5 pinf4 pinf3 pinf2 pinf1 pinf0 81 0x0e (0x2e) porte porte7 porte6 porte 5porte4porte3porte2porte1porte0 80 0x0d (0x2d) ddre dde7 dde6 dde 5 dde4 dde3 dde2 dde1 dde0 80 0x0c (0x2c) pine pine7 pine6 pine 5pine4pine3pine2pine1pine0 81 0x0b (0x2b) portd portd7 portd6 portd5 portd4 portd3 portd2 portd1 portd0 80 0x0a (0x2a) ddrd ddd7 ddd6 ddd5 ddd4 ddd3 ddd2 ddd1 ddd0 80 0x09 (0x29) pind pind7 pind6 pind5 pind4 pind3 pind2 pind1 pind0 80 0x08 (0x28) portc portc7 portc6 portc5 portc4 portc3 portc2 portc1 portc0 80 0x07 (0x27) ddrc ddc7 ddc6 ddc5 ddc4 ddc3 ddc2 ddc1 ddc0 80 0x06 (0x26) pinc pinc7 pinc6 pinc5 pinc4 pinc3 pinc2 pinc1 pinc0 80 0x05 (0x25) portb portb7 portb6 portb 5portb4portb3portb2portb1portb0 79 0x04 (0x24) ddrb ddb7 ddb6 ddb 5 ddb4 ddb3 ddb2 ddb1 ddb0 79 0x03 (0x23) pinb pinb7 pinb6 pinb5 pinb4 pinb3 pinb2 pinb1 pinb0 79 0x02 (0x22) porta porta7 porta6 porta 5porta4porta3porta2porta1porta0 79 0x01 (0x21) ddra dda7 dda6 dda 5 dda4 dda3 dda2 dda1 dda0 79 0x00 (0x20) pina pina7 pina6 pina5 pina4 pina3 pina2 pina1 pina0 79 address name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 page
12 8298as?avr?03/10 atmega165pa 6. instruction set summary mnemonics operands description operation flags #clocks arithmetic and logic instructions add rd, rr add two registers rd rd + rr z,c,n,v,h 1 adc rd, rr add with carry two registers rd rd + rr + c z,c,n,v,h 1 adiw rdl,k add immediate to word rdh:rdl rdh:rdl + k z,c,n,v,s 2 sub rd, rr subtract two registers rd rd - rr z,c,n,v,h 1 subi rd, k subtract constant from register rd rd - k z,c,n,v,h 1 sbc rd, rr subtract with carry two registers rd rd - rr - c z,c,n,v,h 1 sbci rd, k subtract with carry constant from reg. rd rd - k - c z,c,n,v,h 1 sbiw rdl,k subtract immediate from word rdh:rdl rdh:rdl - k z,c,n,v,s 2 and rd, rr logical and registers rd rd ? rr z,n,v 1 andi rd, k logical and register and constant rd rd ? k z,n,v 1 or rd, rr logical or registers rd rd v rr z,n,v 1 ori rd, k logical or register and constant rd rd v k z,n,v 1 eor rd, rr exclusive or registers rd rd rr z,n,v 1 com rd one?s complement rd 0xff ? rd z,c,n,v 1 neg rd two?s complement rd 0x00 ? rd z,c,n,v,h 1 sbr rd,k set bit(s) in register rd rd v k z,n,v 1 cbr rd,k clear bit(s) in register rd rd ? (0xff - k) z,n,v 1 inc rd increment rd rd + 1 z,n,v 1 dec rd decrement rd rd ? 1 z,n,v 1 tst rd test for zero or minus rd rd ? rd z,n,v 1 clr rd clear register rd rd rd z,n,v 1 ser rd set register rd 0xff none 1 mul rd, rr multiply unsigned r1:r0 rd x rr z,c 2 muls rd, rr multiply signed r1:r0 rd x rr z,c 2 mulsu rd, rr multiply signed with unsigned r1:r0 rd x rr z,c 2 fmul rd, rr fractional multiply unsigned r1:r0 (rd x rr) << 1 z,c 2 fmuls rd, rr fractional multiply signed r1:r0 ? (rd x rr) << 1 z,c 2 fmulsu rd, rr fractional multiply signed with unsigned r1:r0 ? (rd x rr) << 1 z,c 2 branch instructions rjmp k relative jump pc pc + k + 1 none 2 ijmp indirect jump to (z) pc z none 2 jmp k direct jump pc knone3 rcall k relative subroutine call pc pc + k + 1 none 3 icall indirect call to (z) pc znone3 call k direct subroutine call pc knone4 ret subroutine return pc stack none 4 reti interrupt return pc stack i 4 cpse rd,rr compare, skip if equal if (rd = rr) pc pc + 2 or 3 none 1/2/3 cp rd,rr compare rd ? rr z, n,v,c,h 1 cpc rd,rr compare with carry rd ? rr ? c z, n,v,c,h 1 cpi rd,k compare register with immediate rd ? k z, n,v,c,h 1 sbrc rr, b skip if bit in register cleared if (rr(b)=0) pc pc + 2 or 3 none 1/2/3 sbrs rr, b skip if bit in register is set if (rr(b)=1) pc pc + 2 or 3 none 1/2/3 sbic p, b skip if bit in i/o register cleared if (p(b)=0) pc pc + 2 or 3 none 1/2/3 sbis p, b skip if bit in i/o register is set if (p(b)=1) pc pc + 2 or 3 none 1/2/3 brbs s, k branch if status flag set if (sreg(s) = 1) then pc pc+k + 1 none 1/2 brbc s, k branch if status flag cleared if (sreg(s) = 0) then pc pc+k + 1 none 1/2 breq k branch if equal if (z = 1) then pc pc + k + 1 none 1/2 brne k branch if not equal if (z = 0) then pc pc + k + 1 none 1/2 brcs k branch if carry set if (c = 1) then pc pc + k + 1 none 1/2 brcc k branch if carry cleared if (c = 0) then pc pc + k + 1 none 1/2 brsh k branch if same or higher if (c = 0) then pc pc + k + 1 none 1/2 brlo k branch if lower if (c = 1) then pc pc + k + 1 none 1/2 brmi k branch if minus if (n = 1) then pc pc + k + 1 none 1/2 brpl k branch if plus if (n = 0) then pc pc + k + 1 none 1/2 brge k branch if greater or equal, signed if (n v= 0) then pc pc + k + 1 none 1/2 brlt k branch if less than zero, signed if (n v= 1) then pc pc + k + 1 none 1/2 brhs k branch if half carry flag set if (h = 1) then pc pc + k + 1 none 1/2 brhc k branch if half carry flag cleared if (h = 0) then pc pc + k + 1 none 1/2 brts k branch if t flag set if (t = 1) then pc pc + k + 1 none 1/2 brtc k branch if t flag cleared if (t = 0) then pc pc + k + 1 none 1/2 brvs k branch if overflow flag is set if (v = 1) then pc pc + k + 1 none 1/2
13 8298as?avr?03/10 atmega165pa brvc k branch if overflow flag is cleared if (v = 0) then pc pc + k + 1 none 1/2 brie k branch if interrupt enabled if ( i = 1) then pc pc + k + 1 none 1/2 brid k branch if interrupt disabled if ( i = 0) then pc pc + k + 1 none 1/2 bit and bit-test instructions sbi p,b set bit in i/o register i/o(p,b) 1none2 cbi p,b clear bit in i/o register i/o(p,b) 0none2 lsl rd logical shift left rd(n+1) rd(n), rd(0) 0 z,c,n,v 1 lsr rd logical shift right rd(n) rd(n+1), rd(7) 0 z,c,n,v 1 rol rd rotate left through carry rd(0) c,rd(n+1) rd(n),c rd(7) z,c,n,v 1 ror rd rotate right through carry rd(7) c,rd(n) rd(n+1),c rd(0) z,c,n,v 1 asr rd arithmetic shift right rd(n) rd(n+1), n=0..6 z,c,n,v 1 swap rd swap nibbles rd(3..0) rd(7..4),rd(7..4) rd(3..0) none 1 bset s flag set sreg(s) 1 sreg(s) 1 bclr s flag clear sreg(s) 0 sreg(s) 1 bst rr, b bit store from register to t t rr(b) t 1 bld rd, b bit load from t to register rd(b) tnone1 sec set carry c 1c1 clc clear carry c 0 c 1 sen set negative flag n 1n1 cln clear negative flag n 0 n 1 sez set zero flag z 1z1 clz clear ze ro flag z 0 z 1 sei global interrupt enable i 1i1 cli global interrupt disable i 0 i 1 ses set signed test flag s 1s1 cls clear signed test flag s 0 s 1 sev set twos complement overflow. v 1v1 clv clear twos complement overflow v 0 v 1 set set t in sreg t 1t1 clt clear t in sreg t 0 t 1 seh set half carry flag in sreg h 1h1 clh clear half carry flag in sreg h 0 h 1 data transfer instructions mov rd, rr move between registers rd rr none 1 movw rd, rr copy register word rd+1:rd rr+1:rr none 1 ldi rd, k load immediate rd knone1 ld rd, x load indirect rd (x) none 2 ld rd, x+ load indirect and post-inc. rd (x), x x + 1 none 2 ld rd, - x load indirect and pre-dec. x x - 1, rd (x) none 2 ld rd, y load indirect rd (y) none 2 ld rd, y+ load indirect and post-inc. rd (y), y y + 1 none 2 ld rd, - y load indirect and pre-dec. y y - 1, rd (y) none 2 ldd rd,y+q load indirect with displacement rd (y + q) none 2 ld rd, z load indirect rd (z) none 2 ld rd, z+ load indirect and post-inc. rd (z), z z+1 none 2 ld rd, -z load indirect and pre-dec. z z - 1, rd (z) none 2 ldd rd, z+q load indirect with displacement rd (z + q) none 2 lds rd, k load direct from sram rd (k) none 2 st x, rr store indirect (x) rr none 2 st x+, rr store indirect and post-inc. (x) rr, x x + 1 none 2 st - x, rr store indirect and pre-dec. x x - 1, (x) rr none 2 st y, rr store indirect (y) rr none 2 st y+, rr store indirect and post-inc. (y) rr, y y + 1 none 2 st - y, rr store indirect and pre-dec. y y - 1, (y) rr none 2 std y+q,rr store indirect with displacement (y + q) rr none 2 st z, rr store indirect (z) rr none 2 st z+, rr store indirect and post-inc. (z) rr, z z + 1 none 2 st -z, rr store indirect and pre-dec. z z - 1, (z) rr none 2 std z+q,rr store indirect with displacement (z + q) rr none 2 sts k, rr store direct to sram (k) rr none 2 lpm load program memory r0 (z) none 3 lpm rd, z load program memory rd (z) none 3 lpm rd, z+ load program memory and post-inc rd (z), z z+1 none 3 spm store program memory (z) r1:r0 none - in rd, p in port rd pnone1 out p, rr out port p rr none 1 mnemonics operands description operation flags #clocks
14 8298as?avr?03/10 atmega165pa push rr push register on stack stack rr none 2 pop rd pop register from stack rd stack none 2 mcu control instructions nop no operation none 1 sleep sleep (see specific descr. for sleep function) none 1 wdr watchdog reset (see specific descr. for wdr/timer) none 1 break break for on-chip debug only none n/a mnemonics operands description operation flags #clocks
15 8298as?avr?03/10 atmega165pa 7. ordering information notes: 1. this device can also be supplied in wafer form. please contact your local atmel sales office for detailed ordering info rmation and minimum quantities. 2. pb-free packaging, complies to the european directive for restriction of hazardous subst ances (rohs directive). also halide free and fully green. 3. for speed vs. v cc , see figure 27-1 on page 297 . 4. tape & reel speed (mhz) (3) power supply ordering code package (1)(2) operation range 16 1.8 - 5.5v atmega165pa-au ATMEGA165PA-AUR (4) atmega165pa-mu atmega165pa-mur (4) 64a 64a 64m1 64m1 industrial (-4 0 c to 85 c) package type 64a 64-lead, thin (1.0 mm) plastic gull wing quad flat package (tqfp) 64m1 64-pad, 9 x 9 x 1.0 mm body, lead pitch 0.50 mm, quad flat no-lead/micro lead frame package (qfn/ mlf)
16 8298as?avr?03/10 atmega165pa 8. packaging information 8.1 64a 2325 orchard park w ay san jose, ca 95131 title drawing no. r rev. 64a, 64-lead, 14 x 14 mm body size, 1.0 mm body thickness, 0. 8 mm lead pitch, thin profile plastic q u ad flat package (tqfp) b 64a 10/5/2001 pi n 1 ide n tifier 0~7 pi n 1 l c a1 a2 a d1 d e e1 e b common dimen s ion s (unit of meas u re = mm) s ymbol min nom max note n otes: 1.this package conforms to jedec reference ms-026, v ariation aeb. 2. dimensions d1 and e1 do not incl u de mold protr u sion. allo w a b le protr u sion is 0.25 mm per side. dimensions d1 and e1 are maxim u m plastic b ody size dimensions incl u ding mold mismatch. 3. lead coplanarity is 0.10 mm maxim u m. a ? ? 1.20 a1 0.05 ? 0.15 a2 0.95 1.00 1.05 d 15.75 16.00 16.25 d1 13.90 14.00 14.10 n ote 2 e 15.75 16.00 16.25 e1 13.90 14.00 14.10 n ote 2 b 0.30 ? 0.45 c 0.09 ? 0.20 l 0.45 ? 0.75 e 0. 8 0 typ 2325 orchard park w ay san jose, ca 95131 title drawing no. r rev. 64a, 64-lead, 14 x 14 mm body size, 1.0 mm body thickness, 0. 8 mm lead pitch, thin profile plastic q u ad flat package (tqfp) b 64a 10/5/2001 pi n 1 ide n tifier 0~7 pi n 1 l c a1 a2 a d1 d e e1 e b common dimen s ion s (unit of meas u re = mm) s ymbol min nom max note n otes: 1.this package conforms to jedec reference ms-026, v ariation aeb. 2. dimensions d1 and e1 do not incl u de mold protr u sion. allo w a b le protr u sion is 0.25 mm per side. dimensions d1 and e1 are maxim u m plastic b ody size dimensions incl u ding mold mismatch. 3. lead coplanarity is 0.10 mm maxim u m. a ? ? 1.20 a1 0.05 ? 0.15 a2 0.95 1.00 1.05 d 15.75 16.00 16.25 d1 13.90 14.00 14.10 n ote 2 e 15.75 16.00 16.25 e1 13.90 14.00 14.10 n ote 2 b 0.30 ? 0.45 c 0.09 ? 0.20 l 0.45 ? 0.75 e 0. 8 0 typ
17 8298as?avr?03/10 atmega165pa 8.2 64m1 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 64m1 , 64-pad, 9 x 9 x 1.0 mm body, lead pitch 0.50 mm, g 64m1 5/25/06 common dimen s ion s (unit of measure = mm) s ymbol min nom max note a 0.80 0.90 1.00 a1 ? 0.02 0.05 b 0.18 0.25 0.30 d d2 5.20 5.40 5.60 8.90 9.00 9.10 8.90 9.00 9.10 e e2 5.20 5.40 5.60 e 0.50 bsc l 0.35 0.40 0.45 note: 1. jedec standard mo-220, (saw singulation) fig. 1, vmmd. 2. dimension and tolerance conform to asmey14.5m-1994. top view s ide view bottom view d e marked pin# 1 id seating plane a1 c a c 0.08 1 2 3 k 1.25 1.40 1.55 e2 d2 b e pin #1 corner l pin #1 triangle pin #1 chamfer (c 0.30) option a option b pin #1 notch (0.20 r) option c k k 5.40 mm exposed pad, micro lead frame package (mlf)
18 8298as?avr?03/10 atmega165pa 9. errata 9.1 atmega165pa rev. g no known errata. 9.2 atmega165pa rev. a to f not sampled.
19 8298as?avr?03/10 atmega165pa 10. datasheet revision history please note that the referring page numbers in this section are referring to this document. the referring revisions in this section are referring to the document revision. 10.1 8289a ? 03/10 1. initial revision (based on the atme ga165p/v datasheet 8019i-avr-08/07). 2. changes done compared to atmega 165p/v datasheet 8019i-avr-08/07: ? new eimsk and eifr register overview ? new graphics in ?typical characteristics ? on page 343 . ? ordering information includes tape & reel ?new ?ordering information? on page 379 .
8298as?avr?03/10 headquarters international atmel corporation 2325 orchard parkway san jose, ca 95131 usa tel: 1(408) 441-0311 fax: 1(408) 487-2600 atmel asia unit 1-5 & 16, 19/f bea tower, millennium city 5 418 kwun tong road kwun tong, kowloon hong kong tel: (852) 2245-6100 fax: (852) 2722-1369 atmel europe le krebs 8, rue jean-pierre timbaud bp 309 78054 saint-quentin-en- yvelines cedex france tel: (33) 1-30-60-70-00 fax: (33) 1-30-60-71-11 atmel japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 product contact web site www.atmel.com technical support avr@atmel.com sales contact www.atmel.com/contacts literature requests www.atmel.com/literature disclaimer: the information in this document is provided in connection with atmel products. no license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of atmel products. except as set forth in atmel?s terms and condi- tions of sale located on atmel?s web site, atmel assumes no li ability whatsoever and disclaims any express, implied or statutor y warranty relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particu lar purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, consequential, punitive, special or i nciden- tal damages (including, without limitation, damages for loss of profits, business interruption, or loss of information) arising out of the use or inability to use this document, even if atme l has been advised of the possibility of such damages. atmel makes no representations or warranties with respect to the accuracy or comp leteness of the contents of this document and reserves the rig ht to make changes to specifications and product descriptions at any time without notice. atmel does not make any commitment to update the information contained her ein. unless specifically provided otherwise, atmel products are not suitable for, and shall not be used in, automotive applications. atmel?s products are not int ended, authorized, or warranted for use as components in applications in tended to support or sustain life. ? 2010 atmel corporation. all rights reserved. atmel ? , atmel logo and combinations thereof, avr ? , avr ? logo, and others are registered trade- marks or trademarks of atmel corporation or its subsidiari es. other terms and product names may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of ATMEGA165PA-AUR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X