Part Number Hot Search : 
60506 200MW SCG102A 93A915 MCF54 EMW576P 05583 2SC57
Product Description
Full Text Search
 

To Download AT49BV162A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? single voltage read/write operation: 2.65v to 3.6v  access time ? 70 ns  sector erase architecture ? thirty-one 32k word (64k bytes) sectors with individual write lockout ? eight 4k word (8k bytes) sectors with individual write lockout  fast word program time ? 12 s  fast sector erase time ? 300 ms  suspend/resume feature for erase and program ? supports reading and programming from any sector by suspending erase of a different sector ? supports reading any byte/word in the non-suspending sectors by suspending programming of any other byte/word  low-power operation ?12 ma active ? 13 a standby  data polling, toggle bit, ready/busy for end of program detection  vpp pin for write protection  reset input for device initialization  sector lockdown support  tsop and cbga package options  top or bottom boot block configuration available  128-bit protection register  minimum 100,000 erase cycles  common flash interface (cfi) description the AT49BV162A(t) is a 2.7-volt 16-megabit flash memory organized as 1,048,576 words of 16 bits each or 2,097,152 bytes of 8 bits each. the x16 data appears on i/o0 - i/o15; the x8 data appears on i/o0 - i/o7. the memory is divided into 71 sectors for erase operations. the device is offered in a 48-lead tsop and a 48-ball cbga pack- age. the device has ce and oe control signals to avoid any bus contention. this device can be read or reprogrammed using a single power supply, making it ideally suited for in-system programming. pin configurations pin name function a0 - a19 addresses ce chip enable oe output enable we write enable reset reset rdy/busy ready/busy output vpp write protection i/o0 - i/o14 data inputs/outputs i/o15 (a-1) i/o15 (data input/output, word mode) a-1 (lsb address input, byte mode) byte selects byte or word mode nc no connect 16-megabit (1m x 16/2m x 8) 3-volt only flash memory AT49BV162A AT49BV162At preliminary rev. 3349d?flash?3/04
2 AT49BV162A(t) [preliminary] 3349d?flash?3/04 tsop top view type 1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 a15 a14 a13 a12 a11 a10 a9 a8 a19 nc we reset nc vpp rdy/busy a18 a17 a7 a6 a5 a4 a3 a2 a1 a16 byte gnd i/o15/a-1 i/o7 i/o14 i/o6 i/o13 i/o5 i/o12 i/o4 vcc i/o11 i/o3 i/o10 i/o2 i/o9 i/o1 i/o8 i/o0 oe gnd ce a0 cbga top view (ball down) a b c d e f g h 1 23456 rdy/busy vpp a18 nc i/o2 i/o10 i/o11 i/o3 a3 a4 a2 a1 a0 ce oe vss a7 a17 a6 a5 i/o0 i/o8 i/o9 i/o1 we rst nc a19 i/o5 i/o12 vcc i/o4 a9 a8 a10 a11 i/o7 i/o14 i/o13 i/o6 a13 a12 a14 a15 a16 byte i/015/a-1 vss the device powers on in the read mode. command sequences are used to place the device in other operation modes such as program and erase. the device has the capability to protect the data in any sector (see ?sector lockdown? section). to increase the flexibility of the device, it contains an erase suspend and program suspend feature. this feature will put the erase or program on hold for any amount of time and let the user read data from or program data to any of the remaining sectors within the memory. the end of a program or an erase cycle is detected by the ready/busy pin, data polling or by the toggle bit. the vpp pin provides data protection. when the v pp input is below 0.4v, the program and erase functions are inhibited. when v pp is at 0.9v or above, normal program and erase oper- ations can be performed. a six-byte command (enter single pulse program mode) sequence to remove the require- ment of entering the three-byte program sequence is offered to further improve programming time. after entering the six-byte code, only single pulses on the write control lines are required for writing into the device. this mode (single pulse byte/word program) is exited by powering down the device, or by pulsing the reset pin low for a minimum of 500 ns and then bringing it back to v cc . erase, erase suspend/resume and program suspend/resume commands will not work while in this mode; if entered they will result in data being programmed into the device. it is not recommended that the six-byte code reside in the software of the final product but only exist in external programming code. the byte pin controls whether the device data i/o pins operate in the byte or word configura- tion. if the byte pin is set at logic ?1?, the device is in word configuration, i/o0 - i/o15 are active and controlled by ce and oe . if the byte pin is set at logic ?0?, the device is in byte configuration, and only data i/o pins i/o0 - i/o7 are active and controlled by ce and oe . the data i/o pins i/o8 - i/o14 are tri- stated, and the i/o15 pin is used as an input for the lsb (a-1) address function.
3 AT49BV162A(t) [preliminary] 3349d?flash?3/04 block diagram identifier register status register data comparator output multiplexer output buffer input buffer command register data register y-gating write state machine program/erase voltage switch ce we oe reset byte rdy/busy vpp vcc gnd y-decoder x-decoder input buffer address latch i/o0 - i/o15/a-1 a0 - a19 main memory
4 AT49BV162A(t) [preliminary] 3349d?flash?3/04 device operation read: the AT49BV162A(t) is accessed like an eprom. when ce and oe are low and we is high, the data stored at the memory location determined by the address pins are asserted on the outputs. the outputs are put in the high impedance state whenever ce or oe is high. this dual-line control gives designers flexibility in preventing bus contention. command sequences: when the device is first powered on, it will be reset to the read or standby mode, depending upon the state of the control line inputs. in order to perform other device functions, a series of command sequences are entered into the device. the command sequences are shown in the ?command definition in hex? table on page 12 (i/o8 - i/o15 are don?t care inputs for the command codes). the command sequences are written by applying a low pulse on the we or ce input with ce or we low (respectively) and oe high. the address is latched on the falling edge of ce or we , whichever occurs last. the data is latched by the first rising edge of ce or we . standard microprocessor write timings are used. the address locations used in the command sequences are not affected by entering the command sequences. reset: a reset input pin is provided to ease some system applications. when reset is at a logic high level, the device is in its standard operating mode. a low level on the reset input halts the present device operation and puts the outputs of the device in a high impedance state. when a high level is reasserted on the reset pin, the device returns to the read or standby mode, depending upon the state of the control inputs. erasure: before a byte/word can be reprogrammed, it must be erased. the erased state of memory bits is a logical ?1?. the entire dev ice can be erased by using the chip erase com- mand or individual sectors can be erased by using the sector erase command. chip erase: the entire device can be erased at one ti me by using the six-byte chip erase software code. after the chip erase has been initiated, the device will internally time the erase operation so that no external clocks are required. the maximum time to erase the chip is t ec . if the sector lockdown has been enabled, the chip erase will not erase the data in the sector that has been locked out; it will erase only the unpr otected sectors. after the chip erase, the device will return to the read or standby mode. sector erase: as an alternative to a full chip erase, the device is organized into 39 sec- tors (sa0 - sa38) that can be individually erased. the sector erase command is a six-bus cycle operation. the sector address is latched on the falling we edge of the sixth cycle while the 30h data input command is latched on the rising edge of we . the sector erase starts after the rising edge of we of the sixth cycle. the erase operatio n is internally controlled; it will automatically time to completion. the maximum time to erase a sector is t sec . when the sec- tor programming lockdown feature is not enabled, the sector will erase (from the same sector erase command). an attempt to erase a sector that has been protected will result in the oper- ation terminating immediately. byte/word programming: once a memory block is erased, it is programmed (to a logi- cal ?0?) on a byte-by-byte or on a word-by-word basis. programming is accomplished via the internal device command register and is a four-bus cycle operation. the device will automati- cally generate the required internal program pulses.
5 AT49BV162A(t) [preliminary] 3349d?flash?3/04 any commands written to the chip during the embedded programming cycle will be ignored. if a hardware reset happens during programming, the data at the location being programmed will be corrupted. please note that a data ?0? cannot be programmed back to a ?1?; only erase operations can convert ?0?s to ?1?s. programming is completed after the specified t bp cycle time. the data polling feature or the toggle bit feature may be used to indicate the end of a program cycle. if the erase/program status bit is a ?1?, the device was not able to verify that the erase or program operation was performed successfully. vpp pin: the circuitry of the AT49BV162A(t) is des igned so that the device cannot be pro- grammed or erased if the v pp voltage is less that 0.4v. when v pp is at 0.9v or above, normal program and erase operations can be performed. the vpp pin cannot be left floating. program/erase status: the device provides several bits to determine the status of a program or erase operation: i/o2, i/o3, i/o5, i/o6 and i/o7. the ?status bit table? on page 11 and the following four sections describe the function of these bits. to provide greater flexibility for system designers, the AT49BV162A(t) contains a programmable configuration register. the configuration register allows the user to specify the status bit operation. the configuration register can be set to one of two different values, ?00? or ?01?. if the configuration register is set to ?00?, the part will automatically return to the read mode after a successful program or erase operation. if the configuration register is set to a ?01?, a product id exit command must be given after a successful program or erase oper ation before the part will return to the read mode. it is important to note that whether the configuration register is set to a ?00? or to a ?01?, any unsuccessful program or erase operation requires using the product id exit command to return the device to read mode. the default value (after power-up) for the configuration regis- ter is ?00?. using the four-bus cycle set conf iguration register command as shown in the ?command definition in hex? table on page 12, the value of the configuration register can be changed. voltages applied to the reset pin will not alter the value of the configuration regis- ter. the value of the configuration register will affect the operation of the i/o7 status bit as described below. data polling: the AT49BV162A(t) features data polling to indicate the end of a program cycle. if the status configuration register is set to a ?00?, during a program cycle an attempted read of the last byte/word loaded will result in the complement of the loaded data on i/o7. once the program cycle has been completed, true data is valid on all outputs and the next cycle may begin. during a chip or sector erase operation, an attempt to read the device will give a ?0? on i/o7. once the program or erase cycle has completed, true data will be read from the device. data polling may begin at any time during the program cycle. please see ?status bit table? on page 11 for more details. if the status bit configuration register is set to a ?01?, the i/o7 status bit will be low while the device is actively programming or erasing dat a. i/o7 will go high when the device has com- pleted a program or erase operation. once i/o7 has gone high, status information on the other pins can be checked. the data polling status bit must be used in conjunction with the erase/program and v pp status bit as shown in the algorithm in figures 1 and 2 on page 9.
6 AT49BV162A(t) [preliminary] 3349d?flash?3/04 toggle bit: in addition to data polling the AT49BV162A(t) provides another method for determining the end of a program or erase cycle. during a program or erase operation, suc- cessive attempts to read data from the memory will result in i/o6 toggling between one and zero. once the program cycle has completed, i/o6 will stop toggling and valid data will be read. examining the toggle bit may begin at any time during a program cycle. please see ?sta- tus bit table? on page 11 for more details. the toggle bit status bit should be used in conjunction with the erase/program and v pp status bit as shown in the algorithm in figures 3 and 4 on page 10. erase/program status bit: the device offers a status bit on i/o5, which indicates whether the program or erase operation has exceeded a specified internal pulse count limit. if the status bit is a ?1?, the device is unable to verify that an erase or a byte/word program oper- ation has been successfully performed. if a pr ogram (sector erase) command is issued to a protected sector, the protected sector will not be programmed (erased). the device will go to a status read mode and the i/o5 status bit will be set high, indicating the program (erase) opera- tion did not complete as requested. once the erase/program status bit has been set to a ?1?, the system must write the product id exit command to return to the read mode. the erase/program status bit is a ?0? while the erase or program operation is still in progress. please see ?status bit table? on page 11 for more details. v pp status bit: the AT49BV162A(t) provides a status bit on i/o3, which provides informa- tion regarding the voltage level of the vpp pin. during a program or erase operation, if the voltage on the vpp pin is not high enough to perform the desired operation successfully, the i/o3 status bit will be a ?1?. once the v pp status bit has been set to a ?1?, the system must write the product id exit command to return to the read mode. on the other hand, if the volt- age level is high enough to perform a program or erase operation successfully, the v pp status bit will output a ?0?. please see ?status bit table? on page 11 for more details. sector lockdown: each sector has a programming lockdown feature. this feature pre- vents programming of data in the designated sectors once the feature has been enabled. these sectors can contain secure code that is used to bring up the system. enabling the lock- down feature will allow the boot code to stay in the device while data in the rest of the device is updated. this feature does not have to be activated; any sector?s usage as a write-protected region is optional to the user. at power-up or reset, all sectors are unlocked. to activate the lockdown for a specific sector, the six-bus cycle sector lockdown command must be issued. once a sector has been locked down, the contents of the sector is read-only and cannot be erased or programmed. sector lockdown detection: a software method is available to determine if program- ming of a sector is locked down. when the device is in the software product identification mode (see ?software product identification entry/exit? sections on page 23), a read from address location 00002h within a sector will show if programming the sector is locked down. if the data on i/o0 is low, the sector can be programmed; if the data on i/o0 is high, the program lockdown feature has been enabled and the sector cannot be programmed. the software product identification exit code should be used to return to standard operation.
7 AT49BV162A(t) [preliminary] 3349d?flash?3/04 sector lockdown override: the only way to unlock a sector that is locked down is through reset or power-up cycles. after power-up or reset, the content of a sector that is locked down can be erased and reprogrammed. erase suspend/erase resume: the erase suspend command allows the system to interrupt a sector or chip erase operation and then program or read data from a different sector within the memory. after the erase suspend command is given, the device requires a maxi- mum time of 15 s to suspend the erase op eration. after the erase operation has been suspended, the system can then read data or program data to any other sector within the device. an address is not required during the erase suspend command. during a sector erase suspend, another sector cannot be erased. to resume the sector erase operation, the system must write the erase resume command. the erase resume command is a one-bus cycle command. the device also supports an erase su spend during a complete chip erase. while the chip erase is suspended, the user can read from any sector within the memory that is pro- tected. the command sequence for a chip erase suspend and a sector erase suspend are the same. program suspend/program resume: the program suspend command allows the system to interrupt a programming operation and then read data from a different byte/word within the memory. after the program suspend command is given, the device requires a max- imum of 20 s to suspend the programming operation. after the programming operation has been suspended, the system can then read data from any other byte/word that is not con- tained in the sector in which the programming operation was suspended. an address is not required during the program suspend operation. to resume the programming operation, the system must write the program resume command. the program suspend and resume are one-bus cycle commands. the command sequence for the erase suspend and program sus- pend are the same, and the command sequence for the erase resume and program resume are the same. product identification: the product identification mode identifies the device and man- ufacturer as atmel. it may be accessed by hardware or software operation. the hardware operation mode can be used by an external pr ogrammer to identify the correct programming algorithm for the atmel product. for details, see ?operating modes? on page 16 (for hardware operation) or ?software product identification entry/exit? sections on page 23. the manufacturer and device codes are the same for both modes. 128-bit protection register: the AT49BV162A(t) contains a 128-bit register that can be used for security purposes in system design. the protection register is divided into two 64- bit blocks. the two blocks are designated as block a and block b. the data in block a is non-changeable and is programmed at the factory with a unique number. the data in block b is programmed by the user and can be locked out such that data in the block cannot be repro- grammed. to program block b in the protection register, the four-bus cycle program protection register command must be used as shown in the ?command definition in hex? table on page 12. to lock out block b, the four-bus cycle lock protection register command must be used as shown in the ?command definition in hex? table. data bit d1 must be zero during the fourth bus cycle. all other data bits during the fourth bus cycle are don?t cares. to determine whether block b is locked out, the product id entry command is given followed by a read operation from address 80h. if data bit d1 is zero, block b is locked. if data bit d1 is one, block b can be reprogrammed. please see the ?protection register addressing table? on page 13 for the address locations in the protection register. to read the protection register, the product id entry command is given followed by a normal read operation from an address within the protection register. after determining whether block b is protected or not, or reading the protection register, the product id exit command must be given prior to performing any other operation.
8 AT49BV162A(t) [preliminary] 3349d?flash?3/04 rdy/busy : an open-drain ready/busy output pin provides another method of detecting the end of a program or erase operation. rdy/busy is actively pulled low during the internal program and erase cycles and is released at the completion of the cycle. the open-drain con- nection allows for or-tying of several devices to the same rdy/busy line. please see ?status bit table? on page 11 for more details. cfi: common flash interface (cfi) is a published, standardized data structure that may be read from a flash device. cfi allows system software to query the installed device to deter- mine the configurations, various electrical and timing parameters, and functions supported by the device. cfi is used to allow the system to learn how to interface to the flash device most optimally. the two primary benefits of using cfi are ease of upgrading and second source availability. the command to enter the cfi query mode is a one-bus cycle command which requires writing data 98h to address 55h. the cfi query command can be written when the device is ready to read data or can also be wr itten when the part is in the product id mode. once in the cfi query mode, the system can read cfi data at the addresses given in table 1 on page 24. to exit the cfi query mode, the product id exit command must be given. hardware data protection: the hardware data protecti on feature protects against inadvertent programs to the AT49BV162A(t) in the following ways: (a) v cc sense: if v cc is below 1.8v (typical), the program function is inhibited. (b) v cc power-on delay: once v cc has reached the v cc sense level, the device will automatically time out 10 ms (typical) before pro- gramming. (c) program inhibit: holding any one of oe low, ce high or we high inhibits program cycles. (d) program inhibit: v pp is less than v ilpp . (e) v pp power-on delay: once v pp has reached 1.65v, program and erase operations are inhibited for 100 ns. input levels: while operating with a 2.65v to 3.6v power supply, the address inputs and control inputs (oe , ce and we ) may be driven from 0 to 5.5v without adversely affecting the operation of the device. the i/o lines can only be driven from 0 to v cc + 0.6v.
9 AT49BV162A(t) [preliminary] 3349d?flash?3/04 figure 1. data polling algorithm (configuration register = 00) notes: 1. va = valid address for programming. during a sec- tor erase operation, a valid address is any sector address within the sector being erased. during chip erase, a valid address is any non-protected sector address. 2. i/o7 should be rechecked even if i/o5 = ?1? because i/o7 may change simultaneously with i/o5. start read i/o7 - i/o0 addr = va i/o7 = data? i/o3, i/o5 = 1? read i/o7 - i/o0 addr = va i/o7 = data? program/erase operation not successful, write product id exit command no no no yes yes yes program/erase operation successful, device in read mode figure 2. data polling algorithm (configuration register = 01) notes: 1. va = valid address for programming. during a sec- tor erase operation, a valid address is any sector address within the sector being erased. during chip erase, a valid address is any non-protected sector address. 2. i/o7 should be rechecked even if i/o5 = ?1? because i/o7 may change simultaneously with i/o5. start read i/o7 - i/o0 addr = va i/o7 = data? i/o3, i/o5 = 1? read i/o7 - i/o0 addr = va i/o7 = data? program/erase operation not successful, write product id exit command no no no yes yes yes program/erase operation successful, write product id exit command
10 AT49BV162A(t) [preliminary] 3349d?flash?3/04 figure 3. toggle bit algorithm (configuration register = 00) note: 1. the system should recheck the toggle bit even if i/o5 = ?1? because the toggle bit may stop toggling as i/o5 changes to ?1?. start read i/o7 - i/o0 read i/o7 - i/o0 toggle bit = toggle? i/o3, i/o5 = 1? read i/o7 - i/o0 twice toggle bit = toggle? program/erase operation not successful, write product id exit command program/erase operation successful, device in read mode no no no yes yes yes figure 4. toggle bit algorithm (configuration register = 01) note: 1. the system should recheck the toggle bit even if i/o5 = ?1? because the toggle bit may stop toggling as i/o5 changes to ?1?. start read i/o7 - i/o0 read i/o7 - i/o0 toggle bit = toggle? i/o3, i/o5 = 1? read i/o7 - i/o0 twice toggle bit = toggle? program/erase operation not successful, write product id exit command program/erase operation successful, write product id exit command no no no yes yes yes
11 AT49BV162A(t) [preliminary] 3349d?flash?3/04 notes: 1. i/o5 switches to a ?1? when a program or an erase operation has exceeded the maximum time limits or when a program or sector erase operation is performed on a protected sector. 2. i/o3 switches to a ?1? when the v pp level is not high enough to successfully perform program and erase operations. status bit table status bit i/o7 i/o7 i/o6 i/o5 (1) i/o3 (2) i/o2 rdy/busy configuration register 00 01 00/01 00/01 00/01 00/01 00/01 programming i/o7 0toggle0010 erasing 0 0 toggle 0 0 toggle 0 erase suspended & read erasing sector 11100toggle1 erase suspended & read non-erasing sector data data data data data data 1 erase suspended & program non-erasing sector i/o7 0 toggle 0 0 toggle 0 erase suspended & program suspended and reading from non- suspended sectors data data data data data data 1 program suspended & read programming sector i/o71100toggle1 program suspended & read non-programming sector data data data data data data 1
12 AT49BV162A(t) [preliminary] 3349d?flash?3/04 notes: 1. the data format shown for each bus cycle is as follows; i/o7 - i/o0 (hex). in word operation i/o15 - i/o8 are don?t care. the address format shown for each bus cycle is as follows: a11 - a0 (hex). address a19 through a11 are don?t ca re in the word mode. address a19 through a11 and a-1 are don?t care in the byte mode. 2. since a11 is a don?t care, aaa can be replaced with 2aa. 3. sa = sector address. any byte/word address within a sector c an be used to designate the sector address (see pages 14 - 18 for details). 4. once a sector is in the lockdown mode, data in the protecte d sector cannot be changed unless the chip is reset or power cycle d. 5. either one of the product id exit commands can be used. 6. if data bit d1 is ?0?, block b is locked. if data bit d1 is ?1?, block b can be reprogrammed. 7. the default state (after power-up) of the configuration register is ?00?. 8. bytes of data other than f0 may be used to exit the product id mode. however, it is recommended that f0 be used. 9. this fast programming option enables the user to program two words in parallel only when v pp = 12v. the addresses, addr1 and addr2, of the two words, d in1 and d in2 , must only differ in address a0. this command should be used during manufacturing purposes only. command definition in hex (1) command sequence bus cycles 1st bus cycle 2nd bus cycle 3rd bus cycle 4th bus cycle 5th bus cycle 6th bus cycle addr data addr data addr data addr data addr data addr data read 1 addr d out chip erase 6 555 aa aaa (2) 55 555 80 555 aa aaa 55 555 10 sector erase 6 555 aa aaa 55 555 80 555 aa aaa 55 sa (3)(4) 30 byte/word program 4 555 aa aaa 55 555 a0 addr d in dual byte/word program (9) 5 555 aa aaa 55 555 e0 addr1 d in1 addr2 d in2 enter single pulse program mode 6 555 aa aaa 55 555 80 555 aa aaa 55 555 a0 single pulse byte/word program 1addrd in sector lockdown 6 555 aa aaa (2) 55 555 80 555 aa aaa 55 sa (3)(4) 60 erase/program suspend 1 xxx b0 erase/program resume 1 xxx 30 product id entry 3 555 aa aaa 55 555 90 product id exit (5) 3 555 aa aaa 55 555 f0 (8) product id exit (5) 1 xxx f0 (8) program protection register 4 555 aa aaa 55 555 c0 addr d in lock protection register - block b 4 555 aa aaa 55 555 c0 080 x0 status of block b protection 4 555 aa aaa 55 555 90 80 d out (6) set configuration register 4 555 aa aaa 55 555 d0 xxx 00/01 (7) cfi query 1 x55 98 absolute maximum ratings* temperature under bias ................................ -55c to +125c *notice: stresses beyond those listed under ?absolute maximum ratings? may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature ..................................... -65c to +150c all input voltages (including nc pins) with respect to ground ...................................-0.6v to +6.25v all output voltages with respect to ground .............................-0.6v to v cc + 0.6v voltage on v pp with respect to ground ...................................-0.6v to +13.0v
13 AT49BV162A(t) [preliminary] 3349d?flash?3/04 note: all address lines not specified in the above table must be ?0? when accessing the protection register, i.e., a19 - a8 = 0. protection register addressing table word use block a7 a6 a5 a4 a3 a2 a1 a0 0 factory a 10000001 1 factory a 10000010 2 factory a 10000011 3 factory a 10000100 4 user b 10000101 5 user b 10000110 6 user b 10000111 7 user b 10001000
14 AT49BV162A(t) [preliminary] 3349d?flash?3/04 AT49BV162A ? sector address table sector size (bytes/words) x8 address range (a19 - a-1) x16 address range (a19 - a0) sa0 8k/4k 000000 - 001fff 00000 - 00fff sa1 8k/4k 002000 - 003fff 01000 - 01fff sa2 8k/4k 004000 - 005fff 02000 - 02fff sa3 8k/4k 006000 - 007fff 03000 - 03fff sa4 8k/4k 008000 - 009fff 04000 - 04fff sa5 8k/4k 00a000 - 00bfff 05000 - 05fff sa6 8k/4k 00c000 - 00dfff 06000 - 06fff sa7 8k/4k 00e000 - 00ffff 07000 - 07fff sa8 64k/32k 010000 - 01ffff 08000 - 0ffff sa9 64k/32k 020000 - 02ffff 10000 - 17fff sa10 64k/32k 030000 - 03ffff 18000 - 1ffff sa11 64k/32k 040000 - 04ffff 20000 - 27fff sa12 64k/32k 050000 - 05ffff 28000 - 2ffff sa13 64k/32k 060000 - 06ffff 30000 - 37fff sa14 64k/32k 070000 - 07ffff 38000 - 3ffff sa15 64k/32k 080000 - 08ffff 40000 - 47fff sa16 64k/32k 090000 - 09ffff 48000 - 4ffff sa17 64k/32k 0a0000 - 0affff 50000 - 57fff sa18 64k/32k 0b0000 - 0bffff 58000 - 5ffff sa19 64k/32k 0c0000 - 0cffff 60000 - 67fff sa20 64k/32k 0d0000 - 0dffff 68000 - 6ffff sa21 64k/32k 0e0000 - 0effff 70000 - 77fff sa22 64k/32k 0f0000 - 0fffff 78000 - 7ffff sa23 64k/32k 100000 - 10ffff 80000 - 87fff sa24 64k/32k 110000 - 11ffff 88000 - 8ffff sa25 64k/32k 120000 - 12ffff 90000 - 97fff sa26 64k/32k 130000 - 13ffff 98000 - 9ffff sa27 64k/32k 140000 - 14ffff a0000 - a7fff sa28 64k/32k 150000 - 15ffff a8000 - affff sa29 64k/32k 160000 - 16ffff b0000 - b7fff sa30 64k/32k 170000 - 17ffff b8000 - bffff sa31 64k/32k 180000 - 18ffff c0000 - c7fff sa32 64k/32k 190000 - 19ffff c8000 - cffff sa33 64k/32k 1a0000 - 1affff d0000 - d7fff sa34 64k/32k 1b0000 - 1bffff d8000 - dffff sa35 64k/32k 1c0000 - 1cffff e0000 - e7fff sa36 64k/32k 1d0000 - 1dffff e8000 - effff sa37 64k/32k 1e0000 - 1effff f0000 - f7fff sa38 64k/32k 1f0000 - 1fffff f8000 - fffff
15 AT49BV162A(t) [preliminary] 3349d?flash?3/04 AT49BV162At ? sector address table sector size (bytes/words) x8 address range (a19 - a-1) x16 address range (a19 - a0) sa0 64k/32k 000000 - 00ffff 00000 - 07fff sa1 64k/32k 010000 - 01ffff 08000 - 0ffff sa2 64k/32k 020000 - 02ffff 10000 - 17fff sa3 64k/32k 030000 - 03ffff 18000 - 1ffff sa4 64k/32k 040000 - 04ffff 20000 - 27fff sa5 64k/32k 050000 - 05ffff 28000 - 2ffff sa6 64k/32k 060000 - 06ffff 30000 - 37fff sa7 64k/32k 070000 - 07ffff 38000 - 3ffff sa8 64k/32k 080000 - 08ffff 40000 - 47fff sa9 64k/32k 090000 - 09ffff 48000 - 4ffff sa10 64k/32k 0a0000 - 0affff 50000 - 57fff sa11 64k/32k 0b0000 - 0bffff 58000 - 5ffff sa12 64k/32k 0c0000 - 0cffff 60000 - 67fff sa13 64k/32k 0d0000 - 0dffff 68000 - 6ffff sa14 64k/32k 0e0000 - 0effff 70000 - 77fff sa15 64k/32k 0f0000 - 0fffff 78000 - 7ffff sa16 64k/32k 100000 - 10ffff 80000 - 87fff sa17 64k/32k 110000 - 11ffff 88000 - 8ffff sa18 64k/32k 120000 - 12ffff 90000 - 97fff sa19 64k/32k 130000 - 13ffff 98000 - 9ffff sa20 64k/32k 140000 - 14ffff a0000 - a7fff sa21 64k/32k 150000 - 15ffff a8000 - affff sa22 64k/32k 160000 - 16ffff b0000 - b7fff sa23 64k/32k 170000 - 17ffff b8000 - bffff sa24 64k/32k 180000 - 18ffff c0000 - c7fff sa25 64k/32k 190000 - 19ffff c8000 - cffff sa26 64k/32k 1a0000 - 1affff d0000 - d7fff sa27 64k/32k 1b0000 - 1bffff d8000 - dffff sa28 64k/32k 1c0000 - 1cffff e0000 - e7fff sa29 64k/32k 1d0000 - 1dffff e8000 - effff sa30 64k/32k 1e0000 - 1effff f0000 - f7fff sa31 8k/4k 1f0000 - 1f1fff f8000 - f8fff sa32 8k/4k 1f2000 - 1f3fff f9000 - f9fff sa33 8k/4k 1f4000 - 1f5fff fa000 - fafff sa34 8k/4k 1f6000 - 1f7fff fb000 - fbfff sa35 8k/4k 1f8000 - 1f9fff fc000 - fcfff sa36 8k/4k 1fa000 - 1fbfff fd000 - fdfff sa37 8k/4k 1fc000 - 1fdfff fe000 - fefff sa38 8k/4k 1fe000 - 1fffff ff000 - fffff
16 AT49BV162A(t) [preliminary] 3349d?flash?3/04 notes: 1. x can be v il or v ih . 2. refer to ac programming waveforms on page 21. 3. v h = 12.0v 0.5v. 4. manufacturer code: 1fh (x8); 001fh (x16), device code: c0h (x8)-AT49BV162A; 00c0h (x16)-AT49BV162A; c2h (x8)-AT49BV162At; 00c2h (x16)-AT49BV162At. 5. see details under ?software product identification entry/exit? on page 23. 6. v ihpp (min) = 0.9v; v ihpp (max) = 3.6v. 7. v ilpp (max) = 0.4v. dc and ac operating range AT49BV162A(t)-70 operating temperature (case) ind. -40c - 85c v cc power supply 2.65v to 3.6v operating modes mode ce oe we reset v pp ai i/o read v il v il v ih v ih xaid out program/erase (2) v il v ih v il v ih v ihpp (6) ai d in standby/program inhibit v ih x (1) xv ih x x high-z program inhibit xxv ih v ih x xv il xv ih x xxx v ih v ilpp (7) output disable x v ih xv ih x high-z reset xxx v il x x high-z product identification hardware v il v il v ih v ih a1 - a19 = v il , a9 = v h (3) , a0 = v il manufacturer code (4) a1 - a19 = v il , a9 = v h (3) , a0 = v ih device code (4) software (5) v ih a0 = v il , a1 - a19 = v il manufacturer code (4) a0 = v ih , a1 - a19 = v il device code (4)
17 AT49BV162A(t) [preliminary] 3349d?flash?3/04 note: 1. in the erase mode, i cc is 45 ma. dc characteristics symbol parameter condition min typ max units i li input load current v in = 0v to v cc 2a i lo output leakage current v i/o = 0v to v cc 10 a i sb v cc standby current cmos ce = v cc - 0.3v to v cc 13 25 a i cc (1) v cc active read current f = 5 mhz; i out = 0 ma 12 25 ma i cc1 v cc programming current 40 ma i pp1 v pp input load current 5a v il input low voltage 0.6 v v ih input high voltage 2.0 v v ol1 output low voltage i ol = 2.1 ma 0.45 v v ol2 output low voltage i ol = 1.0 ma 0.20 v v oh1 output high voltage i oh = -400 a 2.4 v v oh2 output high voltage i oh = -100 a 2.5 v
18 AT49BV162A(t) [preliminary] 3349d?flash?3/04 ac read waveforms (1)(2)(3)(4) notes: 1. ce may be delayed up to t acc - t ce after the address transition without impact on t acc . 2. oe may be delayed up to t ce - t oe after the falling edge of ce without impact on t ce or by t acc - t oe after an address change without impact on t acc . 3. t df is specified from oe or ce , whichever occurs first (cl = 5 pf). 4. this parameter is characterized and is not 100% tested. ac read characteristics symbol parameter AT49BV162A(t)-70 units min max t rc read cycle time 70 ns t acc address to output delay 70 ns t ce (1) ce to output delay 70 ns t oe (2) oe to output delay 0 20 ns t df (3)(4) ce or oe to output float 0 25 ns t oh output hold from oe , ce or address, whichever occurred first 0ns t ro reset to output delay 100 ns output valid output high z reset oe toe tce address valid tdf toh tacc tro ce address trc
19 AT49BV162A(t) [preliminary] 3349d?flash?3/04 input test waveforms and measurement level t r , t f < 5 ns output test load note: this parameter is characterized and is not 100% tested. pin capacitance f = 1 mhz, t = 25c (1) symbol typ max units conditions c in 46pfv in = 0v c out 812pfv out = 0v
20 AT49BV162A(t) [preliminary] 3349d?flash?3/04 ac byte/word load waveforms we controlled ce controlled ac byte/word load characteristics symbol parameter min max units t as , t oes address, oe setup time 0 ns t ah address hold time 35 ns t cs chip select setup time 0 ns t ch chip select hold time 0 ns t wp write pulse width (we or ce )35ns t ds data setup time 35 ns t dh , t oeh data, oe hold time 0 ns t wph write pulse width high 35 ns
21 AT49BV162A(t) [preliminary] 3349d?flash?3/04 program cycle waveforms sector or chip erase cycle waveforms notes: 1. oe must be high only when we and ce are both low. 2. for chip erase, the address should be 555. for sector erase, the address depends on what sector is to be erased. (see note 3 under ?command definitions in hex? on page 12.) 3. for chip erase, the data should be 10h, and for sector erase, the data should be 30h. program cycle characteristics symbol parameter min typ max units t bp byte/word programming time 12 200 s t bpd byte/word programming time in dual programming mode 6 100 s t as address setup time 0ns t ah address hold time 35 ns t ds data setup time 35 ns t dh data hold time 0ns t wp write pulse width 35 ns t wph write pulse width high 35 ns t wc write cycle time 70 ns t rp reset pulse width 500 ns t ec chip erase cycle time 25 seconds t sec1 sector erase cycle time (4k word sectors) 0.3 3.0 seconds t sec2 sector erase cycle time (32k word sectors) 1.0 5.0 seconds t es erase suspend time 15 s t ps program suspend time 10 s oe program cycle input data address a0 55 555 555 aa aaa t bp t wph t wp ce we a0 - a19 data t as t ah t dh t ds 555 aa t wc oe (1) aa 80 note 3 55 55 555 555 note 2 aa word 0 word 1 word 2 word 3 word 4 word 5 aaa aaa t wph t wp ce we a0-a19 data t as t ah t ec t dh t ds 555 t wc
22 AT49BV162A(t) [preliminary] 3349d?flash?3/04 notes: 1. these parameters are characterized and not 100% tested. 2. see t oe spec in ?ac read characteristics? on page 18. data polling waveforms notes: 1. these parameters are characterized and not 100% tested. 2. see t oe spec in ?ac read characteristics? on page 18. toggle bit waveforms (1)(2)(3) notes: 1. toggling either oe or ce or both oe and ce will operate toggle bit. the t oehp specification must be met by the toggling input(s). 2. beginning and ending state of i/o6 will vary. 3. any address location may be used but the address should not vary. data polling characteristics (1) symbol parameter min typ max units t dh data hold time 10 ns t oeh oe hold time 10 ns t oe oe to output delay (2) ns t wr write recovery time 0 ns a0-a19 we ce oe i/o7 tdh toeh toe high z an an an an an twr toggle bit characteristics (1) symbol parameter min typ max units t dh data hold time 10 ns t oeh oe hold time 10 ns t oe oe to output delay (2) ns t oehp oe high pulse 50 ns t wr write recovery time 0 ns
23 AT49BV162A(t) [preliminary] 3349d?flash?3/04 software product identification entry (1) software product identification exit (1)(6) notes: 1. data format: i/o15 - i/o8 (don?t care); i/o7 - i/o0 (hex) address format: a11 - a0 (hex), a-1, and a11 - a19 (don?t care). 2. a1 - a19 = v il . manufacturer code is read for a0 = v il ; device code is read for a0 = v ih . 3. the device does not remain in identification mode if powered down. 4. the device returns to standard operation mode. 5. manufacturer code: 1fh(x8); 001fh(x16) device code: c0h (x8) - AT49BV162A; 00c0h (x16) - AT49BV162A; c2h (x8) - AT49BV162At; 00c2h (x16) - AT49BV162At. 6. either one of the product id exit commands can be used. load data aa to address 555 load data 55 to address aaa load data 90 to address 555 enter product identification mode (2)(3)(5) load data aa to address 555 load data 55 to address aaa load data f0 to address 555 exit product identification mode (4) or load data f0 to any address exit product identification mode (4) sector lockdown enable algorithm (1) notes: 1. data format: i/o15 - i/o8 (don?t care); i/o7 - i/o0 (hex) address format: a11 - a0 (hex), a-1, and a11 - a19 (don?t care). 2. sector lockdown feature enabled. load data aa to address 555 load data 55 to address aaa load data 80 to address 555 load data aa to address 555 load data 55 to address aaa load data 60 to sector address pause 200 s (2)
24 AT49BV162A(t) [preliminary] 3349d?flash?3/04 table 1. common flash interface definition for AT49BV162A(t) address [x16 mode] address [x8 mode] data comments 10h 20h 0051h ?q? 11h 22h 0052h ?r? 12h 24h 0059h ?y? 13h 26h 0002h 14h 28h 0000h 15h 2ah 0041h 16h 2ch 0000h 17h 2eh 0000h 18h 30h 0000h 19h 32h 0000h 1ah 34h 0000h 1bh 36h 0027h v cc min write/erase 1ch 38h 0036h v cc max write/erase 1dh 3ah 00b5h v pp min voltage 1eh 3ch 00c5h v pp max voltage 1fh 3eh 0004h typ word write ? 12 s 20h 40h 0000h 21h 42h 000ah typ block erase: 1,000 ms 22h 44h 0010h typ chip erase: 25,000 ms 23h 46h 0004h max word write/typ time 24h 48h 0000h n/a 25h 4ah 0002h max block erase/typ block erase 26h 4ch 0002h max chip erase/typ chip erase 27h 4eh 0015h device size 28h 50h 0002h x8/x16 device 29h 52h 0000h x8/x16 device 2ah 54h 0000h multiple byte write not supported 2bh 56h 0000h multiple byte write not supported 2ch 58h 0002h 2 regions, x = 2 2dh 5ah 001eh 64k bytes, y = 30 2eh 5ch 0000h 64k bytes, y = 30 2fh 5eh 0000h 64k bytes, z = 256 30h 60h 0001h 64k bytes, z = 256 31h 62h 0007h 8k bytes, y = 7 32h 64h 0000h 8k bytes, y = 7
25 AT49BV162A(t) [preliminary] 3349d?flash?3/04 33h 66h 0020h 8k bytes, z = 32 34h 68h 0000h 8k bytes, z = 32 vendor specific extended query 41h 82h 0050h ?p? 42h 84h 0052h ?r? 43h 86h 0049h ?i? 44h 88h 0031h major version number, ascii 45h 8ah 0030h minor version number, ascii 46h 8ch 0087h bit 0 ? chip erase supported, 0 ? no, 1 ? yes bit 1 ? erase suspend supported, 0 ? no, 1 ? yes bit 2 ? program suspend supported, 0 ? no, 1 ? yes bit 3 ? simultaneous operations supported, 0 ? no, 1 ? yes bit 4 ? burst mode read supported, 0 ? no, 1 ? yes bit 5 ? page mode read supported, 0 ? no, 1 ? yes bit 6 ? queued erase supported, 0 ? no, 1 ? yes bit 7 ? protection bits supported, 0 ? no, 1 ? yes 47h 8eh 0000h (top) or 0001h (bottom) bit 8 ? top (?0?) or bottom (?1?) boot block device undefined bits are ?0? 48h 90h 0000h bit 0 ? 4-word linear burst with wrap around, 0 ? no, 1 ? yes bit 1 ? 8-word linear burst with wrap around, 0 ? no, 1 ? yes bit 2 ? continuos burst, 0 ? no, 1 ? yes undefined bits are ?0? 49h 92h 0000h bit 0 ? 4-word page, 0 ? no, 1 ? yes bit 1 ? 8-word page, 0 ? no, 1 ? yes undefined bits are ?0? 4ah 94h 0080h location of protection register lock byte, the section?s first byte 4bh 96h 0003h # of bytes in the factory prog section of prot register ? 2*n 4ch 98h 0003h # of bytes in the user prog section of prot register ? 2*n table 1. common flash interface definition for AT49BV162A(t) (continued) address [x16 mode] address [x8 mode] data comments
26 AT49BV162A(t) [preliminary] 3349d?flash?3/04 AT49BV162A(t) ordering information t acc (ns) i cc (ma) ordering code package operation range active standby 70 25 0.025 AT49BV162A-70ci AT49BV162A-70ti 48c19 48t industrial (-40 to 85 c) 70 25 0.025 AT49BV162At-70ci AT49BV162At-70ti 48c19 48t industrial (-40 to 85 c) package type 48c19 48-ball, plastic chip-size ball grid array package (cbga) 48t 48-lead, plastic thin small outline package (tsop)
27 AT49BV162A(t) [preliminary] 3349d?flash?3/04 packaging information 48c19 ? cbga 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 48c19 , 48-ball (6 x 8 array), 0.80 mm pitch, 6.0 x 8.0 x 1.0 mm chip-scale ball grid array package (cbga) a 48c19 7/2/03 top view bottom view side view a b c d e f g h 1.0 ref 1.20 ref e d a1 ball id 6 54321 e1 d1 a a1 e e a1 ball corner ? b common dimensions (unit of measure = mm) symbol min nom max note e 5.90 6.00 6.10 e1 4.0 typ d 7.90 8.00 8.10 d1 5.6 typ a ? ? 1.0 a1 0.22 ? ? e 0.80 bsc ? b 0.40 typ
28 AT49BV162A(t) [preliminary] 3349d?flash?3/04 48t ? tsop 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 48t , 48-lead (12 x 20 mm package) plastic thin small outline package, type i (tsop) b 48t 10/18/01 pin 1 0o ~ 8o d1 d pin 1 identifier b e e a a2 c l gage plane seating plane l1 a1 common dimensions (unit of measure = mm) symbol min nom max note notes: 1. this package conforms to jedec reference mo-142, variation dd. 2. dimensions d1 and e do not include mold protrusion. allowable protrusion on e is 0.15 mm per side and on d1 is 0.25 mm per side. 3. lead coplanarity is 0.10 mm maximum. a ? ? 1.20 a1 0.05 ? 0.15 a2 0.95 1.00 1.05 d 19.80 20.00 20.20 d1 18.30 18.40 18.50 note 2 e 11.90 12.00 12.10 note 2 l 0.50 0.60 0.70 l1 0.25 basic b 0.17 0.22 0.27 c 0.10 ? 0.21 e 0.50 basic
printed on recycled paper. 3349d?flash?3/04 /xm disclaimer: atmel corporation makes no warranty for the use of its products , other than those expressly contained in the company?s standar d warranty which is detailed in atmel?s terms and conditions located on the company?s web site. the company assumes no responsibi lity for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time wi thout notice, and does not make any commitment to update the information contained her ein. no licenses to patents or other intellectual property of atmel are granted by the company in connection with the sale of atmel products , expressly or by implication. atmel?s products are not aut horized for use as critical components in life support devices or systems. atmel corporation atmel operations 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 literature requests www.atmel.com/literature ? atmel corporation 2004 . all rights reserved. atmel ? and combinations thereof are the register ed trademarks of atmel corporation or its subsidiaries. other terms and product nam es may be the trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT49BV162A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X