this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0424108888 status: active overview: modular_plugs_jacks description: modular jack, vertical, 8/4, panel stops documents: 3d model product specification ps-42410 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e107635 general product family modular jacks/plugs series 42410 comments flush mount|flangeless|2 pcb thick component type pcb jack magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj45 physical color - resin black durability (mating cycles max) 500 flammability 94v-0 inverted / top latch n/a lightpipes/leds none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester orientation vertical (top entry) pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm ports 1 positions / loaded contacts 8/4 surface mount compatible (smc) no temperature range - operating -40c to +80c termination interface: style through hole wire/cable type n/a electrical current - maximum per contact 1.5a shielded no voltage - maximum 125v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 42410 series mates with fcc 68 plugs
process temperature max. c 235 material info reference - drawing numbers packaging specification pk-42410-492 product specification ps-42410 sales drawing sda-42410-**** test summary ts-42878-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information
|