Part Number Hot Search : 
79C20 1N751 BU705DF MA3450 D7031 N74F8960 F45IT CDLL936
Product Description
Full Text Search
 

To Download 2SC4876 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
 
      

       

  !"   !"#$% &"'  
                             !      "  #  # "$ % #    &  #  # &$ ' # &   "  #  # &"$ (#    )   *     + ,  + %  "   )  " ' "   + ,  "+ %      )     +   - .  ' / )   0 #      1     . ,#
  2 $ 3  2 4 5*67  5 67  &   0     3 -.  8              &     #  # &$ 38   - 5
 ' #   99   "$    # 
5   &$
5 &  99   &"$    # 
5  )  :  0 ;& # & - .#1   -
     &      #  # & 3 8   - 
5* # "   &      #  # "& 3 8  " - 5(
5. # 0       !     
.5(<  =/     ;2  9  # & - #1   - * >+ 
?@     
5*   -         " - 51  ". - 5
5    a - .  1 # "". - '# ;    9
5
10 100 1000 2SC4876 0.01 0.1 1 10 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 v ce = 2v pulse width = 300 m s 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 tc = 150 c 100 c 50 c 25 c 0 c - 25 c - 55 c h fe - i c 60 collector current i c [a] dc current gain h fe
0 0.5 1 1.5 2 2.5 3 2SC4876 0.01 0.1 1 0 0.5 1 1.5 2 2.5 3 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 i c = 1a 2a 5a 10a 15a 20a tc = 25 c saturation voltage 30a 40a 60a i c = 1a 2a 5a 10a 15a 20a 30a 40a 60a 6 base current i b [a] collector-emitter voltage v ce [v] base-emitter voltage v be [v]
0.01 0.1 1 0 5 10 15 20 25 30 2SC4876 i b1 = 0.1i c i b2 = 0.1i c v bb2 = 4v v cc = 30v tc = 25 c t s t on t f switching time - i c collector current i c [a] switching time t sw [ m s]
0.1 1 0 50 100 150 2SC4876 i c = 15a i b1 = 1.5a i b2 = 1.5a v bb2 = 4v r l = 2 w t s t on t f switching time - tc case temperature tc [ c] switching time t sw [ m s]
transient thermal impedance 0.001 0.01 0.1 1 10 2SC4876 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]
forward bias soa 0.1 1 10 1 10 2SC4876 tc = 25 c single pulse 100 m s 1ms 10ms dc 60 40 collector-emitter voltage v ce [v] collector current i c [a] p t limit i s/b limit
0 20 40 60 80 100 0 50 100 150 2SC4876 collector current derating collector current derating [%] v ce = fixed p t limit i s/b limit case temperature tc [ c]
0 10 20 30 40 50 60 70 0 10 20 30 40 50 2SC4876 i b1 = 0.03i c i b2 = 0.9a v bb2 = 5v tc < 150 c reverse bias soa collector-emitter voltage v ce [v] collector current i c [a]


▲Up To Search▲   

 
Price & Availability of 2SC4876

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X