Part Number Hot Search : 
MSB36A SR050 S8025N V600ME06 TIP32A EPF8115G RB1E13N 91900
Product Description
Full Text Search
 

To Download 2SC3060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3060 description with to-3 package ultra-fast switching wide area of safe operation high breakdown voltage applications switching regulators motor controls ultrasonic oscillators class c and d amplifiers deflection circuits pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(t c =25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1200 v v ceo collector-emitter voltage open base 850 v v ebo emitter-base voltage open collector 7 v i c collector current 5 a i cp collector current-pulse pw / 25s,duty cycle / 50% 8 a i b base current 3 a p c collector power dissipation t c =25 150 w t j junction temperature 175  t stg storage temperature -65~175  fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC3060 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;r be = > 850 v v (br)cbo collector-base breakdown voltage i c =1ma; i e =0 1200 v v (br)ebo emitter-base breakdown voltage i e =1ma; i c =0 7 v v ce (sat) collector-emitter saturation voltage i c =2a; i b =0.4a 1.5 v v be (sat) base-emitter saturation voltage i c =2a; i b =0.4a 2.0 v v cb =1000v; i e =0 100 a i cbo collector cut-off current v cb =1000v; i e =0, t c =100 1 ma i ebo emitter cut-off current v eb =6v; i c =0 100 a h fe dc current gain i c =2a ; v ce =5v 10 30 f t transition frequency i c =0.5a ; v ce =10v 15 mhz c ob output capacitance i e =0; v cb =10v,f=1mhz 120 pf switching times t r rise time 0.5 s t stg storage time 3.5 s t f fall time v cc =400v; i c =2a i b1 =0.2a;i b2 =-0.6a; 0.3 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC3060 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SC3060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X