Part Number Hot Search : 
PC1508 MC33071 78H12A SNC10A D74HC40 F1603 11401 DFLU1200
Product Description
Full Text Search
 

To Download 2SB1490 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1490 d escription with to-3pl package complement to type 2sd2250 high dc current gain low collector saturation voltage darlington applications for power amplification optimum for hifi output applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -160 v v ceo collector-emitter voltage open base -140 v v ebo emitter-base voltage open collector -5 v i c collector current -7 a i cm collector current-peak -12 a t c =25 90 p c collector power dissipation t a =25 3.5 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pl) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1490 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-30ma ;i b =0 -140 v v cesat collector-emitter saturation voltage i c =-6a ;i b =-6ma -2.5 v v besat base-emitter saturation voltage i c =-6a ;i b =-6ma -3.0 v i cbo collector cut-off current v cb =-160v; i e =0 -100 a i ceo collector cut-off current v ce =-140v; i b =0 -100 a i ebo emitter cut-off current v eb =-5v; i c =0 -100 a h fe-1 dc current gain i c =-1a ; v ce =-5v 2000 h fe-2 dc current gain i c =-6a ; v ce =-5v 5000 30000 f t transition frequency i c =-0.5a ; v ce =-10v;f=1mhz 20 mhz switching times t on turn-on time 1.0 s t s storage time 1.5 s t f fall time i c =-6a ;i b1 =-i b2 =-6ma v cc =-50v 1.2 s  h fe-2 classifications q p 5000-150000 8000-30000
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1490 package outline fig.2 outline dimensions (unindicated tolerance:0.50 mm)


▲Up To Search▲   

 
Price & Availability of 2SB1490

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X