Part Number Hot Search : 
TMC429 M6034F AD5247 1N4489 SMB10CA CM150 CF5034LA 5F2FZES
Product Description
Full Text Search
 

To Download 2SB1448 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  

 

 
   

  
 
 


 

!"#$%    !"#$  
                       !    "   !  #  $  $ #%  $ !  &  $  $ &%  $ &   #  $  $ &#% ' $ !  (     !  ) *  ) ++  #   (  #   #   ) *  #) +       (     )  ! , +  - . ( ! ! / $      !      +*$
  0 % 1! 0 2 345  36 45  &! !  /  !  ! 1!,+  7           ! 88   #% $ # , $
3   &% $ & , $
3 &  88   &#% $ &# , '$
  (  9  / :& $ & , ;$<   , 
 <
< !  &      $  $ & 1 7   , 
3 $ #   &      $  $ #& 1 7  # , +
+3 $ /    !  "! !   ! 
3=+  >.     :0! 8  $ & , $<   , 3 ?) +
@a     
   ,          # ,  #+ , +
b    c , +  :    8 $ ##+ , b$
+
10 100 1000 10000 100000 2SB1448 -0.01 -0.1 -1 -10 v ce = - 3v -22 h fe - i c tc = 150 c 100 c 50 c 25 c 0 c - 25 c - 55 c collector current i c [a] dc current gain h fe
-3 -2.5 -2 -1.5 -1 -0.5 0 2SB1448 -0.0001 -0.001 -0.01 -0.1 -1 -3 -2.5 -2 -1.5 -1 -0.5 0 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 i c = - 1.5a - 3a - 7a - 10a - 15a - 22a tc = 25 c saturation voltage i c = - 1.5a - 3a - 7a - 10a - 15a - 22a -2 base current i b [a] collector-emitter voltage v ce [v] base-emitter voltage v be [v]
0.1 1 -15 -10 -5 0 2SB1448 i b1 = i c /750 i b2 = i c /750 v bb2 = - 4v v cc = - 30v tc = 25 c t s t on t f switching time - i c collector current i c [a] switching time t sw [ m s]
0.1 1 10 0 50 100 150 2SB1448 i c = - 15a i b1 = - 20ma i b2 = - 20ma v bb2 = - 4v r l = 2 w t s t on t f switching time - tc case temperature tc [ c] switching time t sw [ m s]
transient thermal impedance 0.01 0.1 1 10 2SB1448 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]
forward bias soa -0.01 -0.1 -1 -10 -1 -10 -100 2SB1448 tc = 25 c single pulse 150 m s 1ms 10ms dc -22 -15 collector-emitter voltage v ce [v] collector current i c [a] p t limit i s/b limit
0 20 40 60 80 100 0 50 100 150 2SB1448 collector current derating collector current derating [%] v ce = fixed p t limit i s/b limit case temperature tc [ c]
-30 -25 -20 -15 -10 -5 0 -140 -120 -100 -80 -60 -40 -20 0 2SB1448 i b1 = - 0.005i c i b2 = - 0.15a v bb2 = - 5v tc < 150 c reverse bias soa collector-emitter voltage v ce [v] collector current i c [a]


▲Up To Search▲   

 
Price & Availability of 2SB1448

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X