Part Number Hot Search : 
LBN09019 5602M TP1105 UM3311W PC250 18F67 AT89C5 2SC44
Product Description
Full Text Search
 

To Download 2SB1282 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
 
      

  
 
   !"     !"  
                       !    "   !  #  $  $ #%  $ !  &  $  $ &%  $ &   #  $  $ &#% ' $ !  (   )  !  * +  * ,  #   (  # -.  #   * +  #* -       (     *  ! / 0  0 1 ( ! ! 2 $      !      0+$
  3 % 4! 3 5 -.67  - 67  &! !  2  !  ! 4!/0  8           ! 99   #% $ # / $
-   &% $ & / $
- &  99   &#% $ &# / '$
  (  :  2 ;& $ & / .$<   / 
 <
< !  &      $  $ & 4 8   / 
- $ #   &      $  $ #& 4 8  # / 0
0- $ 2    !  "! !   ! 
-  =1     ;3! 9  $ & / $<   / -) >* 0
?@     
   /          # /  #0 / 0
)    a / 0  ;    9 $ ##0 / )$
0
10 100 1000 10000 2SB1282 -0.01 -0.1 -1 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 v ce = - 3v 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 tc = 150 c 100 c 50 c 25 c 0 c - 25 c - 55 c h fe - i c -6 collector current i c [a] dc current gain h fe
-3 -2.5 -2 -1.5 -1 -0.5 0 2SB1282 -0.0001 -0.001 -0.01 -0.1 -3 -2.5 -2 -1.5 -1 -0.5 0 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 i c = - 0.5a - 1a - 2a - 3a - 4a - 6a tc = 25 c saturation voltage - 0.5a - 1a - 2a - 3a - 4a - 6a -0.5 base current i b [a] collector-emitter voltage v ce [v] base-emitter voltage v be [v]
0.1 1 -4 -3.5 -3 -2.5 -2 -1.5 -1 -0.5 0 2SB1282 i b1 = 0.002i c i b2 = 0.002i c v bb2 = - 4v v cc = - 25v tc = 25 c t s t on t f switching time - i c collector current i c [a] switching time t sw [ m s]
0.1 1 10 0 50 100 150 2SB1282 i c = - 1a i b1 = - 2ma i b2 = - 2ma v bb2 = - 4v r l = 25 w t s t on t f switching time - tc case temperature tc [ c] switching time t sw [ m s]
transient thermal impedance 0.01 0.1 1 10 2SB1282 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]
forward bias soa -0.01 -0.1 -1 -1 -10 -100 2SB1282 tc = 25 c single pulse 150 m s 1ms 10ms dc -6 collector-emitter voltage v ce [v] collector current i c [a] p t limit i s/b limit
0 20 40 60 80 100 0 50 100 150 2SB1282 collector current derating collector current derating [%] v ce = fixed p t limit i s/b limit case temperature tc [ c]
-10 -8 -6 -4 -2 0 -140 -120 -100 -80 -60 -40 -20 0 2SB1282 i b1 = - 0.005i c i b2 = - 40ma v bb2 = - 5v tc < 150 c reverse bias soa collector-emitter voltage v ce [v] collector current i c [a]


▲Up To Search▲   

 
Price & Availability of 2SB1282

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X