Part Number Hot Search : 
BU4S81G 3120A 74AUP2G DG408 74LS37 HEF40 HE06E BU2458
Product Description
Full Text Search
 

To Download 2SA2117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SA2117 / 2sc5934 no.7906-1/5 applications ? relay drivers, lamp drivers, motor drivers. features ? adoption of mbit process. ? high-speed switching. ? large current capacitance. ? low collector-to-emitter saturation voltage. sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan ordering number : enn7906 2SA2117 / 2sc5934 package dimensions unit : mm 2041a [2SA2117 / 2sc5934] 81004 ts im tb-00000011 any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. pnp / npn epitaxial planar silicon transistors high current switching applications 1 : base 2 : collector 3 : emitter sanyo : to-220ml 1.6 1.2 0.75 14.0 16.0 10.0 18.1 5.6 3.2 7.2 3.5 2.55 2.55 2.4 4.5 2.8 0.7 2.55 2.55 2.4 1 23 specifications ( ) : 2SA2117 absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit collector-to-base voltage v cbo (--50)60 v collector-to-emitter voltage v ceo (--)50 v emitter-to-base voltage v ebo (--)6 v collector current i c (--)5 a collector current (pulse) i cp (--)8 a base current i b (--)1 a collector dissipation p c 2w tc=25 c18w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit collector cutoff current i cbo v cb =(--)40v, i e =0 (--)10 m a emitter cutoff current i ebo v eb =(--)4v, i c =0 (--)10 m a dc current gain h fe v ce =(--)2v, i c =(--)1a 200 (560)700 gain-bandwidth product f t v ce =(--)5v, i c =(--)1a (130)200 mhz continued on next page.
2SA2117 / 2sc5934 no.7906-2/5 continued from preceding page. ratings parameter symbol conditions min typ max unit output capacitance cob v cb =(--)10v, f=1mhz (55)35 pf collector-to-emitter saturation voltage v ce (sat) i c =(--)2.5a, i b =(--)125ma (--280)180 (--560)360 mv base-to-emitter saturation voltage v be (sat) i c =(--)2.5a, i b =(--)125ma (--)0.93 (--)1.4 v collector-to-base breakdown voltage v (br)cbo i c =(--)100 m a, i e =0 (--50)60 v collector-to-emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)50 v emitter-to-base breakdown voltage v (br)ebo i e =(--)100 m a, i c =0 (--)6 v turn-on time t on see specified test circuit. 150 ns strage time t stg see specified test circuit. 1000 ns fall time t f see specified test circuit. 50 ns switching time test circuit base-to-emitter voltage, v be -- v collector current, i c -- a base-to-emitter voltage, v be -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a 0 0.50 1.00 1.50 2.00 0.25 0.75 1.25 1.75 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 i b =0 5ma 10ma 15ma 20ma 50ma 45ma 40ma 35ma 0 --0.50 --1.00 --1.50 --2.00 --0.25 --0.75 --1.25 --1.75 --0.2 --0.6 --1.0 0 --0.4 --0.8 --1.2 i c -- v be i c -- v be it06436 it06437 i c -- v ce i c -- v ce it06434 it06435 0 --0.5 --1.0 --1.5 --2.0 --2.5 --3.0 --3.5 --4.0 --4.5 --5.0 0 -- 1 -- 2 -- 3 -- 4 -- 5 -- 6 i b =0 --5ma --10ma --15ma --20ma --25ma --30ma --35ma --50ma 2SA2117 2sc5934 2SA2117 v ce = --2v 0.2 0.6 1.0 0 0.4 0.8 1.2 0 1 2 3 4 5 6 2sc5934 v ce =2v --45ma --40ma ta=75 c 25 c --25 c ta=75 c 25 c --25 c 30ma 25ma v r r b v cc =20v v be = --5v + + 50 w input output r l 100 m f 470 m f pw=20 m s i b1 d.c. 1% i b2 i c =20i b1 = --20i b2 =1a (for pnp, minus sign is omitted.)
2SA2117 / 2sc5934 no.7906-3/5 collector current, i c -- a collector current, i c -- a collector current, i c -- a collector current, i c -- a collector current, i c -- a dc current gain, h fe collector current, i c -- a dc current gain, h fe collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v collector-to-emitter saturation voltage, v ce (sat) -- v collector-to-emitter saturation voltage, v ce (sat) -- v base-to-emitter saturation voltage, v be (sat) -- v base-to-emitter saturation voltage, v be (sat) -- v 1.0 23 57 23 57 23 57 10 0.1 0.01 1.0 23 57 23 57 23 57 10 0.1 0.01 --1.0 23 57 23 57 23 57 --10 --0.1 --0.01 --1.0 23 57 23 57 23 57 --10 --0.1 --0.01 0.01 2 0.1 2 3 5 7 1.0 3 5 7 --0.01 2 --0.1 3 5 7 2 --1.0 3 2 3 5 7 v ce (sat) -- i c v ce (sat) -- i c it06442 it06443 v be (sat) -- i c v be (sat) -- i c it06444 it06445 2SA2117 i c / i b =50 2sc5934 i c / i b =50 ta=75 c --25 c 25 c ta=75 c --25 c 25 c 5 --0.01 2 3 5 7 2 3 5 7 7 --0.1 --1.0 1.0 23 57 23 57 23 57 10 0.1 0.01 --1.0 23 57 23 57 23 57 --10 --0.1 --0.01 --1.0 23 57 23 57 23 57 --10 --0.1 --0.01 5 0.01 2 3 5 7 2 3 5 7 7 0.1 1.0 1.0 23 57 23 57 23 57 10 0.1 0.01 h fe -- i c h fe -- i c it06438 it06439 v ce (sat) -- i c v ce (sat) -- i c it06440 it06441 2SA2117 i c / i b =20 2sc5934 i c / i b =20 ta=75 c --25 c 25 c ta=75 c --25 c 25 c 10 2 100 2 3 5 7 1000 3 5 7 2SA2117 v ce = --2v --25 c ta=75 c 25 c ta=75 c 10 2 100 2 3 5 7 1000 3 5 7 25 c --25 c 2sc5934 v ce =2v 25 c --0.1 2 --1.0 2 3 5 7 --10 3 5 7 ta= --25 c 75 c 2SA2117 i c / i b =20 0.1 2 1.0 2 3 5 7 10 3 5 7 ta= --25 c 75 c 25 c 2sc5934 i c / i b =20
2SA2117 / 2sc5934 no.7906-4/5 case temperature, tc -- c collector dissipation, p c -- w collector-to-emitter voltage, v ce -- v collector current, i c -- a ambient temperature, ta -- c collector dissipation, p c -- w collector current, i c -- a gain-bandwidth product, f t -- mhz collector current, i c -- a gain-bandwidth product, f t -- mhz collector-to-base voltage, v cb -- v output capacitance, cob -- pf collector-to-base voltage, v cb -- v output capacitance, cob -- pf 0 2 4 6 8 10 12 14 16 18 20 0 20 40 60 80 100 120 140 160 0 0.5 1.0 1.5 2.0 2.5 0 20 40 60 80 100 120 140 160 10 23 57 100 1.0 23 57 0.1 23 57 0.01 0.1 1.0 10 7 5 3 2 7 5 3 2 7 5 3 2 2 p c -- tc it06452 forward bias a s o p c -- ta it06450 it06451 2SA2117 / 2sc5934 2SA2117 / 2sc5934 2SA2117 / 2sc5934 dc operation <10 m s 100ms 500 m s 10ms 1ms 100 m s 10 23 57 100 1.0 23 57 0.1 23 57 1.0 23 57 10 0.1 23 57 0.01 23 57 --10 23 57 --100 --1.0 23 57 --0.1 23 57 --1.0 23 57 --10 --0.1 23 57 --0.01 23 57 f t -- i c f t -- i c it06448 it06449 7 10 2 3 5 7 3 2 100 10 2 3 5 7 3 2 100 cob -- v cb cob -- v cb it06446 it06447 2SA2117 f=1mhz 2sc5934 f=1mhz tc=25 c single pulse for pnp, minus sign is omitted. no heat sink 10 2 100 2 3 5 7 1000 3 5 7 2SA2117 v ce = --5v 10 2 100 2 3 5 7 1000 3 5 7 2sc5934 v ce =5v i cp =8a i c =5a
2SA2117 / 2sc5934 no.7906-5/5 specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of august, 2004. specifications and information herein are subject to change without notice. ps


▲Up To Search▲   

 
Price & Availability of 2SA2117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X