Part Number Hot Search : 
CMD101 155K2 25100 SM6102P C1812 78030 200161FS KTC4075E
Product Description
Full Text Search
 

To Download 1N4148WS1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds30097 rev. 10 - 2 1 of 3 1n4148ws / b av16ws www.diodes.co m ? diodes incorporated 1n4148ws / bav 16ws surface mo unt fast swi tching diode features case: sod-323 case material: molded plastic. ul flammabili ty classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). polarity: cathode band marking: see page 2 type code: t4, t6 ordering information: see page 2 weight: 0.004 grams (approximate) mechanical data a b c d e g h j characteristic symbol value unit non-repetitive peak revers e voltage v rm 100 v peak repetitive revers e voltage working peak revers e voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r (rms) 53 v forward continuous cur rent i fm 300 ma average rectified output curr ent i o 150 ma non-repetitive peak forward surge curr ent @ t = 1.0 m s @ t = 1.0s i fsm 2.0 1.0 a power dissipation (note 1) p d 200 mw thermal resistance j unction to ambient air (note 1) r q ja 625 c/w operating and storage temperature range t j , t stg -65 to +150 c maximum ratings @ t a = 25 c unless otherwise s pecified characteristic symbol min max unit test condition reverse break down voltage v (br)r 75 ? v i r = 1.0 m a forward voltage v fm ? 0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma peak revers e current (note 2) i rm ? 1.0 50 30 25 m a m a m a na v r = 75v v r = 75v, t j = 150 c v r = 25v, t j = 150 c v r = 20v total capacitance c t ? 2.0 pf v r = 0, f = 1.0mhz reverse rec overy t ime t rr ? 4.0 ns i f = i r = 10ma, i rr = 0.1 x i r , r l = 100 w electri cal character isti cs @ t a = 25 c unless otherwise s pecified fast switching speed ultra-small surface mount package for general purpos e switching applications high conductance lead free /rohs co mpliant (note 3 ) qualified t o aec-q101 standards f or high reliability sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical a 0 8 all dimensions in m m note: 1. part mounted on fr-4 pc board with recomm ended pad layout, which can be found on our website at http: //www.diodes.com/datasheets/ap02001.pdf . 2. short durat ion test pulse used to minimize self-heating effect. 3. no purposefully added lead.
notes: 4. for packaging details, go to our website at http: //www.diodes.com/datasheets/ap02007.pdf . ds30097 rev. 10 - 2 2 of 3 1n4148ws / b av16ws www.diodes.co m 0 1 0 0 0 2 5 5 0 7 5 1 2 5 1 0 0 1 5 0 p , p o w e r d i s s i p a t i o n ( m w ) d t , a m b i e n t t e m p e r a t u r e ( c ) a f i g . 1 p o w e r d e r a t i n g c u r v e 3 0 0 2 0 0 0 . 1 1 0 . 0 1 0 . 0 0 1 0 1 . 5 1 . 0 0 . 5 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f v , i n s t a n t a n e o u s f o r w a r d v o l t a g e ( v ) f f i g . 2 f o r w a r d c h a r a c t e r i s t i c s t = - 4 0 o c a t = 1 5 0 o c a t = 7 5 o c a t = 2 5 o c a t = 0 o c a xx = product type marking code, see page 1 x x marking i nformat ion device packaging shipping 1n4148ws-7-f sod-323 3000/tape & reel bav16ws-7- f sod-323 3000/tape & reel orderi ng inform ation (note 4) 0 . 1 1 1 0 1 0 0 1 0 0 0 1 0 0 0 0 0 2 0 4 0 6 0 8 0 1 0 0 v , i n s t a n t a n e o u s r e v e r s e v o l t a g e ( v ) r f i g . 3 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s i , i n s t a n t a n e o u s r e v e r s e c u r r e n t ( n a ) r t = - 4 0 o c a t = 2 5 o c a t = 7 5 o c a t = 1 2 5 o c a t = 1 5 0 o c a t = 0 o c a 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 8 1 . 6 1 . 4 1 . 2 1 . 0 2 . 0 0 1 0 2 0 4 0 3 0 c , t o t a l c a p a c i t a n c e ( p f ) t v , r e v e r s e v o l t a g e ( v ) r f i g . 4 t y p i c a l c a p a c i ta n c e v s . r e v e r s e vo l ta g e f = 1 . 0 m h z
ds30097 rev. 10 - 2 3 of 3 1n4148ws / b av16ws www.diodes.co m i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of 1N4148WS1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X