Part Number Hot Search : 
P6KE33 18330350 A337RW BSP20TC 0NB60 BPC2506 MAX96 BUK76
Product Description
Full Text Search
 

To Download 0781090001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/21/2010 please check www.molex.com for latest part information part number: 0781090001 status: active overview: micro_sata description: 1.27mm (.050") pitch micro serial ata device receptacle for 1.8" hdd/ssd, right angle, smt, mid-mount, 16 circuits, lead free documents: 3d model product specification ps-78109-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 78109 application board-to-board overview micro_sata product name micro serial ata, serial ata physical circuits (loaded) 16 circuits (maximum) 16 circuits detail with optional manufacturing pins (s1 to s7, p1 to p9) color - resin black durability (mating cycles max) 500 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin nylon number of rows 1 orientation right angle pcb locator yes pcb retention yes packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 100 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 1.5a grounding to pcb yes voltage - maximum 30v solder process data duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 78109 series mates with 78103 , 78283 and 78285 micro sata device plugs
max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers product specification ps-78109-001 sales drawing sd-78109-001 this document was generated on 05/21/2010 please check www.molex.com for latest part information







▲Up To Search▲   

 
Price & Availability of 0781090001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X