Part Number Hot Search : 
03140 IS126 IM811 MQ100 F8714 BB121 BR1300 6220A
Product Description
Full Text Search
 

To Download XP1020-QE-EV1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. mimix broadband?s two stage 11.0-19.0 ghz gaas mmic power amplifier has a small signal gain of 17.0 db with a +27.0 dbm saturated output power. this mmic uses mimix broadband?s 0.15 m gaas phemt device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. the device comes in a 3x3mm qfn surface mount package offering excellent rf and thermal properties and is rohs compliant. this device is well suited for millimeter-wave point-to-point radio, lmds, satcom and vsat applications. 11.0-19.0 ghz gaas mmic power amplifier, qfn 17.0 db small signal gain +27.0 dbm saturated output power smd, 3x3 mm qfn package rohs compliant 100% rf, dc and output power testing features general description electrical characteristics (ambient temperature t = 25 o c) parameter frequency range (f ) input return loss (s11) output return loss (s22) small signal gain (s21) gain flatness ( s21) reverse isolation (s12) saturated output power (psat) drain bias voltage (vd) gate bias voltage (vg) supply current (id) (vd=5.0v, vg=-0.9v typical) units ghz db db db db db dbm vdc vdc ma min. 11.0 - - - - - - - -1.0 - typ. - 12.0 8.0 17.0 +/-1.0 40.0 +27.0 +5.0 -0.9 380 max. 19.0 - - - - - - +8.0 0.0 420 absolute maximum ratings supply voltage (vd) supply current (id) gate bias voltage (vg) input power (pin) storage temperature (tstg) operating temperature (ta) channel temperature (tch) +9.0 vdc 500 ma +0.3 vdc +17.0 dbm -65 to +165 o c -55 to mttf table mttf table page 1 of 6 1 (1) channel temperature affects a device's mttf. it is recommended to keep channel temperature as low as possible for maximum life. 1 january 2007 - rev 26-jan-07 p1020-qe
11.0-19.0 ghz gaas mmic power amplifier, qfn power amplifier measurements page 2 of 6 p1020-qe mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 26-jan-07 xp1020-qe vd=5.0 v id=380 ma 12 13 14 15 16 17 18 19 20 21 22 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 frequency (ghz) gain (db) xp1020-qe vd=5.0 v id=380 ma -30 -25 -20 -15 -10 -5 0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 frequency (ghz) input return loss (db) xp1020-qe vd=5.0 v id=380 ma -30 -25 -20 -15 -10 -5 0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 frequency (ghz) output return loss xp1020-qe vd=5.0 v id=380 ma 15 devices 20 21 22 23 24 25 26 27 28 29 30 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 frequency (ghz) output power p1db (dbm) max median mean min xp1020-qe vd=5.0 v id=380 ma 15 devices 20 21 22 23 24 25 26 27 28 29 30 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 frequency (ghz) output power psat (dbm) max median mean min
11.0-19.0 ghz gaas mmic power amplifier, qfn page 3 of 6 package dimensions / layout functional block diagram / board layout pin description 2ground 3rf in 6vg 9ground 10 rf out 14 vd bypass capacitors - see app note [2] 10 3 6 14 9 2 1 4 578 11 12 13 15 16 vd nc nc nc rf out gnd nc nc rf in gnd nc nc vg nc nc nc 15mpa0566 p1020-qe mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 26-jan-07
11.0-19.0 ghz gaas mmic power amplifier, qfn page 4 of 6 app note [1] biasing - it is recommended to bias the amplifier with vd=5.0v and id=380ma. it is also recommended to use active biasing to keep the currents constant as the rf power and temperature vary; this gives the most reproducible results. depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. the gate of the phe mt is controlled to maintain correct drain current and thus drain voltage. the typical gate voltage needed to do this is -0.9v. typic ally the gate is protected with silicon diodes to limit the applied voltage. also, make sure to sequence the applied voltage to ensure n egative gate bias is available before applying the positive drain supply. app note [2] bias arrangement - each dc pin (vd and vg) needs to have dc bypass capacitance (~0.01 uf) as close to the package as possible. mttf graphs p1020-qe mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 26-jan-07 xp1020-qe vd=5.0 v, id=380 ma 1.00e+03 1.00e+04 1.00e+05 1.00e+06 1.00e+07 1.00e+08 55 65 75 85 95 105 115 125 baseplate temperature (deg c) mttf (hours) no rf pout=+27 dbm xp1020-qe vd=5.0 v, id=380 ma 1.00e+00 1.00e+01 1.00e+02 1.00e+03 1.00e+04 1.00e+05 1.00e+06 55 65 75 85 95 105 115 125 baseplate temperature (deg c) fits no rf pout=+27 dbm xp1020-qe vd=5.0 v, id=380 ma 55 57 59 61 63 65 67 69 71 73 75 77 79 81 83 85 87 89 91 93 95 55 65 75 85 95 105 115 125 baseplate temperature (deg c) rth (deg c/w) no rf pout=+27 dbm xp1020-qe vd=5.0 v, id=380 ma 150 175 200 225 250 275 300 55 65 75 85 95 105 115 125 baseplate temperature (deg c) tch (deg c) no rf pout=+27 dbm
11.0-19.0 ghz gaas mmic power amplifier, qfn page 5 of 6 typical application mimix broadband mmic-based 11.0-18.0 ghz transmitter block diagram (changing lo and if frequencies as required allows design to operate as high as 18.0 ghz) if in 2.0 ghz cmm1118-qt xp1020-qe xu1005-qd sideband reject rf out 14.2-15.35 ghz lo(+6.0dbm) 12.2-13.35 ghz (usb operation) 16.2-17.35 ghz (lsb operation) mimix broadband's 11.0-18.0 ghz xu1005-qd gaas mmic transmitter can be used in saturated radio applications and linear modulati on schemes up to 16 qam. the transmitter can be used in upper and lower sideband applications from 11.0-18.0 ghz. p1020-qe mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 26-jan-07
11.0-19.0 ghz gaas mmic power amplifier, qfn page 6 of 6 handling and assembly information caution! - mimix broadband mmic products contain gallium arsenide (gaas) which can be hazardous to the human body and the environment. for safety, observe the following procedures: do not ingest. do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. observe government laws and company regulations when discarding this product. this product must be discarded in accordance with methods specified by applicable hazardous waste procedures. life support policy - mimix broadband's products are not authorized for use as critical components in life support devices or systems without the express written approval of the president and general counsel of mimix broadband. as used herein: (1) life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to aff ect its safety or effectiveness. package attachment - this packaged product from mimix broadband is provided as a rugged surface mount package compatible with high volume solder installation. vacuum tools or other suitable pick and place equipment may be used to pick and place thi s part. care should be taken to ensure that there are no voids or gaps in the solder connection so that good rf, dc and ground connections are maintained. voids or gaps can eventually lead not only to rf performance degradation, but reduced reliability a nd life of the product due to thermal stress. mimix lead-free rohs compliant program - mimix has an active program in place to meet customer and governmental requirements for eliminating lead (pb) and other environmentally hazardous materials from our products. all mimix rohs complian t components are form, fit and functional replacements for their non-rohs equivalents. lead plating of our rohs compliant parts i s 100% matt tin (sn) over copper alloy and is backwards compatible with current standard snpb low-temperature reflow processes as well as higher temperature (260c reflow) ?pb free? processes. part number for ordering description xp1020-qe-0n00 gold plated rohs compliant 3x3 16l qfn surface mount package in bulk quantity XP1020-QE-EV1 xp1020-qe evaluation board typical reflow profiles reflow profile ramp up rate activation time and temperature time above melting point max peak temperature time within 5 oc of peak ramp down rate snpb 3-4 oc/sec 60-120 sec @ 140-160 oc 60-150 sec 240 oc 10-20 sec 4-6 oc/sec pb free 3-4 oc/sec 60-180 sec @ 170-200 oc 60-150 sec 265 oc 10-20 sec 4-6 oc/sec p1020-qe mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 26-jan-07


▲Up To Search▲   

 
Price & Availability of XP1020-QE-EV1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X