Part Number Hot Search : 
LBS06301 PRODUC K1528DBS CRY82 2SC2938 PT2380 51880 PSWT9012
Product Description
Full Text Search
 

To Download UMD4N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  emd4 / UMD4N t r ansistors rev.b 1/4 general purpose (dual digit a l transistors) emd4 / UMD4N z f eatu r es 1) both the dt a1 14y chip and dt c144e chip in an emt 6 or umt 6 p a ckage. 2) mounting possible w i th emt 3 or umt 3 automatic mounting machines. 3) t r ansistor element s are independent, eliminating interference. 4) mounting cost and area can be cut in half. z s t ru ctu r e a pnp and npn digit a l transistor (each w i th a single built in resistor) t he follow i ng characteristics apply to both the dt r 1 and dt r 2 , how ever , the ? ? ? sign on dt r 2 values for the pnp ty pe have been omitted. z equiv a le nt c i rc uit emd4 / UMD4N dtr 2 dtr 1 (3) (2) (1) (4) (5) (6) r 1 r 1 dtr 1 r 2 r 2 r 1 /r 2 =47k ? / 47k ? dtr 2 r 1 /r 2 =10k ? / 47k ? z ex te rna l dime ns ions (unit : mm) rohm : emt6 emd4 rohm : umt6 eiaj : sc-88 UMD4N abbreviated symbol :d4 abbreviated symbol : d4 0.22 1.2 1.6 ( 1 ) ( 2 ) ( 5 ) ( 3 ) ( 6 ) ( 4 ) 0.13 0.5 0.5 0.5 1.0 1.6 each lead has same dimensions each lead has same dimensions 0 0.1 ( 6 ) 2.0 1.3 0.9 0.15 0.7 0.1min. 2.1 0.65 0.2 1.25 ( 1 ) 0.65 ( 4 ) ( 3 ) ( 2 ) ( 5 ) z packag in g sp ecificatio n s taping code basic ordering unit (pieces) package tr 3000 UMD4N t2r 8000 emd4 type
emd4 / UMD4N t r ansistors rev.b 2/4 z a b solute maximum ratings (t a = 25 c) limits dtr1(dtc144e) dtr2(dta114y) parameter symbol v cc ? 50 ? 40 to + 6 ? 70 ? 100 50 ? 10 to + 40 30 100 120(1element) 150(total) v v ma mw v in i o i c(max.) pd 150 ? 55 to + 150 c c tj tstg unit supply voltage input voltage output current power dissipation junction temperature storage temperature z electrical ch aracteristics (t a = 25 c) dt r 1 parameter symbol v i(off) v i(on) v o(on) i i i o(off) r 1 g i r 2 /r 1 f t min. ? 3 ? ? ? 32.9 68 0.8 ? ? ? 0.1 ? ? 47 ? 1 250 0.5 ? 0.3 0.18 0.5 61.1 ? 1.2 ? v v cc = 5v, i o = 100 a v o = 0.3v, i o = 2ma i o /i i = 10ma/0.5ma v i = 5v v cc = 50v, v i = 0v v o = 5v, i o = 5ma v ce = 10v, i e =? 5ma, f = 100mhz ? v ma a k ? ? ?? ? mhz typ. max. unit conditions input voltage output voltage input current output current input resistance dc current gain resistance ratio transition frequency ? transition frequency of the device dt r 2 parameter symbol v i(off) v i(on) v o(on) i i i o(off) r 1 g i r 2 /r 1 f t min. ? ? 1.4 ? ? ? 7 68 3.7 ? ? ? ? 0.1 ? ? 10 ? 4.7 250 ? 0.3 ? ? 0.3 ? 0.88 ? 0.5 13 ? 5.7 ? v v cc = ? 5v, i o = ? 100 a v o = ? 0.3v, i o = ? 1ma i o /i i = ? 5ma / ? 0.25ma v i = ? 5v v cc = ? 50v, v i = 0v v o = ? 5v, i o = ? 5ma v ce = ? 10v, i e = 5ma, f = 100mhz ? v ma a k ? ? ?? ? mhz typ. max. unit conditions input voltage output voltage input current output current input resistance dc current gain resistance ratio transition frequency ? transition frequency of the device
emd4 / UMD4N t r ansistors rev.b 3/4 z electrical ch aracteristic cu rv es dt r 1 (npn) v o = 0.3v 100 200 500 1m 2m 5m 10m 20m 50m 100m 100 50 20 10 5 2 1 500m 200m 100m input voltage : v i(on) (v) output current : i o (a) fig.1 input voltage vs. output current (on characteristics) 25 c 100 c ta =? 40 c v cc = 5v 0.5 1.0 1.5 2.0 2.5 3.0 0 10m 5m 2m 1m 500 200 100 50 20 10 5 1 2 input voltage : v i(off) (v) output current : io (a) ta = 100 c 25 c ? 40 c fig.2 output current vs. input voltage (off characteristics) output current : i o (a) dc current gain : g i v o = 5v 100 200 500 1m 2m 5m 10m 20m 50m 100m 1k 500 200 100 50 20 10 5 2 1 fig.3 dc current gain vs. output current ta = 100 c 25 c ? 40 c 100 200 500 1m 2m 5m 10m 20m 50m 100m 1 500m 200m 100m 50m 20m 10m 5m 2m 1m l o /l i = 20 output current : i o (a) output voltage : v o(on) (v) fig.4 output voltage vs. output current ta = 100 c 25 c ? 40 c dt r 2 ( npn) input voltage : v i(on) (v) output current : i o (a) fig.5 input voltage vs. output current (on characteristics) v o =? 0.3v ? 100 ? 50 ? 20 ? 10 ? 200m ? 100m ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m ? 5 ? 2 ? 1 ? 500m 25 c 100 c ta =? 40 c input voltage : v i(off) (v) output current : io (a) fig.6 output current vs. input voltage (off characteristics) v cc =? 5v 0 ? 3.0 ? 10m ? 1 ? 2m ? 5m ? 1m ? 200 ? 500 ? 100 ? 20 ? 50 ? 10 ? 2 ? 5 ? 0.5 ? 1.0 ? 1.5 ? 2.0 ? 2.5 ta = 100 c 25 c ? 40 c output current : i o (a) dc current gain : g i fig.7 dc current gain vs. output current v o =? 5v 1k 500 200 100 50 20 10 5 2 1 ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m ta = 100 c 25 c ? 40 c
emd4 / UMD4N t r ansistors rev.b 4/4 output current : i o (a) output voltage : v o(on) (v) fig.8 output voltage vs. output current l o /l i = 20 ? 500m ? 1 ? 200m ? 100m ? 10m ? 50m ? 5m ? 20m ? 2m ? 1m ta = 100 c 25 c ? 40 c ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m
appendix appendix1-rev1.1 the products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. notes no technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of rohm co.,ltd. the contents described herein are subject to change without notice. the specifications for the product described in this document are for reference only. upon actual use, therefore, please request that specifications to be separately delivered. application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. rohm co.,ltd. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by rohm co., ltd. is granted to any such buyer. products listed in this document are no antiradiation design. about export control order in japan products described herein are the objects of controlled goods in annex 1 (item 16) of export trade control order in japan. in case of export from japan, please confirm if it applies to "objective" criteria or an "informed" (by miti clause) on the basis of "catch all controls for non-proliferation of weapons of mass destruction.


▲Up To Search▲   

 
Price & Availability of UMD4N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X