Part Number Hot Search : 
70032 C1210 DS1553 TA1043A 24S3V SMF6V5A MSS0317 YS64D640
Product Description
Full Text Search
 

To Download T86D107K010CABS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 40145 for technical questions, contact: tantalum@v ishay.com www.vishay.com revision: 31-jan-11 1 solid tantalum surface mount t antamount ? , molded case, hi-rel cots, low esr, built-in-fuse t86 vishay sprague features ? terminations: 100 % matte tin, standard, tin/lead available ? molded case available in three case sizes ? compatible with high volume automatic pick and place equipment ? high ripple current carrying capability ? meets eia 535baac case sizes ? weibull grading and surge current test options per mil-prf-55365 ? standard and low esr options ? compliant to rohs directive 2002/95/ec performance/electrical characteristics operating temperature: - 55 c to + 125 c (above 85 c voltage derating is required) capacitance range: 0.47 f to 470 f capacitance tolerance: 10 %, 20 % voltage rating: 4 v dc to 50 v dc ordering information t86 d 107 k 010 e a a s type case code capacitance capacitance tolerance dc voltage rating at + 85 c termination/ packaging reliability level surge current esr see ratings and case codes table this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow k = 10 % m = 20 % this is expressed in v. to complete the three-digit block, zeros precede the voltage rating. a decimal point is indicated by an r (6r3 = 6.3 v) c = matte tin/ 7" (178 mm) reel h = matte tin/ 7" (178 mm), 1/2 reel e = tin/lead/ 7" (178 mm) reel l = tin/lead/ 7" (178 mm), 1/2 reel a = 1.0 % b = 0.1 % s = hi-rel standard z = non-er a = 10 cycles at + 25 c b = 10 cycles at - 55 c/+ 85 c s = 3 cycles at + 25 c s = std. l = low dimensions in inches (millimeters) case code eia size l w h p t w t h (min.) c 6032-28 0.236 0.012 [6.0 0.30] 0.126 0.012 [3.2 0.30] 0.098 0.012 [2.5 0.30] 0.051 0.012 [1.3 0.30] 0.087 0.004 [2.2 0.10] 0.039 [1.0] d 7343-31 0.287 0.012 [7.3 0.30] 0.170 0.012 [4.3 0.30] 0.110 0.012 [2.8 0.30] 0.051 0.012 [1.3 0.30] 0.095 0.004 [2.4 0.10] 0.039 [1.0] e 7343-43 0.287 0.012 [7.3 0.30] 0.170 0.012 [4.3 0.30] 0.158 0.012 [4.0 0.30] 0.051 0.012 [1.3 0.30] 0.095 0.004 [2.4 0.10] 0.039 [1.0] h w t w p l t h (min.) * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com for technical questions, contact: tantalum@vishay.com document number: 40145 2 revision: 31-jan-11 t86 vishay sprague solid tantalum surface mount t antamount ? , molded case, hi-rel cots , low esr, built-in-fuse ratings and case codes f 4 v 6.3 v 10 v 16 v 20 v 25 v 35 v 50 v 0.47 c 0.68 c 1.0 c 1.5 cc 2.2 ccc/d 3.3 ccc/d 4.7 ccc/dd 6.8 cccdd/e 10 cccc/dd/e 15 c c c c/d d d/e 22 c c c/d d d/e e 33 c c/d c/d d/e e 47 c/d c/d d/e e 68 c c/d d/e d e 100 c d/e d e 150 d d d/e e 220 d d/e e 330 d/e e 470 e construction and marking marking: capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. the vishay sprague ? trademark is included if space permits. capacitors rated at 6.3 v are marked 6 v. a manufacturing date code is marked on all capacitors. capital letter e stands for lead (pb)-free terminations small cap letter e stands for snpb leadframe epoxy encap s ulation anode polarity bar s olderable cathode termination s ilver adhe s ive mno 2 /carbon/ s ilver coating s olderable anode termination s intered tantalum pellet fu s ible wire date code vi s hay s prague logo indicate s fu s ed product voltage capacitance f polarity band 22e10 xx 2 c, d, e, cases
document number: 40145 for technical questions, contact: tantalum@v ishay.com www.vishay.com revision: 31-jan-11 3 t86 solid tantalum surface mount t antamount ? , molded case, hi-rel cots, low esr, built-in-fuse vishay sprague ratings and part number reference capacitance (f) case code part number max. dc leakage at + 25 c (a) max. df at + 25 c 120 hz (%) standard (s) max. esr at + 25 c 100 khz ( ? ) low (l) max. esr at + 25 c 100 khz ( ? ) 4 v dc at + 85 c, 2.7 v dc at + 125 c 68 c t86c686(1)004(2)(3)(4)(5) 2.7 8 1.40 0.40 100 c t86c107(1)004(2)(3)(4)(5) 4.0 8 0.80 0.40 150 d t86d157(1)004(2)(3)(4)(5) 6.0 8 0.60 0.30 220 d t86d227(1)004(2)(3)(4)(5) 8.8 8 0.60 0.40 330 d t86d337(1)004(2)(3)(4)(5) 13.2 15 0.60 0.30 330 e t86e337(1)004(2)(3)(4)(5) 13.2 8 0.50 0.30 470 e t86e477(1)004(2)(3)(4)(5) 18.8 16 0.50 0.25 6.3 v dc at + 85 c, 4 v dc at + 125 c 15 c t86c156(1)6r3(2)(3)(4)(5) 0.9 6 1.80 0.60 22 c t86c226(1)6r3(2)(3)(4)(5) 1.1 6 1.80 0.60 33 c t86c336(1)6r3(2)(3)(4)(5) 1.6 6 1.40 0.60 47 c t86c476(1)6r3(2)(3)(4)(5) 2.3 6 1.30 0.60 47 d t86d476(1)6r3(2)(3)(4)(5) 2.3 6 0.90 0.45 68 c t86c686(1)6r3(2)(3)(4)s 3.3 6 0.80 n/a 68 d t86d686(1)6r3(2)(3)(4)(5) 3.3 6 0.70 0.35 100 d t86d107(1)6r3(2)(3)(4)(5) 6.0 8 0.70 0.35 100 e t86e107(1)6r3(2)(3)(4)(5) 6.0 8 0.70 0.30 150 d t86d157(1)6r3(2)(3)(4)(5) 9.0 8 0.60 0.30 220 d t86d227(1)6r3(2)(3)(4)(5) 13.2 8 0.60 0.30 220 e t86e227(1)6r3(2)(3)(4)(5) 13.2 8 0.50 0.30 330 e t86e337(1)6r3(2)(3)(4)(5) 19.8 8 0.50 0.30 10 v dc at + 85 c, 7 v dc at + 125 c 10 c t86c106(1)010(2)(3)(4)s 1.0 6 1.80 n/a 15 c t86c156(1)010(2)(3)(4)(5) 1.5 6 1.80 0.60 22 c t86c226(1)010(2)(3)(4)(5) 2.2 6 1.40 0.50 33 c t86c336(1)010(2)(3)(4)(5) 3.3 6 1.30 0.40 33 d t86d336(1)010(2)(3)(4)(5) 3.3 6 0.90 0.40 47 c t86c476(1)010(2)(3)(4)s 4.7 6 1.00 n/a 47 d t86d476(1)010(2)(3)(4)(5) 4.7 6 0.70 0.40 68 d t86d686(1)010(2)(3)(4)(5) 6.8 6 0.70 0.35 68 e t86e686(1)010(2)(3)(4)(5) 6.8 6 0.70 0.35 100 d t86d107(1)010(2)(3)(4)(5) 10.0 8 0.60 0.30 150 d t86d157(1)010(2)(3)(4)(5) 15.0 8 0.60 0.30 150 e t86e157(1)010(2)(3)(4)(5) 15.0 8 0.50 0.40 220 e t86e227(1)010(2)(3)(4)(5) 22.0 8 0.50 0.30 16 v dc at + 85 c, 10 v dc at + 125 c 6.8 c t86c685(1)016(2)(3)(4)(5) 1.1 6 2.00 0.60 10 c t86c106(1)016(2)(3)(4)(5) 1.6 6 1.80 0.70 15 c t86c156(1)016(2)(3)(4)s 2.4 6 1.40 n/a 22 c t86c226(1)016(2)(3)(4)(5) 3.5 6 1.30 0.70 22 d t86d226(1)016(2)(3)(4)(5) 3.5 6 0.90 0.45 33 c t86c336(1)016(2)(3)(4)(5) 5.3 6 1.00 0.50 33 d t86d336(1)016(2)(3)(4)(5) 5.3 6 0.70 0.35 47 d t86d476(1)016(2)(3)(4)(5) 7.5 6 0.70 0.35 47 e t86e476(1)016(2)(3)(4)(5) 7.5 6 0.70 0.35 68 d t86d686(1)016(2)(3)(4)(5) 10.9 6 0.60 0.30 100 e t86e107(1)016(2)(3)(4)(5) 16.0 8 0.60 0.30 150 e t86e157(1)016(2)(3)(4)s 24.0 10 0.40 n/a
www.vishay.com for technical questions, contact: tantalum@vishay.com document number: 40145 4 revision: 31-jan-11 t86 vishay sprague solid tantalum surface mount t antamount ? , molded case, hi-rel cots , low esr, built-in-fuse notes (1) capacitance tole rance codes: k, m (2) terminations and packaging codes: c, h, e, l (3) reliability level: a, b, s, z (4) surge current: a, b, s (5) esr: l, s 20 v dc at + 85 c, 13 v dc at + 125 c 4.7 c t86c475(1)020(2)(3)(4)(5) 0.9 6 2.00 1.00 6.8 c t86c685(1)020(2)(3)(4)(5) 1.4 6 1.90 0.60 10 c t86c106(1)020(2)(3)(4)(5) 2.0 6 1.60 0.80 15 c t86c156(1)020(2)(3)(4)s 3.0 6 1.40 n/a 15 d t86d156(1)020(2)(3)(4)(5) 3.0 6 0.90 0.45 22 d t86d226(1)020(2)(3)(4)(5) 4.4 6 0.70 0.35 33 d t86d336(1)020(2)(3)(4)(5) 6.6 6 0.70 0.40 33 e t86e336(1)020(2)(3)(4)(5) 6.6 6 0.70 0.40 47 e t86e476(1)020(2)(3)(4)(5) 9.4 6 0.60 0.30 68 e t86e686(1)020(2)(3)(4)(5) 13.6 6 0.60 0.30 25 v dc at + 85 c, 17 v dc at + 125 c 2.2 c t86c225(1)025(2)(3)(4)s 0.6 6 2.80 n/a 3.3 c t86c335(1)025(2)(3)(4)(5) 0.8 6 2.30 2.10 4.7 c t86c475(1)025(2)(3)(4)(5) 1.2 6 1.90 1.00 6.8 c t86c685(1)025(2)(3)(4)(5) 1.7 6 1.60 0.60 10 c t86c106(1)025(2)(3)(4)(5) 2.5 6 1.40 0.60 10 d t86d106(1)025(2)(3)(4)(5) 2.5 6 1.00 0.50 15 d t86d156(1)025(2)(3)(4)(5) 3.8 6 0.80 0.40 22 d t86d226(1)025(2)(3)(4)(5) 5.5 6 0.70 0.35 22 e t86e226(1)025(2)(3)(4)(5) 5.5 6 0.70 0.35 33 e t86e336(1)025(2)(3)(4)(5) 8.3 6 0.60 0.30 35 v dc at + 85 c, 23 v dc at + 125 c 1.5 c t86c155(1)035(2)(3)(4)(5) 0.5 6 3.80 2.60 2.2 c t86c225(1)035(2)(3)(4)s 0.8 6 2.90 n/a 3.3 c t86c335(1)035(2)(3)(4)s 1.2 6 2.00 n/a 4.7 c t86c475(1)035(2)(3)(4)s 1.6 6 1.80 n/a 4.7 d t86d475(1)035(2)(3)(4)(5) 1.6 6 1.20 0.60 6.8 d t86d685(1)035(2)(3)(4)(5) 2.4 6 1.00 0.50 10 d t86d106(1)035(2)(3)(4)(5) 3.5 6 0.80 0.50 10 e t86e106(1)035(2)(3)(4)(5) 3.5 6 0.80 0.50 15 d t86d156(1)035(2)(3)(4)(5) 5.3 6 0.70 0.50 15 e t86e156(1)035(2)(3)(4)(5) 5.3 6 0.70 0.50 22 e t86e226(1)035(2)(3)(4)s 7.7 6 0.60 n/a 50 v dc at + 85 c, 33 v dc at + 125 c 0.47 c t86c474(1)050(2)(3)(4)s 0.5 4 6.70 n/a 0.68 c t86c684(1)050(2)(3)(4)s 0.5 4 5.90 n/a 1.0 c t86c105(1)050(2)(3)(4)(5) 0.5 4 4.40 2.70 1.5 c t86c155(1)050(2)(3)(4)(5) 0.8 6 5.00 3.20 2.2 c t86c225(1)050(2)(3)(4)s 1.1 6 2.80 n/a 2.2 d t86d225(1)050(2)(3)(4)(5) 1.1 6 2.10 0.90 3.3 c t86c335(1)050(2)(3)(4)(5) 1.7 6 2.40 1.60 3.3 d t86d335(1)050(2)(3 )(4)s 1.7 6 2.00 n/a 4.7 d t86d475(1)050(2)(3 )(4)s 2.4 6 1.10 n/a 6.8 d t86d685(1)050(2)(3 )(4)s 3.4 6 0.90 n/a 6.8 e t86e685(1)050(2)(3)(4)s 3.4 6 0.90 n/a ratings and part number reference capacitance (f) case code part number max. dc leakage at + 25 c (a) max. df at + 25 c 120 hz (%) standard (s) max. esr at + 25 c 100 khz ( ? ) low (l) max. esr at + 25 c 100 khz ( ? )
document number: 40145 for technical questions, contact: tantalum@v ishay.com www.vishay.com revision: 31-jan-11 5 t86 solid tantalum surface mount t antamount ? , molded case, hi-rel cots, low esr, built-in-fuse vishay sprague typical curves at + 25 c, impedance and esr vs. frequency 0.1 1.0 10.0 100.0 1000.0 e s r/z, e ca s e impedance e s r 68 f, 20 v dc 470 f, 4 v dc 1.00 0.10 0.01 frequency khz 0.1 1.0 10.0 100.0 1000.0 e s r/z, 1.00 0.10 0.01 frequency khz d ca s e impedance e s r 220 f, 10 v dc 330 f, 6.3 v dc
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of T86D107K010CABS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X