Part Number Hot Search : 
IFN5433 MAX9973 115MB1 HT604 X55C11 CX2SCSM1 MAX1120 PNZ150L
Product Description
Full Text Search
 

To Download SL320R536 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.co m data sheet part number: sl32 0r536 ordering d i fferent lea d types: inside kinked leads not available outside kinked leads use ?b after ametherm ?s part # for exam ple: to order an outside ki nked lead use part num b e r s l 3 2 0 r 2 3 6 - b resistance @ 25 c 0. 5 ? 2 0 % max stea dy st ate current up to 65 c 36.0 a r ecom m e nded v o l t a ge 24 0 v a c m a x r ecom m ende d ene r gy r a t i ng 25 0. 0 j actu al fail u r e po in t of in stantan e ou s en ergy 4 9 5 . 0 j r e si st ance @ 10 0 % of m a xi m u m c u rrent 0. 00 9 ? r e si st ance @ 50 % of m a xi m u m c u rre nt 0. 05 8 ? b ody tem p era t ure @ m a x c u r r ent 22 4 c di ssi pat i o n c o nst a nt 45.4 m w / c therm a l tim e c onst a nt 19 4 s eco n d s material type ?b? maxim u m cap acitance @ 120/240 vac 1 600 0 f/ 4 000 f d 30.0 2.5 mm t 5. 0 1. 0 m m lead diam eter 1.0 0.1 mm s 7. 8 2. 0 m m l 3 8 .0 9.0 mm co atin g run do wn straight lea d s 5. 0 1. 0 m m b 7.8 mm nom c 3. 8 2 1. 0 m m revision date april 26, 2005 l outside ki nked le a d s s str a ight le a d s b in sid e ki nked le a d s s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL320R536

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X