Part Number Hot Search : 
NCP1570D SDR4432 SNG20620 PSMN3R MSM6652A 07197 IR3P69 BTA44
Product Description
Full Text Search
 

To Download MHR50V226M63X7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mcmr & mcmhr series ultra - miniaturized radial capacitors page 1 26/05/05 v1.0 features: ? ultra miniature radial electrolytic capacitors. ? developed short body length to 7mm, for the demand of smaller and thinner electronic equipment. ? suitable for high-density electronic equipment, such as: automatic office machines, pocket calculators, car stereos and mini-audio sets, vcr, camera, cd-rom, notebook, etc. specifications number item performance mcmhr series mcmr series 1 operating temperature -40c to +105c -40c to +85c 2 rated working voltage range 6.3 - 63v dc 10 - 63v dc 3 nominal capacitance range 0.1 - 330f 0.1 - 220f 4 capacitance tolerance 20% (at 20c, 120hz) 5 leakage current i = 0.01cv or 3a whichever is greater after two minutes 6 dissipation factor (tan )(120hz\+20c) 7 characteristics at low temperature (stability at 120hz) working voltage (v) 6.3 16 35 50 63 tan maximum 0.24 0.16 0.12 0.1 0.08 working voltage (v) 10 16 25 35 63 tan maximum 0.2 0.16 0.14 0.12 0.08 working voltage (v) 6.3 16 35 50 63 -25c/+20c 4 2 -40c/+20c 8 4 3 working voltage (v) 10 16 25 35 63 -25c/+20c 3 2 -40c/+20c 6 4 3
mcmr & mcmhr series ultra - miniaturized radial capacitors page 2 26/05/05 v1.0 number item performance mcmhr series mcmr series 8 high temperature loading after 1000 hours application of dc rated voltage at +105c, the capacitor shall meet the following limits: post test requirements at +20c. after 1000 hours application of dc rated voltage at +85c, the capacitor shall meet the following limits: post test requirements at +20c. 9 shelf life after storage for 500 hours at +105c with no voltage applied. post test requirements at +20c. same limits as high temperature loading. after storage for 500 hours at +85c with no voltage applied. post test requirements at +20c. same limits as high temperature loading. 10 solvent proof this capacitor can withstand circuit-board cleaning within 5 minutes dipped in freon te, tes, at 40c (ultrasonic also permitted) or in the steam of these cleaners. diagram of dimensions dimensions: mcmr series dimensions: mcmhr series d (+0.5 maximum) 4 5 6.3 f (0.5) 1.5 2 2.5 d (0.02) 0.45 0.45 0.45 height (l) 7 d (+0.5 maximum) 4 5 6.3 8 f (0.5) 1.5 2 2.5 3.5 d (0.02) 0.45 0.45 0.45 0.5 height (l) 7 dimensions : millimetres dimensions : millimetres leakage current the initial specified value capacitance change 20% of initial measured value dissipation factor (tan ) 200% of initial specified value specifications
mcmr & mcmhr series ultra - miniaturized radial capacitors page 3 26/05/05 v1.0 case size table: mcmr series case size table: mcmhr series 10 16 25 35 63 0.1 - - - - 4 x 7 0.22 - - - - 0.47 - - - - 1 - - - - 2.2 - - - - 4.7 - - - - 10 - - 4 x 7 6.3 x 7 22 - 4 x 7 5 x 7 5 x 7 - 33 4 x 7 5 x 7 6.3 x 7 - 47 6.3 x 7 - 100 5 x 7 6.3 x 7 8 x 7 (8 x 9) - 220 6.3 x 7 8 x 7 (8 x 9) - - - 6.3 16 35 50 63 0.1 - - - 4 x 7 0.33 - - - 1 - - - 3.3 - - - 4.7 - - 4 x 7 5 x 7 10 - 4 x 7 5 x 7 6.3 x 7 22 4 x 7 5 x 7 6.3 x 7 6.3 x 7 - 33 5 x 7 6.3 x 7 8 x 7 - 47 8 x 7 8 x 9 - 100 6.3 x 7 - - - 220 8 x 7 8 x 9 - - - 330 - - - diameter x height diameter x height dimensions : millimetres dimensions : millimetres w.v f w.v f
mcmr & mcmhr series ultra - miniaturized radial capacitors page 4 26/05/05 v1.0 specification table mcmr series 7mm ? 85c working voltage (v) capacitance ( f) ripple current (a) lead diameter lead pitch part number 10 33 43.0 0.45 1.5 mr10v336m4x7 47 59.0 mr10v476m4x7 100 87.0 2.0 mr10v107m5x7 220 145.0 2.5 mr10v227m6.3x7 16 22 180.0 1.5 mr16v226m4x7 47 65.0 2.0 mr16v476m5x7 100 98.0 2.5 mr16v107m6.3x7 25 10 28.0 1.5 mr25v106m4x77 22 48.0 2.0 mr25v226m5x7 33 58.0 mr25v336m5x7 47 71.0 2.5 mr25v476m6.3x7 35 10 31.0 1.5 mr35v106m4x7 22 52.0 2.0 mr35v226m5x7 33 65.0 2.5 mr35v336m6.3x7 47 73.0 mr35v476m6.3x7 63 0.1 2.0 1.5 mr63v104m4x7 0.22 4.5 mr63v224m4x7 0.47 7.0 mr63v474m4x7 01 13.0 mr63v105m4x7 2.2 21.5 mr63v225m4x7 4.7 32.4 2.0 mr63v475m5x7 dimensions : millimetres
mcmr & mcmhr series ultra - miniaturized radial capacitors page 5 26/05/05 v1.0 working voltage (v) capacitance ( f) ripple current (a) lead diameter lead pitch part number 6.3 22 34.0 0.45 1.5 mr6v3226m4x7 33 42.0 2.0 mr6v3336m5x7 47 50.0 mr6v3476m5x7 100 77.0 2.5 mr6v3107m6.3x7 220 130.0 0.50 3.5 mr6v3227m8x7 330 170.0 mhr6v3337m8x7 16 10 29.0 0.45 1.5 mhr16v106m4x7 22 44.0 2.0 mhr16v226m5x7 33 57.0 2.5 mhr16v336m6.3x7 47 68.0 mhr16v476m6.3x7 100 107.0 mhr16v107m6.3x7 35 10 36.0 2.0 mhr35v106m5x7 22 57.0 2.5 mhr35v226m6.3x7 33 72.0 mhr35v336m6.3x7 47 81.0 0.50 3.5 mhr35v476m8x7 50 0.33 3.5 0.45 1.5 mhr50v334m4x7 3.3 24.0 mhr50v335m4x7 10 44.0 2.5 mhr50v106m6.3x7 22 65.0 mhr50v226m6.3x7 63 0.1 2.0 1.5 mhr63v104m4x7 0.33 5.8 mhr6v3334m4x7 01 13.0 mhr63v105m4x7 4.7 32.4 2.0 mhr63v475m5x7 specification table mcmhr series 7mm ? 105c dimensions : millimetres


▲Up To Search▲   

 
Price & Availability of MHR50V226M63X7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X