voltage range 50 to 1000 volts current 35 amperes rectron semiconductor technical specification features * superior thermal desing * 400 amperes surge rating * 1/4 // universal faston terminal * hole thru for # 8 screw * ul listed the recognized component directory, file #e94233 * epoxy: device has ul flammability classification 94v-o maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. mb3505 thru MB3510 maximum ratings (at t a = 25 o c unless otherwise noted) mb-35 mb-35w ratings maximum recurrent peak reverse voltage maximum rms bridge input voltage maximum dc blocking voltage peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) symbol v rrm v dc i o i fsm v rms volts volts amps 35.0 400 units maximum average forward rectified output current at tc = 55 o c 50 200 400 100 600 800 1000 35 140 280 70 420 560 700 50 200 400 100 600 800 1000 volts amps mb3505 mb352 mb354 MB351 mb356 mb358 MB3510 mechanical data single-phase glass passivated silicon bridge rectifier electrical characteristics (at t a = 25 o c unless otherwise noted) note: 1.suffix ?w? for wire type 2005-3 rev: a operating and storage temperature range t j, t stg -55 to + 150 0 c dc blocking voltage per element characteristics v f symbol i r units 1.1 0.5 mamps uamps maximum reverse current at rated maximum forward voltage drop per element at 17.5a dc volts @t a = 25 o c @t c = 100 o c 5.0 mb3505 mb352 mb354 MB351 mb356 mb358 MB3510 0 c/w r jc 1.4 typical thermal resistance from junction to case (note 2) 2.device mounted on 300mm x 300mm x 1.6mm cu plate heatsink. typical thermal resistance from junction to ambient r ja 3.?fully rohs compliant?,?100% sn plating(pb-free). 16 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com 4 .com u datasheet
rectron rating and characteristic curves ( mb3505 thru MB3510 ) percent of rated peak reverse voltage, ( % ) instantaneous reverse current, (ua) fig. 4 - typical reverse characteristics 10 1.0 .1 .01 0 20 40 60 80 100 120 14 0 tj = 25 fig. 1 - maximum non-repetitive forward peak forward surge current, (a) number of cycles at 60hz surge current 500 400 300 200 100 0 1 2 4 6 8 10 20 40 60 80100 8.3ms single half sine-wave (jedec method) fig. 3- typical instantaneous forward instantaneous forward current, (a) instantaneous forward voltage, (v) 100 10 1.0 .1 .01 .8 .6 .7 .9 1.0 1.1 1.2 1.3 characteristics t j = 25 pulse width = 300us 1% duty cycle fig. 2 - typical forward current average forward current, (a) derating curve case temperature, ( ) 50 40 30 20 10 0 0 50 100 150 17 5 mb-35 mb-35w .480 ( 12.2 ) .425 ( 10.8 ) 1.181 ( 30.0 ) 1.102 ( 28.0 ) .673 ( 17.1 ) .633 ( 16.1 ) .673 ( 17.1 ) .633 ( 16.1 ) .033 x .250 (0.8 x 6.4) 1.181 ( 30.0 ) 1.102 ( 28.0 ) .732 ( 18.6 ) .582 ( 14.8 ) .543 ( 13.8 ) .692 ( 17.6 ) .452 ( 11.5 ) max. hole for no. 8 screw ac ac .042 ( 1.1 ) .080 ( 2.0 ) ( 11.5 ) dia. typ. .452 max. ( 15.0 ) .591 max. .732 ( 18.6 ) .692 ( 17.6 ) ac ac 1.181 ( 30.0 ) 1.102 ( 28.0 ) hole for no. 8 screw 1.181 ( 30.0 ) 1.102 ( 28.0 ) .468 ( 11.9 ) .429 ( 10.9 ) .732 ( 18.6 ) .692 ( 17.6 ) 60 hz resistive or inductive load www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com 4 .com u datasheet
|