Part Number Hot Search : 
M98VL AS4428MU 580105 611229 50100 VSC7448 74AUP 11101
Product Description
Full Text Search
 

To Download ITR20001T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  everlight electronics co., ltd. http:\\www.ev erlight.com rev :4 page: 1of 7 device no cdrx-200-006 prepared date 2005/10/18 prepared by zhouhong technical data sheet opto interrupter itr20001/t features ? fast response time ? high analytic ? high sensitivity ? cut-off visible wavelength p =940nm ? pb free ? this product itself will remain within rohs compliant version. descriptions the itr20001/t consist of an infrared emitting diode and an npn silicon phototransistor, encased side-by-side on converging optical axis in a black thermoplastic housing. the phototransistor receives radiation from the ir only . this is the normal situation. but when an reflecting object close to itr , phototransistor receives the reflecting radiation .for additional component information, please refer to ir2424-3c and pt2424-6b. applications ? mouse copier ? switch scanner ? floppy disk driver ? non-contact switching ? for direct board device selection guide device no. chip material lens color ir2424-3c gaalas water clear pt2424-6b silicon black
everlight electronics co., ltd. http:\\www.ev erlight.com rev :4 page: 2of 7 device no cdrx-200-006 prepared date 2005/10/18 prepared by zhouhong internal connection diagram itr20001/t package dimensions
everlight electronics co., ltd. http:\\www.ev erlight.com rev :4 page: 3of 7 device no cdrx-200-006 prepared date 2005/10/18 prepared by zhouhong itr20001/t absolute maximum ratings (ta=25 ) parameter symbol ratings unit power dissipation at(or below) 25 free air temperature pd 75 mw reverse voltage v r 5 v forward current i f 50 ma input peak forward current (*1) pulse width Q 100 s, duty cycle=1% i fp 1 a collector power dissipation p c 75 mw collector current i c 20 ma collector-emitter voltage b v ceo 30 v output emitter-collector voltage b v eco 5 v operating temperature topr -25~+85 storage temperature tstg -40~+85 lead soldering temperature (*2) (1/16 inch form body for 5 seconds) tsol 260 ( 1) tw=100 sec. , t=10 msec. ( 2) t=5 sec electro-optical characteristics (ta=25 ) parameter symbol min. typ. max. unit condition v f1 - 1.2 1.5 i f =20ma v f2 - 1.4 1.8 i f =100ma,tp=100 s,tp/t=0.01 forward voltage v f3 - 2.6 4.0 v i f =1a,tp=100 s,tp/t=0.01 reverse current i r - - 10 a v r =5v peak wavelength p - 940 - nm i f =20ma input view angle 2 1/2 - 35 - deg i f =20ma dark current i ceo - - 100 na v ce =5v,ee=0mw/cm 2 output c-e saturation voltage v ce(sat) - - 0.4 v i c =0.04ma, i f =40ma i c(on) 200 - - a collector current( 3) i c(off) - - 2 a v ce =5v,i f =20ma rise time t r - 25 - s response time fall time t f - 25 - s v ce =5v,i c =100 a ,r l =100 ( 3) i c(on) at the testing condition?-with reflector in 5mm away, i c(off)at the testing condition?-without reflector and external light le ss than 10 lux at the module surface.
everlight electronics co., ltd. http:\\www.ev erlight.com rev :4 page: 4of 7 device no cdrx-200-006 prepared date 2005/10/18 prepared by zhouhong 0 10 1 2 10 3 10 4 10 1234 4 3 2 1 0 10 10 10 10 10 100 1000 10 1 -20 0.6 0.9 0.7 0.8 1.0 0.2 0.4 0 0.2 0.4 0.6 50 70 80 60 40 30 -10 020 10 itr20001/t typical electrical/optical/chara cteristics curves for ir
everlight electronics co., ltd. http:\\www.ev erlight.com rev :4 page: 5of 7 device no cdrx-200-006 prepared date 2005/10/18 prepared by zhouhong itr20001/t typical electrical/optical/cha racteristics curves for pt
everlight electronics co., ltd. http:\\www.ev erlight.com rev :4 page: 6of 7 device no cdrx-200-006 prepared date 2005/10/18 prepared by zhouhong itr20001/t reliability test item and condition the reliability of products shall be satisfied with items listed below. confidence level 90% ltpd 10% no. item test condition test hours/ cycle sample size failure judgement criteria ac/re 1 solder heat temp : 260 5 10 sec 22 pcs 0/1 2 temperature cycle h : +100 15 mins 5 min l : -40 15 min 300 cycle 22 pcs ic(on) Q l 0.8 0/1 3 thermal shock h : +100 5 min 10 sec l : -10 5 min 300 cycle 22 pcs l :lower specification limit 0/1 4 high temperature storage temp. : +100 1000 hrs 22 pcs 0/1 5 low temperature storage temp. : -40 1000 hrs 22 pcs 0/1 6 dc operating life v ce =5v i f =20ma 1000 hrs 22 pcs 0/1 7 high temperature / high humidity 85 / 85% r.h. 1000 hrs 22 pcs 0/1
everlight electronics co., ltd. http:\\www.ev erlight.com rev :4 page: 7of 7 device no cdrx-200-006 prepared date 2005/10/18 prepared by zhouhong itr20001/t itr20001/t packing quantity specification 1.200pcs/1bag, 6bag/1box 2. 10boxes/1carton label form specification cpn: customer?s production number p/n : production number qty: packing quantity cat: ranks hue: peak wavelength ref: reference lot no: lot number notes 1.all dimensions are in millimeters 2.tolerances unless dimensions 0.2mm 3.lead spacing is measured where the lead emerge from the packa ge 4.above specification may be changed without notice. everlight will reserve authority on material change for above specification 5.these specification sheets include materials protected under copyright of everlight corporation . please dont reproduce or cause anyone to reproduce them without everlights consent 6.when using this product , please observe the absolute maximum ratings and the instructions for use outlined in these specification sheets. ev eright assumes no responsibility for any damage resulting from use of the prod uct which does not comply with the absolute maximum ratings and the instructio ns included in these specification sheets. e verlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiw an, r.o.c http:\\www.everlight.com


▲Up To Search▲   

 
Price & Availability of ITR20001T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X