sealed rechargeable li-ion high capacity cylindrical cell h d nominal voltage: ..................................... 3.7 v rated capacity (0.2c / 2.75 v): ............ 2150 mah impedance ac at 1khz, fully charged: .... 100 mohm max discharge current: ..... 4000 ma diameter ........................d. 18.3 height ........................h. 65.0 volume: ................................ 16.83 cm3 energy density: ................... 484 wh/l specific energy: .................. 177 wh/kg weight, approx: ................... 46 g standard charge: .............. 1100ma 3h fast charge: ...................... 2200ma 2.5h storage: -20 up to +60c....... 1 month charge: .................................. 0c ... 45c discharge: ............................. -20c ... 60c life expectancy at cycling: >300 cycles (0.5c/0.5c): >70% of rated capacity icr 18650-22 preliminary data sheet microbatterie gmbh, daimlerstr. 1, d-73479 ellwangen/jagst tel.: (+49) 7961/83- 0, telefax: (+49) 7961/83-553 subject to change without prior notice! date of issue: 22.07.02 temperatures: charge conditions at: mm mm -0.4 -0.6 all data contained herein is for single cells. for battery applications, performance data may vary from single cell data, depending on specific battery configuration. typical capacity (0.2c / 2.75 v): .......... 2200 mah max charge current: ........ 2200 ma max charge voltage: ........ 4.20 v storage: -20 up to +45c....... 3 month storage: -20 up to +20c....... 1 year
|