Part Number Hot Search : 
M060302 LM337BT 6039110 B7740 D10SC6M DS1NBB YB25D C1000
Product Description
Full Text Search
 

To Download HFC1410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low dielectric loss at high frequency (high q) narrow tolerance of capacitance excellent temperature characteristics high reliability and no polarity by single layer ceramic substrate construction 0.10 - 1.3 pf available by 0.05 pf range (hfc1005 series) 0.10 - 1.20 pf available by 0.05 pf range (HFC1410, 1608, 1610, 1612 series) marking: brown body color with no marking products with lead-free terminations meet eu rohs requirements hfc high frequency ceramic capacitor 1005: 1.0 x 0.5 mm 1410: 1.4 x 1.0 mm 1608: 1.6 x 0.8 mm 1610: 1.6 x 1.0 mm 1612: 1.6 x 1.2 mm ordering information 2 significant digits + zeros ? indicates decimal point b c g h k n s t v w t: sn td: paper tape (1005 only - 10,000 pieces/reel) te: embossed taping (1410, 1610, 1612 - 3,000 pieces/reel) (1608 - 4,000 pieces/reel) hfc type size termination material nominal capacitance material code packaging new part # 1608 td t r10 c for further information on packaging, please refer to appendix a. dimensions and construction w l t solder plating protective coating l .039?006 (1.0?.15) .02?004 (0.5?.1) .02?004 (0.5?.1) wt dimensions inches (mm) 1005 .055?006 (1.4?.15) .039?004 (1.0?.1) .039?004 (1.0?.1) 1410 .063?006 (1.6?.15) .031?004 (0.8?.1) .028?008 (0.7?.2) 1608 .063?006 (1.6?.15) .039?004 (1.0?.1) .033?01 (0.85?.25) 1610 .063?006 (1.6?.15) .047?004 (1.2?.1) .043?008 (1.1?.2) 1612 size eu 257 koa speer electronics, inc. ?bolivar drive ?p.o. box 547 ?bradford, pa 16701 ?usa ?814-362-5536 ?fax: 814-362-8883 ?www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. 2/24/08 capacitors
258 koa speer electronics, inc. ?bolivar drive ?p.o. box 547 ?bradford, pa 16701 ?usa ?814-362-5536 ?fax: 814-362-8883 ?www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. 3/10/07 capacitors hfc high frequency ceramic capacitor hfc1005 series characteristics of dielectric materials applications and ratings HFC1410, 1608, 1610, 1612 series material code r t 37.0?.5 70.0?.0 92.0?.0 113.0?.0 0?0 6?0 6?0 30?0 n k v material code c 21.5?.0 37.0?.5 70.0?.0 113.0?.0 0?0 0?0 6?0 30?0 t n v r (ppm/?) r r (ppm/?) hfc1005tttdr10 0.10 hfc1005tttdr15 0.15 hfc1005nttdr20 0.20 hfc1005nttdr25 0.25 hfc1005kttdr30 0.30 ?.015 ?.030 t n k v 50 -55? to +125? part designation tolerance code (pf) material code operating temperature range rated voltage dc (v) capacitance (pf) hfc1005kttdr35 0.35 hfc1005vttdr40 0.40 hfc1005vttdr45 0.45 hfc1005vttdr50 0.50 hfc1005vttdr55 0.55 hfc1005vttdr60 0.60 140.0?.0 0?0 h 160.0?.0 0?0 g 180.0?.0 0?0 s hfc1005 series (continued) material code r b 200.0?.0 260.0?.0 0?0 0?0 w r (ppm/?) hfc1005httdr65 0.65 hfc1005httdr70 0.70 hfc1005httdr75 0.75 hfc1005gttdr80 0.80 hfc1005gttdr85 0.85 hfc1005gttdr90 0.90 hfc1005gttdr95 0.95 hfc1005sttd1r0 1.00 hfc1005bttd1r1 1.10 ?.050 h g s b hfc1005wttd1r2 1.20 hfc1005wttd1r3 1.30 w w
hfc high frequency ceramic capacitor applications and ratings (continued) environmental applications self resonant frequency (ghz) 100 1 capacitance (pf) 1 0.1 10 10 HFC1410, 1608, 1610, 1612 series q 10000 1 frequency (mhz) 1000 500 1800 100 10 1000 type: hfc1612vt1r0r05m50 (1.0 pf) q vs. frequency self resonant frequency (srf) vs. capacitance value esr vs. frequency esr 5 0.01 frequency (mhz) 1000 500 1800 1 0.1 ?.075 ?.015 ?.030 v c t n 50 -55? to +125? 50 -55? to +125? part designation tolerance code (pf) material code operating temperature range rated voltage dc (v) capacitance (pf) HFC1410vtte1r1 1.10 HFC1410vtte1r2 1.20 HFC1410vtte1r3 1.30 hfc1608ctter10 0.10 hfc1608ttter15 0.15 hfc1608ntter20 0.20 hfc1608ntter25 0.25 hfc1608ntter30 0.30 hfc1608ntter35 0.35 ?.030 v v v 50 -55? to +125? hfc1608vtter40 0.40 hfc1608vtter45 0.45 hfc1608vtter50 0.50 hfc1608vtter55 0.55 hfc1610vtter60 0.60 hfc1610vtter65 0.65 hfc1610vtter70 0.70 hfc1610vtter75 0.75 hfc1610vtter80 0.80 hfc1610vtter85 0.85 hfc1610vtter90 0.90 hfc1612vtter95 0.95 hfc1612vtte1r0 1.00 ?.050 ?.050 50 -55? to +125? 259 koa speer electronics, inc. ?bolivar drive ?p.o. box 547 ?bradford, pa 16701 ?usa ?814-362-5536 ?fax: 814-362-8883 ?www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. 3/10/07 capacitors
260 koa speer electronics, inc. ?bolivar drive ?p.o. box 547 ?bradford, pa 16701 ?usa ?814-362-5536 ?fax: 814-362-8883 ?www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. 11/01/03 capacitors hfc high frequency ceramic capacitor environmental applications (continued) electrical characteristics parameter capacitance within the specified tolerance of parts frequency: 1 mhz voltage: 1 vrms instrument: yhp4278a q value 100 or more frequency: 1 mhz voltage: 1 vrms instrument: yhp4278a breakdown voltage no breakdown test voltage: 300% of the rated voltage electrification time: 1 second to 5 seconds limit surge current: 50 ma or less insulation resistance 10,000 m or more test voltage: rated voltage electrification time: 60 seconds 5 seconds requirement test method mechanical characteristics parameter adhesion of electrodes no mechanical damage a static load of 5n (0.5 kgf) shall be applied in the direction of the arrow as follows requirement test method printed board chip load (5n) weight 20 displacement substrate 45 2 45 2 core body strength no mechanical damage a static load of 5n (0.5 kgf) using a r 0.5 pressure rod shall be applied on the core of the component and held for 10 seconds substrate bending test visual examination: no mechanical damage capacitance: within ?.0% or ?.02 pf whichever is more q value: 100 or more insulation resistance: 10,000 m or more solder a specimen to the substrate and bend it (displacement: 2mm)
hfc high frequency ceramic capacitor environmental applications (continued) endurance characteristics parameter solderability a new coating of solder shall cover a minimum of 95% of the surface being immersed flux: 25 wt% colophony solder: h60a (silver 3%) preheating: 150? for 1 minute soldering temperature: 230? 5? soldering temperature: 215? 5? (hfc1005) immersion time: 3 seconds 1 second resistance to solder heat visual examination: no mechanical damage capacitance: within ?.0% or ?.02 pf whichever is more q value: 100 or more insulation resistance: 10,000 m or more flux: 25 wt% colophony solder: h60a (silver 3%) soldering temperature: 270? 5? immersion time: 10 seconds 1 second vibration frequency of vibration: 10 to 100 hz sweeping: 10 100 10 hz, 5 minutes, 5.0 g this motion shall be applied for a period of 2 hours in each of 3 mutually perpendicular axis resistance to humidity (load test) temperature: 60? 2? relative humidity: 95% rh test voltage: rated voltage test hours: 1000 -0/+48 hours resistance to humidity (unload test) temperature: 85? 2? relative humidity: 85% rh test hours: 1000 -0/+48 hours resistance to high temperature temperature: 125? 2? test voltage: rated voltage test hours: 1000 -0/+48 hours temperature: -55? for 30 min., 125? for 30 min. hours for 1 cycle: 2 hours temperature cycle: 50 cycles or more requirement test method resistance to low heat temperature cycle half of sine wave (100 g) shall be applied for a period of 5 msec. in each of 3 mutually perpendicular axis shock temperature: -55? 2? test hours: 1000 -0/+48 hours the specimen shall be subjected to standard atmospheric condition for 24 hours after which measurement shall be made. 261 koa speer electronics, inc. ?bolivar drive ?p.o. box 547 ?bradford, pa 16701 ?usa ?814-362-5536 ?fax: 814-362-8883 ?www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. 7/16/04 capacitors


▲Up To Search▲   

 
Price & Availability of HFC1410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X