Part Number Hot Search : 
EHRCA2X 1MC04030 PHB10 CS439 SMAJ16 MAX893 AD821207 122DL
Product Description
Full Text Search
 

To Download HC64R8RG-49408M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the connor-winfield corp . 2111 comprehensive drive. aurora, il 60505.fax (630) 851-5040. phone (630) 851-4722. www.conwin.com product da t a sheet specifications subject to change without notice. data sheet #: rev: date: page of copyright 2001 connor-winfield all rights reserved. a cr yst al controlled oscilla tors connor winfield models and are 5.0v hcmos, fixed frequency crystal oscillator (xo) designed for use in all applications requiring precision clocks over the commercial or industrial temperature ranges. hc54r8rg hc64r8rg 1 2 hc64r8rg - 49.408mhz hcmos clockseries center frequency features description ordering information 5.0v operation frequency range: 1.0 to 70 mhzoverall frequency tolerance: 20ppm temperature range: hc54r8rg : 0 to 70c hc64r8rg : -40 to 85c tri-sta te enable / disable function hermetically sealed p ackage rohs compliant / lead free 5 . 0 v 1 4 p i n d i p h c m o s c l o c k o s c i l l a t o r hc54r8rg hc64r8rg hc212 00 12/18/06 absol ute m aximum rating s table 1.0 parameter units minimum nominal maxi mum units note storage temperature - 55 - 125 c supply voltage (vcc) - 0.5 - 7.0 vdc model specifications : table 2.0 model hc54r8rg parameter mi nimum nominal maxi mum units note frequency range (fo) 1.0 - 70 mhz frequency tolerance: - 20 - 20 ppm 1 operating temperature range 0 - 70 c model hc64r8rg frequency range (fo) 1.0 - 70 mhz frequency tolerance: - 20 - 20 ppm 1 operating temperature range - 40 - 85 c operating specific ations table 3.0 parameter minimum nominal maxi mum units note supply voltage (vdd) 4.5 5.0 5.5 vdc supply current 1.0 to 24.999 mhz (icc) - - 25 ma 25 to 49.999 mhz (icc) - - 45 ma 50 to 70 mhz (icc) - - 60 ma jitter (bw=10hz to 20mhz) - - 5 ps rms jitter (bw=12khz to 20mhz) - - 1 ps rms inp ut characteristics table 4.0 enable voltage (vih) 2.2 - - vdc 2 disable voltage (vil) - - 0.8 vdc enable time - - 100 ns disable time - - 100 ns hcmos output characteristics table 5.0 parameter minimum nominal maxi mum units n ote load - - 50 pf voltage (high) (voh) 4.5 - - vdc (low) (vol) - - 0.5 vdc current (high) (ioh) - 16 - - ma (low) (ioh) - - 16 ma duty cycle at 50% of vcc 45 50 55 % rise / fall time 10% to 90% - - 5 ns start - up time - 3 10 ms packag e characteristics table 6.0 package hermetically sealed, welded metal package process recommendations table 7.0 soldering process see solder profile page 2. note: 1) inclusive of calibration @ 25 c , frequency vs. temperature stabilit y, supply voltage change, load change, shock and vibrati on, 10 years aging. 2) oscillator output is enabled with no co nnection on pin 1.
the connor-winfield corp . 2111 comprehensive drive. aurora, il 60505.fax (630) 851-5040. phone (630) 851-4722. www.conwin.com product da t a sheet specifications subject to change without notice. data sheet #: rev: date: page of copyright 2001 connor-winfield all rights reserved. a cr yst al controlled oscilla tors rev: date: page of 2 2 hc212 00 12/18/06 table 8. 0 tri - state enable / disable function (pin 1) output high or open enable low disable (high impedance) e n a b l e / d is a b l e 5 0 p f 1 7 8 1 4 enable / disable function pin connections solder profile output waveform t est circuit table 9 .0 pin connection 1 enable/disable 7 ground 8 o utput 14 vcc package outline and dimensions .260 max (6.60m m) c w 0 6 4 5 h c 6 4 r 8 r g 4 9 .4 0 8 m h z dime nsio nal tole ranc e: .00 5 (.1 27m m) .02 (.5 08m m) 1 2 0 c 1 5 0 c 1 8 0 c 2 6 0 c 0 2 2 0 c 3 6 0 s e c . m a x . 1 2 0 s m a x . 1 0 s 6 0 s m a x . t i m e t e m p e r a t u r e 2 6 0 c


▲Up To Search▲   

 
Price & Availability of HC64R8RG-49408M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X