Part Number Hot Search : 
SSM6J CSC815 003930 29040 USB3311 470M1 Q12R12 LC352
Product Description
Full Text Search
 

To Download EIA1114-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EIA1114-2 updated 07/25/2006 11.0-14. 0ghz 2-watt internally matched power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 1 of 1 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised july 2006 features ? 11.0? 14.0ghz bandwidth ? input/output impedance matched to 50 ohms ? +33.5 dbm output power at 1db compression ? 7.0 db power gain at 1db compression ? 25% power added efficiency ? -36 dbc im3 at po = 22.5 dbm scl ? hermetic metal flange package ? 100% tested for dc, rf, and r th electrical characteristics (t a = 25 c) yyww all dimensions in inches .512 .382 .094 excelics .650.008 .129 sn gate .060 min. .045 .070 .008 .004 .022 .060 min. drain .319 caution! esd sensitive device. symbol parameters/test conditions 1 min typ max units p 1db output power at 1db compression f = 11.0-14.0ghz v ds = 8 v, i dsq 750ma 32.5 33.5 dbm g 1db gain at 1db compression f = 11.0-14.0ghz v ds = 8 v, i dsq 750ma 6.0 7.0 db ? g gain flatness f = 11.0-14.0ghz v ds = 8 v, i dsq 750ma 0.8 db pae power added efficiency at 1db compression v ds = 8 v, i dsq 750ma f = 11.0-14.0ghz 25 % id 1db drain current at 1db compression f = 11.0-14.0ghz 850 1000 ma im3 output 3rd order intermodulation distortion ? f = 10 mhz 2-tone test; pout = 22.5 dbm s.c.l 2 v ds = 8 v, i dsq 65% idss f = 14.0ghz -36 dbc i dss saturated drain current v ds = 3 v, v gs = 0 v 1440 1800 ma v p pinch-off voltage v ds = 3 v, i ds = 15 ma -1.0 -2.5 v r th thermal resistance 3 11.0 12.0 o c/w note: 1) tested with 100 ohm gate resistor. 2) s.c.l. = single carrier level. 3) overall rth depends on case mounting. absolute maximum rating 1,2 symbols parameters absolute 1 continuous 2 vds drain-source voltage 10 8v vgs gate-source voltage -5 -3v igsf forward gate current 21.6ma 7.2ma igsr reverse gate current -3.6ma -1.2ma pin input power 32.5dbm @ 3db compression tch channel temperature 175 o c 175 o c tstg storage temperature -65 to +175 o c -65 to +175 o c pt total power dissipation 12w 12w note: 1. exceeding any of the above ratings may result in permanent damage. 2. exceeding any of the above ratings may reduce mttf below design goals. EIA1114-2


▲Up To Search▲   

 
Price & Availability of EIA1114-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X