Part Number Hot Search : 
TSM1013 AN2N3 101M06 FM1246 M00000 ADV71 KTD20 KBPC1506
Product Description
Full Text Search
 

To Download DEMO-IAM9156-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.8 C 6 ghz 3 v downconverter technical data features ? lead-free option available ? +0 dbm input ip 3 at 1.9 ghz ? single +3v supply ? 8.5 db ssb noise figure at 1.9 ghz ? 9.0 db conversion gain at 1.9 ghz ? ultra-miniature package applications ? downconverter for pcs, phs, ism, wll, and other wireless applications iam-91563 description agilents iam-91563 is an eco- nomical 3v gaas mmic mixer used for frequency down-conver- sion. rf frequency coverage is from 0.8 to 6 ghz and if coverage is from 50 to 700 mhz. packaged in the sot-363 package, this 4.0 sq. mm. package requires half the board space of a sot-143 and only 15% the board space of an so-8 package. at 1.9 ghz, the iam-91563 provides 9 db of conversion gain, thus eliminating an rf or if gain stage normally needed with a lossy mixer. lo drive power is nominally only -5 dbm, eliminat- ing an lo buffer amplifier. the 8.5 db noise figure is low enough to allow the system to use a low cost lna. the -6 dbm input ip 3 provides adequate system linearity for most commercial applications, but is adjustable to 0 dbm. the circuit uses gaas phemt technology with proven reliability, and uniformity. the mmic consists of a cascode fet struc- ture that provides unbalanced gm modulation type mixing. an on- chip lo buffer amp drives the mixer while bias circuitry allows a single +3v supply (through a choked if port). the lo port is internally matched to 50 ? . the rf and if ports are high imped- ance and require external match- ing networks. surface mount package sot-363 (sc-70) mga-86563 pkg pin connections and package marking if and v d gnd 91 lo gnd rf 1 2 3 6 5 4 source bypass note: 1. package marking provides orienta- tion and identification. lo 1 source bypass 4 rf 3 ground 2, 5 if and v d 6 simplified schematic attention: observe precautions for handling electrostatic sensitive devices. esd human body model (class 0) refer to agilent application note a004r: electrostatic discharge damage and control.
2 iam-91563 absolute maximum ratings absolute symbol parameter units maximum [1] v d device voltage, rf output to ground v 6.0 v rf, v lo rf voltage or lo voltage to ground v +0.5, -1.0 p in cw rf input power dbm +13 t ch channel temperature c 150 t stg storage temperature c -65 to 150 thermal resistance [2] : ch-c = 310 c/w notes: 1. permanent damage may occur if any of these limits are exceeded. 2. t c = 25 c (t c is defined to be the temperature at the package pins where contact is made to the circuit board). iam-91563 electrical specifications, t c = 25 c, v d = 3 v symbol parameters and test conditions units min. typ. max. std dev [2] g test gain in test circuit [1] rf=1890 ghz, if=250 mhz db 4.0 9.0 nf test noise figure in test circuit [1] rf=1890 ghz, if=250 mhz db 8.5 11.0 i d device current ma 6.0 9.0 12.0 nf noise figure (rf & if with external matching, f = 0.9 ghz db 7.0 if=250 mhz, lo power=-5 dbm) f = 1.9 ghz 8.5 0.5 f = 2.4 ghz 11.0 f = 4.0 ghz 16.5 f = 6.0 ghz 18.0 g c conversion gain (rf and if with external matching, f = 0.9 ghz db 11.0 if=250 mhz, lo power=-5 dbm) f = 1.9 ghz 9.0 1.5 f = 2.4 ghz 7.7 f = 4.0 ghz 4.6 f = 6.0 ghz 1.7 p 1 db output power @ 1 db compression (rf and if with f = 0.9 ghz dbm -6.7 external matching, if=250 mhz, lo power =-5 dbm) f = 1.9 ghz -8.0 1.3 f = 2.4 ghz -8.7 f = 4.0 ghz -15.0 f = 6.0 ghz -17.8 rl rf rf port return loss f = 0.5 - 6.0 ghz db -1.7 0.2 rl lo lo port return loss f = 0.5 - 6.0 ghz db -9.4 0.3 rl if if port return loss f = 50 - 700 mhz db -3.7 0.2 ip 3 input third order intercept point rf = 1.9 ghz, if = 250 mhz dbm -6.0 1.3 i d = 9.0 ma, lo power = -5 dbm ip 3 input third order intercept point rf = 1.9 ghz, if = 250 mhz dbm 0 1.1 i d = 15 ma, lo power = -2 dbm isol l-r lo-rf isolation rf = 1.9 ghz db 18 isol r-i rf-if isolation (no match) db 2 isol l-i lo-if isolation (no match) db 4 notes: 1. guaranteed specifications are 100% tested in the circuit in figure 18 in the applications information section. 2. standard deviation number is based on measurement of at least 500 parts from three non-consecutive wafer lots during the initial characterization of this product, and is intended to be used as an estimate for distribution of the typical specification.
3 iam-91563 typical performance, t c =25 c, v d = 3.0 v, rf=1890 mhz, lo = -5 dbm, if = 250 mhz, unless otherwise stated. 0345 12 6 0 345 12 6 0 345 12 6 frequency (ghz) frequency (ghz) figure 1. available conversion gain vs. frequency and temperature. figure 2. noise figure (into 50 ? ) vs. frequency and temperature. t a = +85 c t a = +25 c t a = ?0 c 0 2 4 6 8 12 10 gain (db) 6 8 10 12 14 20 18 16 noise figure (db) frequency (ghz) figure 3. output power (@ 1 db compression) vs. frequency and temperature. -20 -18 -16 -14 -12 -4 -6 -8 -10 p 1 db (dbm) t a = +85 c t a = +25 c t a = ?0 c t a = +85 c t a = +25 c t a = ?0 c 0345 12 6 0345 12 6 0 345 12 6 0 2 4 6 8 12 10 gain (db) 6 8 10 12 14 20 18 16 noise figure (db) frequency (ghz) frequency (ghz) figure 4. available conversion gain vs. frequency and voltage. figure 5. noise figure (into 50 ? ) vs. frequency and supply voltage. frequency (ghz) figure 6. output power (@ 1 db compression) vs. frequency and voltage. -20 -18 -16 -14 -12 -4 -6 -8 -10 p 1 db (dbm) v d = 3.3v v d = 3.0v v d = 2.7v v d = 3.3v v d = 3.0v v d = 2.7v v d = 3.3v v d = 3.0v v d = 2.7v 0345 12 6 0345 1 2 0 300 400 500 100 200 600 700 -10 -9 -8 -7 -6 -5 -4 -3 0 -1 -2 return loss (db) 0 2 4 8 6 12 10 device current (ma) frequency (ghz) supply voltage (v) figure 7. rf, lo, and if return loss vs. frequency. figure 8. device current vs. supply voltage and temperature. if frequency (mhz) figure 9. ssb noise figure vs. frequency and supply voltage. 2 4 6 8 12 10 ssb noise figure (db) t a = +85 c t a = +25 c t a = -40 c v d = 3.3v v d = 3.0v v d = 2.7v lo rf if
4 iam-91563 typical performance, t c =25 c, v d = 3.0 v, rf=1890 mhz, lo = -5 dbm, if = 250 mhz, unless otherwise stated. 0 300 400 500 100 200 600 700 if frequency (mhz) figure 12. conversion gain vs. frequency and temperature. 2 4 6 8 12 10 conversion gain (db) t a = +85 c t a = +25 c t a = -40 c 0 300 400 500 100 200 600 700 if frequency (mhz) figure 10. ssb noise figure vs. frequency and temperature. -10 -7 -6 -5 -9 -8 -4 -3 -2 -1 lo power (dbm) figure 13. available conversion gain and noise figure vs. lo drive power. 2 4 6 8 12 10 ssb noise figure (db) 4 6 8 10 14 12 conversion gain and noise figure (db) t a = +85 c t a = +25 c t a = -40 c 0 300 400 500 100 200 600 700 if frequency (mhz) figure 11. conversion gain vs. frequency and supply voltage. 2 4 6 8 12 10 conversion gain (db) t a = 3.3v t a = 3.0v t a = 2.7v -10 -7 -6 -5 -9 -8 -4 -3 -2 -1 lo power (dbm) figure 14. one db compression and input third order intercept vs. lo drive power. -10 -8 -6 -4 0 -2 p 1 db and input ip 3 (dbm) 0345 12 6 -20 -18 -16 -14 -12 -10 -8 -6 0 -2 -4 isolation (db, no match) rf frequency (ghz) figure 15. isolation (lo-rf, rf-if, lo-if) vs. frequency with no rf and if matching networks. 0345 12 6 -40 -36 -32 -28 -24 -20 -16 -12 0 -4 -8 isolation (db) rf frequency (ghz) figure 16. isolation (rf-lo, rf-if, lo-if) vs. frequency with rf and if matching networks. gain nf ip 3 p 1 db rf-if lo-if lo-rf rf-lo rf-if lo-if
5 iam-91563 typical reflection coefficients, t c =25 c, z o = 50 ? , v d =3 v frequency (ghz) rf (mag) rf (ang) lo (mag) lo (ang) if (mag) if (ang) 0.1 0.43 -1 0.64 -8 0.2 0.39 -6 0.63 -9 0.3 0.39 -8 0.63 -10 0.4 0.39 -9 0.63 -10 0.5 0.39 -10 0.62 -11 0.6 0.39 -11 0.62 -12 0.7 0.40 -14 0.62 -13 0.8 0.91 -18 0.39 -14 0.9 0.91 -21 0.39 -16 1 0.91 -23 0.38 -17 1.1 0.92 -25 0.39 -17 1.2 0.91 -28 0.39 -19 1.3 0.88 -29 0.40 -22 1.4 0.87 -32 0.39 -22 1.5 0.85 -33 0.39 -24 1.6 0.84 -34 0.39 -25 1.7 0.83 -35 0.39 -26 1.8 0.82 -37 0.39 -27 1.9 0.82 -37 0.38 -29 2 0.81 -39 0.39 -29 2.1 0.81 -40 0.38 -31 2.2 0.81 -41 0.38 -31 2.3 0.81 -42 0.37 -32 2.4 0.81 -44 0.37 -33 2.5 0.80 -45 0.36 -34 2.6 0.80 -45 0.36 -35 2.7 0.81 -46 0.35 -36 2.8 0.81 -48 0.35 -36 2.9 0.81 -50 0.34 -37 3 0.82 -51 0.34 -37 3.1 0.83 -53 0.33 -38 3.2 0.83 -55 0.33 -39 3.3 0.83 -56 0.32 -39 3.4 0.85 -59 0.32 -40 3.5 0.86 -61 0.31 -40 3.6 0.87 -64 0.32 -42 3.7 0.85 -67 0.31 -42 3.8 0.83 -71 0.30 -45 3.9 0.83 -71 0.30 -43 4 0.82 -73 0.29 -46 4.1 0.83 -76 0.29 -45 4.2 0.83 -79 0.28 -47 4.3 0.84 -82 0.29 -48 4.4 0.84 -85 0.27 -49 4.5 0.84 -87 0.28 -50 4.6 0.85 -91 0.26 -51 4.7 0.84 -95 0.28 -52 4.8 0.85 -97 0.25 -52 4.9 0.85 -100 0.27 -54 5 0.85 -103 0.25 -54 5.1 0.86 -106 0.27 -57 5.2 0.85 -108 0.25 -56 5.3 0.84 -113 0.27 -58 5.4 0.84 -115 0.25 -58 5.5 0.84 -117 0.27 -61 5.6 0.83 -121 0.25 -61 5.7 0.83 -123 0.27 -64 5.8 0.81 -125 0.25 -65 5.9 0.81 -128 0.26 -67 6 0.80 -130 0.24 -65
6 iam-91563 applications information introduction the iam-91563 is a miniature downconverter developed for use in superheterodyne receivers for commercial wireless applications with rf bands from 800 mhz to 6 ghz. operating from only 3 volts, the iam-91563 is an excellent choice for use in low current applications such as: 1.9 ghz personal communication systems (pcs) & personal handy system (phs), 2 ghz digital european cordless telephone (dect), and 800 mhz cellular telephones (e.g., gsm, nadc, jdc). combined with agilents other rfics and discrete compo- nents housed in the same ultra- miniature sot-363 package, the iam-91563 also provides flexible, building-block solutions for wlans and wireless datacomm such as pcmcia rf modems as well as many industrial, scientific and medical (ism) systems operating at 900 mhz, 2.5 ghz, and 5.8 ghz. the iam-91563 is a 3-port, downconverting rfic mixer of the cascode (common source - common gate) type that uses a low level (-5 dbm) local oscillator (lo) to convert an rf signal in the 800 mhz to 6 ghz range to an if between 50 and 700 mhz. the basic mixing function takes place in a cascode connected pair of fets as shown in figure 17. if fet 2 lo rf fet 1 figure 17. cascode fet mixer. the received rf signal is con- nected to the gate of fet1 and the lo is applied to the gate of fet2. the purpose of fet2 is to vary the transconductance of fet1 over a highly nonlinear region at the rate of the lo frequency. this pro- duces the nonlinearity required for frequency mixing to take place. this type of mixer is also known as a transconductance mixer. the if is taken from the drain of fet2. an advantage of the cascode type of design is the inherent isolation between the gates of the two fets which results in very good lo-to-rf isolation. an integrated buffer amplifier between the lo input and the gate of fet2 not only increases the lo-rf isolation but also reduces the amount of lo input power required by the mixer. the iam-91563 uses an innovative bias regulation circuit that realizes several benefits to the designer. first, the iam-91563 operates with a single, positive device voltage from 1.5 to 5 volts with stable performance over a wide tempera- ture range. second, a unique feature of the iam-91563 allows the device current to be easily increased by adding an external resistor to boost device current and increase linearity. using a minimum of external components with a standard bias of 3 volts/9 ma and lo power of -5 dbm, the iam-91563 mixer achieves an rf to if conversion gain of 9 db at 1.9 ghz with a noise figure of 8.5 db and an input third order intercept point of -6 dbm. lo-to-if isolation is greater than 35 db. setting the bias for the higher linearity/higher current mode (approximately 16 ma) along with an lo drive level of -2 dbm will boost the input ip 3 to approximately 0 dbm. test circuit the circuit shown in figure 18 is used for 100% rf and dc testing. the test circuit is impedance matched for an rf of 1890 mhz and an if of 250 mhz. the lo is set at 1640 mhz and -5 dbm for low side conversion. (high side conversion with an lo of 2240 mhz would produce similar performance.) the rf choke at the if port is used to provide dc bias. tests in this circuit are used to guarantee the g test , nf test , and device current (i d ) parameters shown in the table of electrical specifications. v d if 250 mhz 500 pf 4.7 pf 68 nh z = 50 z = 50 z = 110 i=10.4 mm 0.5 pf 220 nh 100 pf (2) lo 1640 mhz rf 1890 mhz 91 figure 18. test circuit. specifications and statistical parameters several categories of parameters appear within this data sheet. parameters may be described with values that are either minimum or maximum, typical, or standard deviations. the values for parameters are based on comprehensive product characterization data, in which automated measurements are made on of a minimum of 500 parts taken from 3 non- consecutive process lots of semiconductor wafers. the data derived from product character- ization tends to be normally distributed, e.g., fits the standard bell curve. parameters considered to be the most important to system perfor- mance are bounded by minimum
7 or maximum values. for the iam-91563, these parameters are: conversion gain (g test ), noise figure (nf test ), and device current (i d ). each of these guaranteed parameters is 100% tested. values for most of the parameters in the table of electrical specifica- tions that are described by typical data are the mathematical mean ( ), of the normal distribution taken from the characterization data. for parameters where measurements or mathematical averaging may not be practical, such as the typical reflection coefficients table or performance curves, the data represents a nominal part taken from the center of the characterization distribution. typical values are intended to be used as a basis for electrical design. to assist designers in optimizing not only the immediate circuit using the iam-91563, but to also optimize and evaluate trade-offs that affect a complete wireless system, the standard deviation ( ) is provided for many of the electrical specifications param- eters (at 25 ) in addition to the mean. the standard deviation is a measure of the variability about the mean. it will be recalled that a normal distribution is completely described by the mean and standard deviation. standard statistics tables or calculations provide the probabil- ity of a parameter falling between any two values, usually symmetri- cally located about the mean. referring to figure 12 for ex- ample, the probability of a param- eter being between 1 is 68.3%; between 2 is 95.4%; and be- tween 3 is 99.7%. 68% 95% 99% parameter value mean ( ) (typical) -3 -2 -1 +1 +2 +3 figure 19. normal distribution. phase reference planes the positions of the reference planes used to specify reflection coefficients for this device are shown in figure 20. as seen in the illustration, the reference planes are located at the point where the package leads contact the test circuit. test circuit reference planes figure 20. phase reference planes. rf layout an rf layout similar to the one in figure 21 is suggested as a starting point for microstripline designs using the iam-91563 mixer. this layout shows the capacitor for the source bypass pin and the optional resistor used to increase bias current. adequate grounding is important to obtain maximum performance and to maintain stability. both of the ground pins of the mmic should be connected to the rf groundplane on the backside of the pcb by means of plated through holes (vias) that are placed near the package termi- nals. as a minimum, one via should be located next to each of the ground pins to ensure good rf grounding. it is a good practice to use multiple vias to further minimize ground path inductance. c r figure 21. rf layout. it is recommended that the pcb pads for the ground pins not be connected together underneath the body of the package. pcb traces hidden under the package cannot be adequately inspected for smt solder quality. pcb material fr-4 or g-10 printed circuit board materials are a good choice for most low cost wireless applica- tions. typical board thickness is 0.020 to 0.031 inches. thicknesses greater than 0.031 inch began to introduce excessive inductance in the ground vias. the width of the 50 ? microstriplines on pc boards in this thickness range is also very convenient for mounting chip components such as the series inductor at the input or dc blocking and bypass capacitors. for applications using higher frequencies such as the 5.8 ghz ism band, the additional cost of ptfe/glass dielectric materials may be warranted to minimize transmission line loss at the mixers rf input. an additional consideration of using lower cost
8 materials at higher frequencies is the degradation in the qs of transmission lines used for impedance matching. biasing the iam-91563 is a voltage-biased device and is designed to operate in the normal mode from a single, +3 volt power supply with a typical current drain of only 9 ma. the internal current regula- tion circuit allows the mixer to be operated with voltages as high as +5 volts or as low as +1.5 volt. the device current can be in- creased up to 20 ma by adding an external resistor from the source bypass pin to ground. this feature makes it possible to operate the iam-91563 in the high power mode to achieve greater linearity. refer to the section titled high linearity mode for information on applications and performance when using this feature. application guidelines several design considerations should be taken into account to ensure that maximum perfor- mance is obtained from the iam-91563 downconverter. the rf and if ports must be imped- ance matched at their respective frequencies to the circuits to which they are connected. this is typically 50 ohms when the mixer is used as a building block compo- nent in a 50-ohm system. these ports have been left untuned on the mmic to allow the mixer to be used over a wide range of rf and if bands. the lo port is already sufficiently well matched (less than 1 db of mismatch loss) for most applications. as with most mixers, appropriate filters must be placed at the rf port and if port such as in figure 22. the filter in front of the rf port eliminates interference from the image frequency and the if filter prevents rf and lo signal leakage into the if signal process- ing circuitry. hp filter rf if lo lp filter figure 22. image and if filters. additional design considerations relate to the use of higher bias current where greater linearity is required, bypassing of the source bypass pin, bias injection, and dc blocking and bypassing. each of these design factors will be discussed in greater detail in the following sections. rf port a well matched rf port is espe- cially important to maximize the conversion gain of the iam-91563 mixer. matching is also necessary to realize the specified noise figure and rf-to-lo isolation. the amount the conversion gain can be increased by impedance matching is equal to the mismatch loss at the rf port. the imped- ance of the rf port is character- ized by the measured reflection coefficients shown in typical reflection coefficients table. the maximum mismatch gain that results from eliminating the mismatch loss is expressed in db as a function of the reflection coefficient as: for wireless bands in the 800 mhz to 6 ghz range, the magnitude of the reflection coefficient of the rf port varies from 0.91 to 0.80, which corresponds to a mismatch gain of 7.6 to 4.4 db. the impedance of the rf port is capacitive, and for frequencies from 800 mhz to 2.4 ghz, falls very near the r=1 circle of a smith chart. while these impedances could be easily matched to 50 ohms with a simple series inductor, it is advantageous to use a 2-element matching network of the series c, shunt l type as shown in figure 23 instead. there are two main reasons for this choice. the first is to incorporate a high pass filter characteristic into the matching circuit. second, the series c, shunt l combination will match the entire range of rf port impedances to 50 ? . most wireless communication bands are sufficiently narrow that a single (mid-band) frequency approach to impedance matching is adequate. rf rf input c l if lo figure 23. rf input hpf matching. impedance matching can be accomplished with lumped element components, transmis- sion lines, or a combination of both. the use of surface mount inductors and capacitors is convenient for lower frequencies to minimize printed circuit board space. the use of high impedance transmission lines works well for higher frequencies where lumped element inductors may have excessive parasitics and/or self- resonances. if other types of matching net- works are used, it should be noted that while the rf input terminal of the iam-91563 is at ground potential, it should not be used as a current sink. if the input is g rf, mm = 10 log 10 1 1C rf 2 (1)
9 rf if lo rfc bypass capacitor v d if output figure 25. bias connection. lo port the lo input port is internally matched to 50 ? within a 2.2:1 vswr over the entire operating frequency range. additional matching will normally not be needed. however, if desired, a small series inductor can be used to provide some improvement in the lo match and thus reduce the lo drive level requirement by up to 0.7 db. reflection coefficients for the lo port are shown in the table of typical reflection coefficients. source bypass pin the source bypass pin should be rf bypassed to ground at both the rf and lo frequencies as well as the if. many capacitors with values large enough to adequately bypass lower intermediate fre- quencies contain parasitics that may have resonances in the rf band. it is often practical to use two capacitors in parallel for this purpose instead of one. a small value, high quality capacitor is used to bypass the rf/lo frequen- cies and a large value capacitor for the if. when biased in the high linearity mode, a resistor is added from the source bypass pin to ground. high linearity mode the iam-91563 has a feature that allows the user to place an external resistor from the source bypass pin to ground and increase the device current from a nominal 9 ma to as high as 20 ma. the additional current increases mixer linearity (ip 3 ) and output power(p 1db ). mixer performance at higher device current is shown in figures 26 and 27. 7131517 911 19 4 6 8 10 14 12 conversion gain and nf (db) device current (ma) 1000 9 5 3 56 21 approximate resistor value ( ? ) nf gain figure 26. available conversion gain and ssb noise figure vs. device current (source resistor). 7131517 911 19 1000 9 5 3 56 21 -10 -8 -6 -4 0 -2 p 1 db and input ip 3 (dbm) device current (ma) approximate resistor value ( ? ) ip 3 p 1 db figure 27. one db compression and input third order intercept point vs. device current (resistor). as an example of improved linearity, the use of a 15 ? resistor at the source bypass pin increases the device current to 14 ma. at 1.9 ghz, the input ip 3 is increased from -6.5 dbm to -3 dbm. increas- ing the lo drive level from -5 dbm to -1 dbm further increases the input ip 3 to 0 dbm. connected directly to a preceding stage that has a voltage present, a dc blocking capacitor should be used. if port the iam-91563 can be used for downconvesion to intermediate frequencies in the 50 to 700 mhz range. similar to the rf port, the reflection coefficient at the if is fairly high and equation 1 can be used to predict a mismatch gain of up to 2.2 db by impedance match- ing. a well matched if port will also provide the optimum output power and lo-to-if isolation. reflection coefficients for the if port are shown in the typical reflection coefficients table. the if port impedance matching network should be of the low pass filter type to reflect rf and lo power back into the mixer while allowing the if to pass through. the shunt c, series l type of network in figure 24 is a very practical choice that will meet the low pass filter requirement while matching any if impedances over the 50 - 700 mhz range to 50 ohms. rf if output if lo figure 24. if output lpf matching. the dc bias is also applied to the mixer through the if port. figure 25 shows how an inductor (rfc) is used to isolate the if from the dc supply. the bias line is by- passed to ground with a capacitor to keep rf off of the dc supply lines and to prevent dips or peaks in the response of the mixer.
10 if output rfc c4 c6 c5 c7 c1 l3 lo input rf input c2 l2 v d c3 91 l1 = 0 mlin figure 29. schematic of example application circuit. at the rf input port, series capacitor c1 and transmission line mlin form the input matching network and high pass filter. (note: the pcb layout above has provision for an inductor, l1, in series with mlin. inductor l1 is not used in this design.) referring to the table of reflec- tion coefficients, the rf input port rf = 0.82 ? 37 at 1.9 ghz. this point is plotted as point a on the smith chart in figure 30. for reasons previously discussed in the rf port section above, a series c - shunt l network (from the 50 ? source to rf ) will be used to match rf to 50 ? . addition of a 6.5 nh shunt induc- tance moves the impedance trajectory from point a to point b. the match to 50 ? is completed with a 0.6 pf series capacitance, c1, that moves the match to point c, the center of the smith chart. a 1 c cb a 2 1 -2 b 0.5 0.5 0.2 -0.2 0.2 2 -0.5 -1 rf input c1 l figure 30. rf input impedance match. for this example, the shunt inductor was realized with the transmission line, mlin in fig- ure 29 (z o = 90 ? , length = 0.35 in.). a high quality capacitor should be selected for c1 to minimize the effects of the capacitors parasitic inductance and resistance. series capacitor c1 also serves to block any dc that may be present at the output of the stage preceding the mixer. at the if output, the low pass filter and impedance match is formed by shunt capacitor c2 and series inductor l2. referring again to the table of reflection coeffi- cients, the if output port if = 0.64 -8 at 100 mhz, which is the frequency point closest to the desired if of 110 mhz. if is plotted as point a in figure 31. a 1 c c b a 2 1 -2 b 0.5 0.5 0.2 -0.2 0.2 2 -0.5 -1 if output c2 l2 figure 31. if input impedance match. adding a shunt capacitance (c2) of 11.3 pf brings the impedance to point b. the match to point c at the center of the chart is com- pleted with a series inductance (l2) of 150 nh. although not necessary for many applications, the match at the lo port can be improved by the addition of series inductor l3 with a value of approximately 8 nh. design information ( lo ) for matching the lo port is obtained application example the printed circuit layout in figure 28 is a general purpose layout that will accommodate components for using the iam-91563 for rf inputs from 800 mhz to 6 ghz. this layout is a microstripline design (solid groundplane on the backside of the circuit board) with 50 ? interfaces for the rf input, if output, and lo input. the circuit is fabricated on 0.031-inch thick fr-4 dielectric material. plated through holes (vias) are used to bring the ground to the top side of the circuit where needed. multiple vias are used to reduce the inductance of the paths to ground. rf if +v lo iam-91 figure 28. pcb layout. 1.9 ghz design example to illustrate a design approach for using the iam-91563, a pcs band downconverter with an rf of 1.9 ghz and if of 110 mhz is presented. the pcb layout above was used to assemble the mixer and verify performance. a schematic diagram of the 1.9 ghz circuit is shown in figure 29.
11 from the table of reflection coefficients. capacitor c7 is a dc block for the lo port. dc bias is applied to the iam-91563 through the rfc at the if output pin. the power supply is bypassed to ground with capacitor c5 to keep rf, if, and lo signals off of the dc bias lines and to prevent gain dips or peaks in the response of the mixer. c4 is a dc blocking capacitor for the output. the values of the rf bypass capacitors and dc blocking capacitors that are not part of a impedance matching structure (i.e., c3 - c7) should be chosen to provide a small reactance (typi- cally < 5 ohms) at the lowest frequency at the port for which they are used. the reactance of the rf choke (rfc) should be high (e.g., several hundred ohms) at the lowest if. the completed 1.9 ghz mixer from the design example above with all components and sma connectors in place is shown in figure 32. again, l1 is not used and is replaced by a metal tab. the length of the shunt transmis- sion line, mlin, is adjustable by moving the position of the short- ing tab between the line and the ground pad. provision is made for an additional bypass capacitor, c6, to be added to the bias line near the v d connection to elimi- nate unwanted rf feedback through bias lines. when multiple bypass capacitors are used, consideration should be given to potential resonances. it is important to ensure that the capacitors, when combined with additional parasitic ls and cs on the circuit board, do not form resonant circuits. the addition of a small value resistor in the bias supply line between bypass capacitors will often de-q the bias circuit and eliminate reso- nance effects. table 1 below summarizes the component values for the 1.9 ghz design. component value c1 0.5 pf c2 9 pf c3, c5, c7 100 pf c4 500 pf l1 (not used) l2 100 nh l3 8.2 nh mlin z o =90 ? l = 0.41 in. rfc 320 nh table 1. component values for 1.9 ghz downconverter. the values shown in table 1 may vary from those used above to describe the basic impedance matching approach. the final component values take into consideration additional effects such as, the various line lengths between components, parasitics in components (e.g., the series inductance in c1), as well as other circuit parasitics. a cad program such as agilent touch- stone ? may be used to fully analyze and account for these circuit variables. rf if +v c6 c5 c4 c2 c3 mun 1 l 1 c 1 c 7 l3 l2 rfc lo iam-91 figure 32. complete 1.9 ghz mixer. the following performance was measured for a 1.9 ghz circuit: measured results: conversion gain = 9.0 db lo-rf isolation = 17 db ssb noise figure = 8.5 db lo-if isolation = 34 db p 1db (output) = -8.1 db rf-if isolation = 23 db ip 3 (input) = -7 dbm operating conditions: rf frequency = 1.89 ghz lo drive level = -5 dbm lo frequency = 1.78 ghz dc power = 3.0v @ 9 ma if frequency = 110 mhz
12 designs for other frequencies the same design methodology described above can be applied to other wireless frequency bands. design examples and measurement results for the 900 mhz and 2.4 ghz bands are shown in figures 33 and 34. 220 nh 100 pf 0.9 pf 220 pf 1000 pf 15 pf 10 nh 180 nh gc gn if rf 91 gnd lo vd lo 2200 mhz rf 2450 mhz if 250 mhz 50 ? 50 ? 50 ? measured results: conversion gain = 10.6 db lo-rf isolation = 21 db ssb noise figure = 7.1 db lo-if isolation = 33 db 1 db compression = -7.0 db rf-if isolation = 17 db p3 (input) = -7 dbm operating conditions: rf frequency = 900 mhz lo drive level = -5 dbm if frequency = 80 mhz dc power = 3.0v @ 9 ma lo frequency = 980 mhz figure 33. 800-900 mhz cellular and ism band mixer. 220 nh 100 pf 0.5 pf 100 pf 500 pf 4.7 pf 110 ? , 3 mm 68 nh gc gn if rf 91 gnd lo vd lo 2200 mhz rf 2450 mhz if 250 mhz 3.3 nh 50 ? 50 ? 50 ? measured results: conversion gain = 7.7 db lo-rf isolation = 16 db ssb noise figure = 11 db lo-if isolation = 35 db 1 db compression = -8.7 db rf-if isolation = 27 db ip3 (input) = -7 dbm operating conditions: rf frequency = 2.45 ghz lo drive level = -5 dbm if frequency = 250 mhz dc power = 3.0v @ 9 ma lo frequency = 2.2 ghz figure 34. 2.4 ghz ism band mixer.
13 sot-363 pcb footprint a recommended pcb pad layout for the miniature sot-363 (sc-70) package used by the iam-91563 is shown in figure 35 (dimensions are in inches). this layout pro- vides ample allowance for pack- age placement by automated assembly equipment without adding parasitics that could impair the high frequency rf performance of the iam-91563. the layout is shown with a nominal sot-363 package foot- print superimposed on the pcb pads. 0.026 0.079 0.018 0.039 dimensions in inches. figure 35. recommended pcb pad layout for agilent s sc70 6l/sot-363 products. smt assembly reliable assembly of surface mount components is a complex process that involves many material, process, and equipment factors, including: method of heating (e.g., ir or vapor phase reflow, wave soldering, etc.) circuit board material, conductor thickness and pattern, type of solder alloy, and the thermal conductivity and thermal mass of components. components with a low mass, such as the sot-363 package, will reach solder reflow temperatures faster than those with a greater mass. the iam-91563 is has been qualified to the time-temperature profile shown in figure 36. this profile is representative of an ir reflow type of surface mount assembly process. after ramping up from room temperature, the circuit board with components attached to it (held in place with solder paste) passes through one or more preheat zones. the preheat zones increase the temperature of the board and components to prevent thermal shock and begin evaporat- ing solvents from the solder paste. the reflow zone briefly elevates the temperature sufficiently to produce a reflow of the solder. the rates of change of tempera- ture for the ramp-up and cool- down zones are chosen to be low enough to not cause deformation of the board or damage to compo- nents due to thermal shock. the maximum temperature in the reflow zone (t max ) should not exceed 235 c. these parameters are typical for a surface mount assembly process for the iam-91563. as a general guideline, the circuit board and components should be exposed only to the minimum tempera- tures and times necessary to achieve a uniform reflow of solder. time (seconds) t max temperature ( c) 0 0 50 100 150 200 250 60 preheat zone cool down zone reflow zone 120 180 240 300 figure 36. surface mount assembly profile.
14 electrostatic sensitivity gaas mmics are electrostatic discharge (esd) sensitive devices. although the iam-91563 is robust in design, permanent damage may occur to these devices if they are subjected to high energy electrostatic discharges. electrostatic charges as high as several thousand volts (which readily accumulate on the human body and on test equip- ment) can discharge without detection and may result in degradation in performance or failure. the iam-91563 is a esd class 1 device. therefore, proper esd precautions are recom- mended when handling, inspect- ing, and assembling these devices to avoid damage.
15 package dimensions outline 63 (sot-363/sc-70) part number ordering information no. of part number devices container iam-91563-tr1 3000 7" reel iam-91563-tr2 10000 13" reel iam-91563-blk 100 antistatic bag iam-91563-tr1g 3000 7" reel iam-91563-tr2g 10000 13" reel iam-91563-blkg 100 antistatic bag note: for lead-free option, the part number will have the character g at the end. e he d e a1 b a a2 q1 l c dimensions (mm) min. 1.15 1.80 1.80 0.80 0.80 0.00 0.10 0.15 0.10 0.10 max. 1.35 2.25 2.40 1.10 1.00 0.10 0.40 0.30 0.20 0.30 symbol e d he a a2 a1 q1 e b c l notes: 1. all dimensions are in mm. 2. dimensions are inclusive of plating. 3. dimensions are exclusive of mold flash & metal burr. 4. all specifications comply to eiaj sc70. 5. die is facing up for mold and facing down for trim/form, ie: reverse trim/form. 6. package surface to be mirror finish. 0.650 bcs
for product information and a complete list of agilent contacts and distributors, please go to our web site. www.agilent.com/semiconductors e-mail: semiconductorsupport@agilent.com data subject to change. copyright ? 2004 agilent technologies, inc. obsoletes 5965-9973en november 15, 2004 5989-1809en tape dimensions and product orientation for outline 63 device orientation user feed direction cover tape carrier tape reel end view 8 mm 4 mm top view 91 91 91 91 p p 0 p 2 f w c d 1 d e a 0 10 max. t 1 (carrier tape thickness) t t (cover tape thickness) 10 max. b 0 k 0 description symbol size (mm) size (inches) length width depth pitch bottom hole diameter a 0 b 0 k 0 p d 1 2.40 0.10 2.40 0.10 1.20 0.10 4.00 0.10 1.00 + 0.25 0.094 0.004 0.094 0.004 0.047 0.004 0.157 0.004 0.039 + 0.010 cavity diameter pitch position d p 0 e 1.55 0.10 4.00 0.10 1.75 0.10 0.061 + 0.002 0.157 0.004 0.069 0.004 perforation width thickness w t 1 8.00 + 0.30 - 0.10 0.254 0.02 0.315 + 0.012 0.0100 0.0008 carrier tape cavity to perforation (width direction) cavity to perforation (length direction) f p 2 3.50 0.05 2.00 0.05 0.138 0.002 0.079 0.002 distance width tape thickness c t t 5.40 0.10 0.062 0.001 0.205 + 0.004 0.0025 0.0004 cover tape


▲Up To Search▲   

 
Price & Availability of DEMO-IAM9156-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X