Part Number Hot Search : 
PSU70815 PSU70815 00405 00405 DAN202S3 5C060 05K250 2N930
Product Description
Full Text Search
 

To Download BCM4780 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BCM4780p ? nasoc? network attached storage processor BCM4780p system diagram ? advanced 400 dmips / 300 mhz mips32? cpu core  16 kb i-cache, 16 kb d-cache, and 1 kb prefetch cache  mmu/tlb support for linux ?  10/100 ethernet mac with mii for lan connectivity  pci 2.3 host interface (32 bit / 33 mhz)  12 mbps usb 1.1 host and device interface  gpio interface  sdram controller  32 bit / 133 mhz sdram controller  sdr and ddr support  8 mb to 512 mb capacity  encryption/decryption block  3des-cbc, des-cbc  aes-cbc, aes-ctr with 128, 192, and 256 bit keys  md5, sha1, hmac-md5, hmac-sha1  ssl-mac-md5, ssl-mac-sha1, tls-mac-md5, tls- mac-sha1  16-bit external interface bus  dual 16550 compatible uart  0.13 low-power 1/2/3.3v design  turnkey software and hardware provide the following benefits  plug-and-play  auto-discovery  user-transparent twincopy tm raid1 technology  stressless hot-swap, online-build, online-merge, online- repair  real-time encryption ensures data confidentiality  simultaneous nfs/cifs support  simultaneous wired & wireless lan accesses  advanced qos supports media playback/record  high-level raid0,1,10 independent of drive types  powerful volume management features  simple yet advanced file access control (acl)  advanced journaling file system  s.m.a.r.t. monitoring and report  12 mbps usb 1.1 compliant host/device interface enables expansion for print server, usb drives for seamless upgrade of hard disks & backup, ups features summary of benefits BCM4780p pci 2.3 host external interface bus 300-mhz mips32 core with mmu encryption/ decryption sdram i/f usb 1.1 host / device 2 mb?32 mb flash memory odd uart 10/100 mac gpio 8 mb? 512 mb 133-m hz sdr/ddr sdram 802.11a/b/g wireless lan 10/100 lan rj-45 ac101l magnetics ac101l sata or ide sata or ide sata or ide sata or ide
overview ? phone: 949-450-8700 fax: 949-450-8710 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 16215 alton parkway, p.o. box 57013 irvine, california 92619-7013 ? 2003 by broadcom corporation. all rights reserved. 4780p-pb01-r 04/12/04 broadcom ? , the pulse logo, and connecting everything ? are trademarks of broadcom corporation and/ or its subsidiaries in the united states and certain other countries. all other trademarks mentioned are the property of their respective owners. the broadcom nasoc BCM4780p processor is a high-performance, low-power chip designed for entry-level nas products. the BCM4780p has an advanced custom 400 dmips / 300 mhz mips32? core with a 2-way set associative 16 kb instruction cache, a 16 kb data cache, a 1 kb prefetch cache, and a 10/100 ethernet mac. an integrated mmu with a 32-entry tlb allows support of multi- threaded operating systems such as standard distribution linux. the BCM4780p provides simultaneous pci 2.3 host interface, expansion host interface, and usb 1.1 host/device interface operation for adding application-specific peripherals - including broadcom's bcm4309 ieee 802.11a/g dual-band processor, the bcm4306 ieee 802.11g processor, the bcm4301 ieee 802.11b processor, and an external ata/sata controller. the pci 2.3 host interface allows enumeration of three external pci peripherals (or more, with an external arbiter) for platform expansion. the external interface bus allows expansion of up to four devices without external address decoding. the BCM4780p is capable of hosting two usb 1.1 compliant devices (a two port hub is integrated), allowing platform expansion by end users, and it has usb print server functionality integrated. in addition, the usb interface can be configured as a usb device (instead of as a host) to support applications where the BCM4780p-based system is added to legacy systems. BCM4780p block diagram usb device controller two-port external interface bus 10/100 mac internal bus gpio port flash sdram sdram interface pll 48 mhz crystal i-cache (16 kb) d-cache (16 kb) mmu timer interrupt ctrl bus i/f ejtag mult/acc mips32 core pci interface usb device controller usb host controller 10/100 mac internal bus gpio port uart sdram sdram interface pll 48 mhz crystal cache controller + 1 kb prefetch cache mmu timer bus i/f ejtag mult/acc mips32 core ide lan bcm47 8 0p encryption/ decryption block usb connectors


▲Up To Search▲   

 
Price & Availability of BCM4780

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X