this document was generated on 04/19/2010 please check www.molex.com for latest part information part number: 0416620007 status: active description: 3.96mm (.156") pitch kk? header, breakaway, right angle, 8 circuits, 0.38m (15") gold (au) selective plating documents: 3d model product specification ps-08-50 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 41662 application board-to-board, wire-to-board product name kk? physical breakaway yes circuits (loaded) 8 circuits (maximum) 8 color - resin black durability (mating cycles max) 50 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of rows 1 orientation right angle pc tail length (in) 0.184 in pc tail length (mm) 4.67 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part yes polarized to pcb no shrouded partial stackable no temperature range - operating 0c to +75c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 41662 series mates with 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , 41815
termination interface: style through hole electrical current - maximum per contact 7a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number A-41662-B08Y208 reference - drawing numbers product specification ps-08-50 sales drawing sd-41662-001 this document was generated on 04/19/2010 please check www.molex.com for latest part information
|