Part Number Hot Search : 
SK1020 1N968 2SK3019 ACTR312 MDC03 CR200 7N60B ESS3890
Product Description
Full Text Search
 

To Download 74061-2521 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/01/2010 please check www.molex.com for latest part information part number: 0740612521 status: active overview: vhdm description: 2.00mm (.079") pitch vhdm? board-to-board backplane header, vertical, 8-row, guide pin signal module, pin end version, 200 circuits, pin length 4.75mm (.187") documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family backplane connectors series 74061 application backplane application tooling documents tooling manual comments keying position b component type pcb header overview vhdm product name vhdm? style n/a physical circuits (loaded) 200 circuits (maximum) 200 color - resin black durability (mating cycles max) 200 first mate / last break no guide to mating part yes keying to mating part yes material - metal beryllium copper, high performance alloy (hpa), stainless steel material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic number of columns n/a number of pairs open pin field number of rows 8 orientation vertical pc tail length (in) 0.098 in pc tail length (mm) 2.50 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.070 in pcb thickness recommended (mm) 1.80 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 30 plating min: termination (m) 0.75 polarized to pcb yes stackable no series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 74061 series mates with 74040 vhdm? board-to-board daughtercard receptacle application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # vhdm? signal pin inserter repair tool 0622015700 vhdm? 8 row pin and shield repair tool 0622015900 vhdm? 8 row shield extraction tool 0622016100
surface mount compatible (smc) yes temperature range - operating 105c max termination interface: style through hole - compliant pin electrical current - maximum per contact 1a data rate 3.125 gbps real signals (per 25mm) 100 shield type ground plane shield shielded yes voltage - maximum 120v ac (rms)/dc material info reference - drawing numbers sales drawing sd-74061-002 vhdm and very high density metric are trademarks of amphenol corporation vhdm? insertion module for advanced mate signal header, 6 row by 25 wide, 50.00mm (1.97") 0622020206 vhdm? insertion module for standard shield signal header, 8 row by 25 wide, 50.00mm (1.97") 0622020210 flat rock tooling for pneumatic press 0622013700 this document was generated on 06/01/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 74061-2521

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X