Part Number Hot Search : 
TC429MJA 00LT1 P8203 39K50 F412A ATMEG SA58A C4306
Product Description
Full Text Search
 

To Download 70563-0047 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/28/2010 please check www.molex.com for latest part information part number: 0705630047 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch sl? header, single row, vertical, .180" pocket, shrouded, 13 circuits, tin (sn) plating documents: 3d model product specification ps-70400 (pdf) packaging specification (pdf) product specification ps-70541 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70563 application wire-to-board overview cgrid__sl_products product name sl? physical breakaway no circuits (loaded) 13 circuits (maximum) 13 durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no guide to mating part yes lock to mating part yes material - plating mating tin material - plating termination tin number of rows 1 orientation vertical pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 150 plating min: mating (m) 3.80 plating min: termination (in) 150 plating min: termination (m) 3.80 polarized to mating part yes shrouded fully stackable no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 3a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70563 series mates with 70004
voltage - maximum 250v solder process data lead-free process capability wave capable (th only) material info reference - drawing numbers packaging specification pk-70873-0016 product specification ps-70400, ps-70541 sales drawing sda-70563-**** this document was generated on 05/28/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 70563-0047

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X