Part Number Hot Search : 
01D05 BCM3418 TD6382P BYT30 LC753 DTA114TK MIC2586 74LS13
Product Description
Full Text Search
 

To Download 2SC3061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3061 description with to-3 package ultra-fast switching wide area of safe operation high breakdown voltage applications switching regulators motor controls ultrasonic oscillators class c and d amplifiers deflection circuits pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(t c =25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1200 v v ceo collector-emitter voltage open base 850 v v ebo emitter-base voltage open collector 7 v i c collector current 10 a i cp collector current-pulse pw / 25s,duty cycle / 50% 20 a i b base current 5 a p c collector power dissipation t c =25 200 w t j junction temperature 175  t stg storage temperature -65~175  fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC3061 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;r be = > 850 v v (br)cbo collector-base breakdown voltage i c =1ma; i e =0 1200 v v (br)ebo emitter-base breakdown voltage i e =1ma; i c =0 7 v v ce (sat) collector-emitter saturation voltage i c =4a; i b =0.8a 1.5 v v be (sat) base-emitter saturation voltage i c =4a; i b =0.8a 2.0 v v cb =1000v; i e =0 100 a i cbo collector cut-off current v cb =1000v; i e =0, t c =100 1 ma i ebo emitter cut-off current v eb =6v; i c =0 100 a h fe dc current gain i c =4a ; v ce =5v 10 30 f t transition frequency i c =1a ; v ce =10v 15 mhz c ob output capacitance i e =0; v cb =10v,f=1mhz 220 pf switching times t r rise time 0.5 s t stg storage time 3.5 s t f fall time v cc =400v; i c =4a i b1 =0.4a;i b2 =-1.2a; 0.3 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC3061 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SC3061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X