Part Number Hot Search : 
RF2054SB 5KE15 74F57 IRG4C ARS50 TDA72 VPA18 SBL20
Product Description
Full Text Search
 

To Download 109D24VFS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the 100vfs 1 watt dc/dcs are specially designed to provide ultra-high levels of isolation 3000vdc in a miniature sip package. the series consists of 27 models with input voltages of 5v, 12v and 24v, and offers standard output voltages of 3.3v, 5v, 9v, 12v, 15v, 5v, 9v, 12v, and 15v for a wide choice. the 100vfs series is an excellent selection for a variety of applications including distributed power systems, mixed analog/digital subsystems, portable test equipment, local power networks and battery backed systems. d d e e s s c c r r i i p p t t i i o o n n s s ? ? h h i i g g h h i i s s o o l l a a t t i i o o n n - - 3 3 0 0 0 0 0 0 v v d d c c ? ? u u p p t t o o 8 8 1 1 % % e e f f f f i i c c i i e e n n c c y y ? ? s s i i n n g g l l e e a a n n d d d d u u a a l l o o u u t t p p u u t t , , 1 1 w w a a t t t t c c o o n n v v e e r r t t e e r r ? ? a a v v a a i i l l a a b b l l e e i i n n 5 5 , , 1 1 2 2 , , a a n n d d 2 2 4 4 v v d d c c i i n n p p u u t t s s ? ? m m i i n n i i a a t t u u r r e e p p a a c c k k a a g g e e ? ? s s m m t t t t e e c c h h n n o o l l o o g g y y f f e e a a t t u u r r e e s s i i n n p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s o o u u t t p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments input voltage 5 vdc input models vdc 12 vdc input models vdc 24 vdc input models vdc input fuse requirements 5 vdc input models ma; slow blow type 12 vdc input models ma; slow blow type 15 vdc input models ma; slow blow type reverse polarity input current amp input filter input capacitor unit/comments output voltage set point % output voltage at nominal line & fl output voltage balance % equal output (duals) loads line regulation %; % change / percentage change in input voltage load regulation % output voltage measured from fl to 20% load ripple/noise mv p-p, nom.line @fl, 20mhz b.w., using 1 f bypass capacitor ripple/noise mv p-p, over line, load & temp., 20 mhz b.w., using 1 f bypass capacitor short circuit protection second, momentary temperature coefficient % per degree c min typ 1.0 0.1 1.2 65 0.01 max 3.0 1.0 1.5 100 150 <0.5 0.02 single & dual output dc/dc converter min 4.5 10.8 21.6 typ 5 12 24 500 200 100 max 5.5 13.2 26.4 0.3 g g e e n n e e r r a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments switching frequency khz isolation voltage vdc, 1 minute isolation resistance mohm, 500vdc isolation capacitance pf, 100khz, 1volt mtbf (mil-hbk-217f) million hours, +25 o c, ground benign min 70 3000 10,000 2 typ 100 60 max 120 100 see model selection guide >> b-9 100vfs series www.make-ps.com e-mail:info@make-ps.com
e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t l l i i n n e e d d r r a a w w i i n n g g all specifications are typical at nominal input, nominal load and 25 c unless otherwise specified. external, low esr, 10 microfarad (minimum) capacitor across output is recommended for operation. p p i i n n o o u u t t c c h h a a r r t t pins 1 2 5 6 7 single +vin -vin - vout no pin + vout dual + vin - vin - vout common + vout p p h h y y s s i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments 0.77 x 0.24 x 0.40 inches (19.5 x 6.1 x 10.2 mm) 0.77 x 0.28 x 0.40 inches (19.5 x 7.1 x 10.2 mm) non-conductive black plastic ul94v-0 2.2 grams 2.6 grams 0.77 (19.5) bottom view 0.40 (10.2) side view case size 5v & 12v input 24v input case material flammability weight 5v & 12 v input 24v input unit/comments o c; ambient o c % humidity; non- condensing free-air convection operating temp. range storage temp. range relative humidity cooling min -25 -40 typ max +85 +125 +95 1 2 5 6 7 0.08 (2.1) 0.100 (2.54) typ notes: 1. unless otherwise specified dimensions are in inches (mm). tolerances inches mm x.xx = 0.02 x.x = 0.5 x.xxx= 0.010 x.xx = 0.25 pin : 0.002 0.05 0.02 (0.5) 0.010 (0.25) 0.05 (1.3) 0.13 (3.2) 0.020 (0.50) 0.73 (18.5) 0.24 (6.1) - 5v & 12v 0.28 (7.1) - 24v 0.300 (7.62) >> b-10 www.make-ps.com e-mail:info@make-ps.com
h h o o w w t t o o o o r r d d e e r r 1 xx s xx vfs - output voltage series h h o o w w t t o o o o r r d d e e r r m m o o d d e e l l s s e e l l e e c c t t i i o o n n c c h h a a r r t t model nominal input voltage (vdc) output voltage (vdc) full load output current (ma) no load input current (ma) full load input current (ma) load regulation max. (%) efficiency @ fl (%) 103s5vfs 105s5vfs 109s5vfs 112s5vfs 115s5vfs 105d5vfs 109d5vfs 112d5vfs 115d5vfs 103s12vfs 105s12vfs 109s12vfs 112s12vfs 115s12vfs 105d12vfs 109d12vfs 112d12vfs 115d12vfs 103s24vfs 105s24vfs 109s24vfs 112s24vfs 115s24vfs 105d24vfs 109D24VFS 112d24vfs 115d24vfs 5 5 5 5 5 5 5 5 5 12 12 12 12 12 12 12 12 12 24 24 24 24 24 24 24 24 24 3.3 5 9 12 15 5 9 12 15 3.3 5 9 12 15 5 9 12 15 3.3 5 9 12 15 5 9 12 15 260 200 110 84 67 100 56 42 34 260 200 110 84 67 100 56 42 34 260 200 110 84 67 100 56 42 34 30 30 30 30 30 30 30 30 30 12 12 12 12 12 12 12 12 12 7 7 7 7 7 7 7 7 7 235 281 260 258 258 278 262 258 258 96 114 106 105 104 113 106 104 105 49 59 54 54 53 58 55 53 53 10 10 8 7 7 10 8 7 7 8 8 5 5 5 8 5 5 5 8 8 5 5 5 8 5 5 5 73 71 76 78 78 72 77 78 79 74 73 78 80 80 74 79 81 81 73 71 76 78 79 72 76 79 80 output configuration (s=single, d=dual) wattage nominal input voltage y rohs compliant >> b-11 www.make-ps.com e-mail:info@make-ps.com
d d e e r r a a t t i i n n g g c c u u r r v v e e s s -40 50 60 70 80 90 100 110 pout % temperature c model 100vfs (3.3v, 5v & 5v) natural convection 200lfm 400lfm 100lfm 100 90 80 70 60 50 40 30 20 10 0 pout % temperature c model 100vfs (all other outputs) natural convection 100 90 80 70 60 50 40 30 20 10 0 -40 50 60 70 80 90 100 110 400lfm 200lfm 100lfm >> b-12 www.make-ps.com e-mail:info@make-ps.com


▲Up To Search▲   

 
Price & Availability of 109D24VFS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X