Part Number Hot Search : 
H5020 40N03 XC4010XL 78L12 SI9113DB M34552 C5110A C5110A
Product Description
Full Text Search
 

To Download 109D24HFS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the 100hfs series is a family of cost effective 1 watt single and dual output dc/dc converters in ultra-miniature sip packages. 24 models operate from input bus voltages of 5v, 12 and 24v; producing output voltage levels of 5v, 9v, 12v, 15v, 5, 9v, 12v or 15v. with footprint as little as 0.108 in 2 , the 100hfs series is ideal for innumerable board level power distribution applications where space is critical. d d e e s s c c r r i i p p t t i i o o n n s s 100hfs series ? ? m m i i n n i i a a t t u u r r e e s s i i n n g g l l e e - - i i n n l l i i n n e e - - p p a a c c k k a a g g e e ( ( s s i i p p ) ) ? ? 1 1 0 0 0 0 0 0 v v d d c c i i n n p p u u t t / / o o u u t t p p u u t t i i s s o o l l a a t t i i o o n n ? ? h h i i g g h h e e f f f f i i c c i i e e n n c c y y ? ? w w i i d d e e o o p p e e r r a a t t i i n n g g t t e e m m p p e e r r a a t t u u r r e e r r a a n n g g e e ? ? m m t t b b f f > > 2 2 , , 0 0 0 0 0 0 , , 0 0 0 0 0 0 h h o o u u r r s s ? ? l l o o w w c c o o s s t t f f e e a a t t u u r r e e s s i i n n p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s o o u u t t p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments input voltage 5 vdc input models vdc 12 vdc input models vdc 15 vdc input models vdc 24 vdc input models vdc input fuse requirements 5 vdc input models ma; slow blow type 12 vdc input models ma; slow blow type 15 vdc input models ma; slow blow type 24 vdc input models ma; slow blow type reverse polarity input a current input filter internal capacitor unit/comments output voltage set point % output voltage at nominal line & fl output voltage balance % equal output (duals) loads line regulation %; % change / percentage change in input voltage load regulation % output voltage measured from fl to 20% load ripple/noise - single mv p-p, nom.line dual @fl, 20mhz b.w., using 1 f bypass capacitor ripple/noise - single mv p-p, over line, - dual load & temp., 20 mhz b.w., using 1 f bypass capacitor short circuit protection second temperature coefficient % per degree c min typ 1.0 0.1 1.2 100 50 0.01 max 3.0 1.0 1.5 150 75 200 150 0.5 0.02 single & dual output dc/dc converter min 4.5 10.8 13.5 21.6 typ 5 12 15 24 500 200 150 100 max 5.5 13.2 16.5 26.4 0.3 g g e e n n e e r r a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments switching frequency single khz dual khz isolation voltage vdc, 1 sec isolation resistance mohm, 500vdc isolation capacitance pf, 100khz, 1volt mtbf (mil-hbk-217f) thousand hours, +25 o c, ground benign min 50 70 1100 1000 2000 typ 90 100 60 max 110 120 100 see model selection chart >> b-5 www.make-ps.com e-mail:info@make-ps.com
e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t l l i i n n e e d d r r a a w w i i n n g g all specifications are typical at nominal input, nominal load and 25 c unless otherwise specified. external, low esr, 10 microfarad (minimum) capacitor across output is recommended for operation. p p i i n n o o u u t t c c h h a a r r t t p p h h y y s s i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments 0.45 x 0.24 x 0.40 inches (11.5 x 6.1 x 10.2 mm) 0.45 x 0.28 x 0.40 inches (11.5 x 7.1 x 10.2 mm) 0.77 x 0.24 x 0.40 inches (19.5 x 6.1 x 10.2 mm) 0.77 x 0.28 x 0.40 inches (19.5 x 7.1 x 10.2 mm) non-conductive black plastic ul94v-0 1.3 grams 1.7 grams 2.2 grams 2.6 grams 0.45 (11.5) side bottom case size single: 5 & 12 vdc input 24 vdc input dual: 5 & 12 vdc input 24 vdc input case material flammability weight single: 5 & 12 vdc input 24 vdc input dual: 5 & 12 vdc input 24 vdc input unit/comments o c; ambient o c; ambient o c; case o c % humidity; non- condensing free-air convection operating temp. single dual operating temp. range storage temp. range relative humidity cooling min -40 -40 -25 -40 typ max +75 +85 +90 +125 95 notes: 1. unless otherwise specified dimensions are in inches (mm). tolerances inches mm x.xx = 0.02 x.x = 0.5 x.xxx= 0.010 x.xx = 0.25 0.41 (10.5) 0.100 (2.54) 0.08 (1.9) 1 2 3 4 0.02 (0.5) 0.40 (10.2) 0.13 (3.2) 0.010 (0.25) 0.07 (1.8) 0.24 (6.1) 5 & 12v input pins 1 2 3 4 5 6 single -vin + vin - vout + vout - - dual + vin -vin - - vout common + vout side bottom 0.77 (19.5) 0.08 (2.1) 0.100 (2.54) typ 0.13 (3.2) 0.40 (10.2) 0.02 (0.5) 0.73 (18.5) 0.010 (0.25) 0.02 (1.3) 0.02 (0.5) 1 2 4 5 6 0.28 (7.1) 24v input s s i i n n g g l l e e d d u u a a l l 0.200 (5.08) >> b-6 www.make-ps.com e-mail:info@make-ps.com
h h o o w w t t o o o o r r d d e e r r 1 xx s xx hfs - output voltage series h h o o w w t t o o o o r r d d e e r r m m o o d d e e l l s s e e l l e e c c t t i i o o n n c c h h a a r r t t model nominal input voltage (vdc) input voltage range (vdc) output voltage (vdc) max. output current (ma) efficiency @ fl (%) max. load regulation (%) output configuration (s=single, d=dual) wattage nominal input voltage 105s5hfs 109s5hfs 112s5hfs 115s5hfs 105d5hfs 109d5hfs 112d5hfs 115d5hfs 105s12hfs 109s12hfs 112s12hfs 115s12hfs 105d12hfs 109d12hfs 109d12hfs 115d12hfs 105s24hfs 109s24hfs 112s24hfs 115s24hfs 105d24hfs 109D24HFS 112d24hfs 115d24hfs 5 5 5 5 5 5 5 5 12 12 12 12 12 12 12 12 24 24 24 24 24 24 24 24 4.5 - 5.5 4.5 - 5.5 4.5 - 5.5 4.5 - 5.5 4.5 - 5.5 4.5 - 5.5 4.5 - 5.5 4.5 - 5.5 10.8 - 13.2 10.8 - 13.2 10.8 - 13.2 10.8 - 13.2 10.8 - 13.2 10.8 - 13.2 10.8 - 13.2 10.8 - 13.2 21.6 - 26.4 21.6 - 26.4 21.6 - 26.4 21.6 - 26.4 21.6 - 26.4 21.6 - 26.4 21.6 - 26.4 21.6 - 26.4 5.0 9.0 12.0 15.0 5.0 9.0 12.0 15.0 5.0 9.0 12.0 15.0 5.0 9.0 12.0 15.0 5.0 9.0 12.0 15.0 5.0 9.0 12.0 15.0 200 110 84 67 100 56 42 34 200 110 84 67 100 56 42 34 200 100 84 67 100 56 42 34 69 76 77 78 72 77 78 79 71 77 79 80 74 79 81 81 70 76 79 79 72 76 79 80 11 8 7 6 8 8 8 8 9 5 5 4 8 8 8 8 8 5 4 4 8 8 8 8 y rohs compliant >> b-7 www.make-ps.com e-mail:info@make-ps.com
d d e e r r a a t t i i n n g g c c u u r r v v e e s s -40 50 60 70 80 90 100 110 pout % temperature c model 100hfs single - 3.3v, 5v & 5v output natural convection 400lfm 200lfm 100lfm 100 90 80 70 60 50 40 30 20 10 0 -40 50 60 70 80 90 100 110 pout % temperature c model 100hfs single - 24v natural convection 200lfm 400lfm 100lfm 100 90 80 70 60 50 40 30 20 10 0 -40 50 60 70 80 90 100 110 pout % temperature c model 100hfs dual - 5v output natural convection 200lfm 400lfm 100lfm 100 90 80 70 60 50 40 30 20 10 0 -40 50 60 70 80 90 100 110 pout % temperature c model 100hfs dual - all other outputs natural convection 400lfm 200lfm 100lfm 100 90 80 70 60 50 40 30 20 10 0 >> b-8 www.make-ps.com e-mail:info@make-ps.com


▲Up To Search▲   

 
Price & Availability of 109D24HFS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X